Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS56-0001-TR Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # DS56-0001-TR
Description  Low Cost Six-Way SMT Power Divider 824 - 960 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

DS56-0001-TR Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  DS56-0001-TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. DS56-0001-TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. DS56-0001-TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. DS56-0001-TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Low Cost Six-Way SMT Power Divider
824 - 960 MHz
Rev. V5
DS56-0001
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 50Ω
Parameter
Units
Min
Typ
Max
Insertion Loss Above 7.8 dB
dB
1.3
1.5
Isolation
dB
20
25
VSWR
1.4:1
1.6:1
Amplitude Balance
dB
0.2
0.5
Phase Balance
Deg.
6
8
Recommended PCB Configuration
Absolute Maximum Ratings
2,3
Parameter
Absolute Maximum
Input Power
4
1 W CW
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to 150°C
2.
Exceeding any one or combination of these limits may cause
permanent damage to this device.
3.
M/A-COM does not recommend sustained operation near
these survivability limits.
4.
With internal load dissipation of 0.125 W maximum.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
GMIC
Circuits
are
sensitive
to
electrostatic
discharge (ESD) and can be damaged by static
electricity. Proper ESD control techniques should
be used when handling these devices.


Similar Part No. - DS56-0001-TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS56-0001-TR MACOM-DS56-0001-TR Datasheet
113Kb / 2P
   Low Cost Six-Way SMT Power Divider 824 - 960 MHz
More results

Similar Description - DS56-0001-TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS56-0001 MACOM-DS56-0001 Datasheet
113Kb / 2P
   Low Cost Six-Way SMT Power Divider 824 - 960 MHz
logo
M/A-COM Technology Solu...
MAPDCC0017 MA-COM-MAPDCC0017 Datasheet
88Kb / 3P
   Low Cost Six-Way SMT Power Divider 824 - 960 MHz
logo
Tyco Electronics
DS56-0005 MACOM-DS56-0005 Datasheet
38Kb / 2P
   Low Cost Six-Way SMT Power Divider 824 - 960 MHz
logo
M/A-COM Technology Solu...
DS56-0005 MA-COM-DS56-0005 Datasheet
85Kb / 4P
   Low Cost Six-Way Power Divider 824 - 960 MHz
MAPDCC0019 MA-COM-MAPDCC0019 Datasheet
81Kb / 4P
   Low Cost Six-Way Power Divider 824 - 960 MHz Rev. V2
logo
Tyco Electronics
DS52-0001 MACOM-DS52-0001 Datasheet
185Kb / 2P
   Low Cost Two-Way SMT Power Divider 824-960 MHz
logo
M/A-COM Technology Solu...
DS52-0001 MA-COM-DS52-0001 Datasheet
116Kb / 4P
   Low Cost Two-Way SMT Power Divider 824-960 MHz
MAPDCC0001 MA-COM-MAPDCC0001 Datasheet
115Kb / 4P
   Low Cost Two-Way SMT Power Divider 824-960 MHz
logo
Tyco Electronics
MAPDCC0011 MACOM-MAPDCC0011 Datasheet
155Kb / 3P
   Low Cost Two-Way GMIC SMT Power Divider 824-960 MHz
logo
M/A-COM Technology Solu...
DS52-0008 MA-COM-DS52-0008 Datasheet
73Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com