Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS54-0006-TB Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # DS54-0006-TB
Description  Four Way SMT Power Splitter/Combiner 1700 - 2000 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

DS54-0006-TB Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  DS54-0006-TB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. DS54-0006-TB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. DS54-0006-TB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. DS54-0006-TB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Four Way SMT Power Splitter/Combiner
1700 – 2000 MHz
Rev. V4
DS54-0006
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 50Ω
Parameter
Units
Min
Typ
Max
Insertion Loss above 6.0 dB
dB
1.4
1.7
Isolation
1700 - 2000
dB
18
23
VSWR
Output
Input
1700 – 1880
Input
1880 – 2000
1.2:1
1.6:1
1.4:1
1.7:1
2.0:1
1.7:1
Amplitude Balance
dB
0.8
1.3
Phase Balance
Deg
5
10
Absolute Maximum Ratings
2,3
Parameter
Absolute Maximum
Input Power
4
1 W CW
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.
4. With internal load dissipation of 0.125 W Maximum.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
GMIC
Circuits
are
sensitive
to
electrostatic
discharge (ESD) and can be damaged by static
electricity. Proper ESD control techniques should
be used when handling these devices.
Typical Performance Curves @25ºC
Amplitude Balance vs. Frequency
Insertion Loss vs. Frequency


Similar Part No. - DS54-0006-TB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS54-0006-TR MACOM-DS54-0006-TR Datasheet
37Kb / 2P
   Four Way SMT Power Splitter/Combiner 1700 - 2000 MHz
More results

Similar Description - DS54-0006-TB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS54-0006 MACOM-DS54-0006 Datasheet
37Kb / 2P
   Four Way SMT Power Splitter/Combiner 1700 - 2000 MHz
logo
M/A-COM Technology Solu...
MAPDCC0014 MA-COM-MAPDCC0014 Datasheet
74Kb / 4P
   Four Way SMT Power Splitter/Combiner 1700 - 2000 MHz
logo
Tyco Electronics
DS54-0002 MACOM-DS54-0002 Datasheet
58Kb / 2P
   Low Cost Four-Way SMT Power Splitter/ Combiner 1700-2000 MHz
logo
M/A-COM Technology Solu...
MAPDCC0008 MA-COM-MAPDCC0008 Datasheet
102Kb / 3P
   Low Cost Four-Way SMT Power Splitter/Combiner, 1700 - 2000 MHz
DS54-0002 MA-COM-DS54-0002 Datasheet
102Kb / 3P
   Low Cost Four-Way SMT Power Splitter/Combiner, 1700 - 2000 MHz
MAPDCC0018 MA-COM-MAPDCC0018_15 Datasheet
538Kb / 5P
   Low Cost Six-Way Power Splitter/Combiner 1700 ??2000 MHz
logo
Tyco Electronics
DS56-0002 MACOM-DS56-0002 Datasheet
115Kb / 2P
   Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
logo
M/A-COM Technology Solu...
DS56-0002 MA-COM-DS56-0002 Datasheet
86Kb / 4P
   Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
MAPDCC0018 MA-COM-MAPDCC0018 Datasheet
85Kb / 4P
   Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
MAPDCC0014 MA-COM-MAPDCC0014_15 Datasheet
503Kb / 5P
   Four Way SMT Power Splitter/Combiner
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com