Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS54-0006-TR Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # DS54-0006-TR
Description  Four Way SMT Power Splitter/Combiner 1700 - 2000 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

DS54-0006-TR Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  DS54-0006-TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. DS54-0006-TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. DS54-0006-TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. DS54-0006-TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Four Way SMT Power Splitter/Combiner
1700 – 2000 MHz
Rev. V4
DS54-0006
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Low Cost
• Small Size and Low Profile
• Excellent Repeatability (Lot-to-Lot Variation)
• Typical Isolation: 23 dB
• Typical Amplitude Balance: 0.8 dB
• Typical Insertion Loss: 1.4 dB
• SOIC-16 Package
Description
M/A-COM’s DS54-0006 is an IC-based monolithic
power splitter/combiner in a low cost SOIC-16 plastic
package. This device is ideally suited for applica-
tions where PCB real estate is at a premium and
standard packaging for automated assembly and low
cost are critical. Typical applications include infra-
structure,
portables,
and
peripheral
devices
(PCMCIA cards) for wireless standards such as
PCS, PCN, DECT, PHS, and DCS-1800. Available
in Tape and Reel.
The DS54-0006 is fabricated using a passive-
integrated circuit process. The process features full-
chip passivation for increased performance and reli-
ability.
Ordering Information
Part Number
Package
DS54-0006
Bulk Packaging
DS54-0006-TR
1000 piece reel
DS54-0006-TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Functional Block Diagram
1
Pin Configuration
Pin No.
Function
Pin No.
Function
1
GND
9
GND
2
GND
10
GND
3
GND
11
RF 4 OUT
4
RF 2 OUT
12
GND
5
GND
13
RF 3 OUT
6
RF 1 OUT
14
GND
7
GND
15
GND
8
RF IN
16
GND
1.
All unused pins must be RF and DC grounded.


Similar Part No. - DS54-0006-TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS54-0006-TR MACOM-DS54-0006-TR Datasheet
37Kb / 2P
   Four Way SMT Power Splitter/Combiner 1700 - 2000 MHz
More results

Similar Description - DS54-0006-TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS54-0006 MACOM-DS54-0006 Datasheet
37Kb / 2P
   Four Way SMT Power Splitter/Combiner 1700 - 2000 MHz
logo
M/A-COM Technology Solu...
MAPDCC0014 MA-COM-MAPDCC0014 Datasheet
74Kb / 4P
   Four Way SMT Power Splitter/Combiner 1700 - 2000 MHz
logo
Tyco Electronics
DS54-0002 MACOM-DS54-0002 Datasheet
58Kb / 2P
   Low Cost Four-Way SMT Power Splitter/ Combiner 1700-2000 MHz
logo
M/A-COM Technology Solu...
MAPDCC0008 MA-COM-MAPDCC0008 Datasheet
102Kb / 3P
   Low Cost Four-Way SMT Power Splitter/Combiner, 1700 - 2000 MHz
DS54-0002 MA-COM-DS54-0002 Datasheet
102Kb / 3P
   Low Cost Four-Way SMT Power Splitter/Combiner, 1700 - 2000 MHz
MAPDCC0018 MA-COM-MAPDCC0018_15 Datasheet
538Kb / 5P
   Low Cost Six-Way Power Splitter/Combiner 1700 ??2000 MHz
logo
Tyco Electronics
DS56-0002 MACOM-DS56-0002 Datasheet
115Kb / 2P
   Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
logo
M/A-COM Technology Solu...
DS56-0002 MA-COM-DS56-0002 Datasheet
86Kb / 4P
   Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
MAPDCC0018 MA-COM-MAPDCC0018 Datasheet
85Kb / 4P
   Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
MAPDCC0014 MA-COM-MAPDCC0014_15 Datasheet
503Kb / 5P
   Four Way SMT Power Splitter/Combiner
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com