Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS53-0001SAM Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # DS53-0001SAM
Description  Low Cost Three Way Power Splitter/Combiner 824 - 960 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

DS53-0001SAM Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  DS53-0001SAM Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. DS53-0001SAM Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. DS53-0001SAM Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. DS53-0001SAM Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Low Cost Three Way Power Splitter/Combiner
824 – 960 MHz
Rev. V4
DS53-0001
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 50Ω
Parameter
Units
Min
Typ
Max
Insertion Loss above 4.78 dB
dB
0.6
0.7
Isolation
dB
15
18
VSWR
1.4:1
1.6:1
Amplitude Balance
dB
0.6
0.8
Phase Balance
Deg
2
4
Recommended PCB Configuration
Absolute Maximum Ratings
2,3
Parameter
Absolute Maximum
Input Power
4
1W CW
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.
4. With internal load dissipation of 0.125 W Maximum.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
GMIC
Circuits
are
sensitive
to
electrostatic
discharge (ESD) and can be damaged by static
electricity. Proper ESD control techniques should
be used when handling these devices.


Similar Part No. - DS53-0001SAM

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS53-0001 MACOM-DS53-0001 Datasheet
110Kb / 2P
   Low Cost Three Way Power Splitter/Combiner 824 - 960 MHz
DS53-0001-RTR MACOM-DS53-0001-RTR Datasheet
110Kb / 2P
   Low Cost Three Way Power Splitter/Combiner 824 - 960 MHz
DS53-0001-TR MACOM-DS53-0001-TR Datasheet
110Kb / 2P
   Low Cost Three Way Power Splitter/Combiner 824 - 960 MHz
More results

Similar Description - DS53-0001SAM

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS53-0001 MACOM-DS53-0001 Datasheet
110Kb / 2P
   Low Cost Three Way Power Splitter/Combiner 824 - 960 MHz
logo
M/A-COM Technology Solu...
MAPDCC0005 MA-COM-MAPDCC0005 Datasheet
81Kb / 4P
   Low Cost Three Way Power Splitter/Combiner 824 - 960 MHz
MAPDCC0007 MA-COM-MAPDCC0007 Datasheet
78Kb / 3P
   Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
logo
Tyco Electronics
DS54-0001 MACOM-DS54-0001 Datasheet
37Kb / 2P
   Low Cost Four-Way SMT Power Splitter/Combiner, 824-960 MHz
logo
M/A-COM Technology Solu...
DS54-0001 MA-COM-DS54-0001 Datasheet
81Kb / 4P
   Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
MAPDCC0007 MA-COM-MAPDCC0007_15 Datasheet
587Kb / 4P
   Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
logo
Tachyonics CO,. LTD
MAPDCC0007 TACHYONICS-MAPDCC0007 Datasheet
439Kb / 3P
   Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
logo
Tyco Electronics
MAPDCC0005 MACOM-MAPDCC0005 Datasheet
649Kb / 4P
   Low Cost Three Way Power Splitter/Combiner
logo
M/A-COM Technology Solu...
MAPDCC0005 MA-COM-MAPDCC0005 Datasheet
81Kb / 4P
   Low Cost Three Way Power Splitter/Combiner
MAPDCC0005 MA-COM-MAPDCC0005_15 Datasheet
558Kb / 5P
   Low Cost Three Way Power Splitter/Combiner
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com