Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M83513-05-12 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # M83513-05-12
Description  Micro-D Hardware
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M83513-05-12 Datasheet(HTML) 1 Page - Glenair, Inc.

  M83513-05-12 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC.
• 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
J-7
E-Mail: sales@glenair.com
J
MIL SPEC JACKSCREW KITS
Configuration
Connector
Size,
Thread Size
Dimensions
Mil Spec
Part Number
Glenair Part
Number
Jackpost
Sizes 9 to 69
Contacts. Mil
Spec Size A to G
#2-56 UNC
M83513/05-07
080-00-00-100
Size100 Only
Mil Spec Size H
#4-40 UNC
M83513/05-17
080-00-00-101
Hex Head
Jackscrew
Low Profile
Sizes 9 to 69
Contacts. Mil
Spec Size A to G
#2-56 UNC-2A
M83513/05-02
080-00-00-502
Size 100 Only
Mil Spec Size H
#4-40 UNC-2A
M83513/05-12
080-00-00-512
Slot Head
Jackscrew
Low Profile
Sizes 9 to 69
Contacts. Mil
Spec Size A to G
#2-56 UNC-2A
M83513/05-05
080-00-00-505
Size 100 Only
Mil Spec Size H
#4-40 UNC-2A
M83513/05-15
080-00-00-515
Hex Head
Jackscrew
Extended
Sizes 9 to 69
Contacts. Mil
Spec Size A to G
#2-56 UNC-2A
M83513/05-03
080-00-00-503
Size 100 Only
Mil Spec Size H
#4-40 UNC-2A
M83513/05-13
080-00-00-513
Slot Head
Jackscrew
Extended
Sizes 9 to 69
Contacts. Mil
Spec Size A to G
#2-56 UNC-2A
M83513/05-06
080-00-00-506
Size 100 Only
Mil Spec Size H
#4-40 UNC-2A
M83513/05-16
080-00-00-516
MIL-DTL-83513/05 Micro-D Hardware
Jackscrews and Jackposts
.156 (3.96)
DIA MAX
.258 (6.55) MAX
#2-56 UNC 2A
.090 (2.29) MIN
PERFECT THD
.083 (2.11) DIA
.610 (15.49) MAX
.140 (3.56) DIA
.292 (7.41) MAX
#4-40 UNC 2A
.110 (2.79) MIN
PERFECT THD
.200 (5.08)
DIA MAX
.610 (15.49) MAX
Mil Spec Hardware Kits feature 300 series stainless steel.
.125 (3.18) DIA
.103 (2.62) MAX
.062 (1.57) HEX
.258 (6.55) MAX
#2-56 UNC 2A
.090 (2.29) MIN PERFECT THD
.083 (2.11) DIA
.140 (3.56) DIA
.187 (4.75) DIA
.062 (1.57) HEX
.098 (2.49)
.292 (7.41) MAX
#4-40 UNC 2A
.110 (2.79) MIN PERFECT THD
.125 (3.18) DIA
.103 (2.62) MAX
.258 (6.55) MAX
#2-56 UNC 2A
.090 (2.29) MIN PERFECT THD
.083 (2.11) DIA
.140 (3.56) DIA
.292 (7.41) MAX
#4-40 UNC 2A
.110 (2.79) MIN
PERFECT THD
.200 (5.08)
DIA MAX
.062 (1.57) HEX
.610 (15.49) MAX
.156 (3.96)
DIA MAX
.062 (1.57) HEX
.258 (6.55) MAX
#2-56 UNC 2A
.090 (2.29) MIN
PERFECT THD
.083 (2.11) DIA
.610 (15.49) MAX
Order One Kit Per Connector. Jackpost kits contain two
posts, two hex nuts and 2 lockwashers. Jackscrew kits
contain 2 screws and 2 e-rings. Packaged one kit (two
screws or posts) per bag.
.190 / .185
(4.8 / 4.7)
.086 (2.2)-56
UNC-2A
.125 (3.2) HEX
.086 (2.2)-56
UNC-2B
.490 / .460
(12.4 / 11.7)
.185/.175
(4.7 / 4.4)
.112 (2.8)-40
UNC-2A
.187 (4.7) HEX
.112 (2.8)-40
UNC-2B
.490 / .460
(12.4 / 11.7)
.140 (3.56) DIA
.187 (4.75) DIA
.098 (2.49)
#4-40 UNC 2A
.110 (2.79) MIN PERFECT THD
.292 (7.41) MAX


Similar Part No. - M83513-05-12

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M83513-05-12 GLENAIR-M83513-05-12 Datasheet
257Kb / 1P
   Stainless Steel Jackscrew Kits
More results

Similar Description - M83513-05-12

ManufacturerPart #DatasheetDescription
logo
Kycon, Inc.
JSX-1000 KYCON-JSX-1000 Datasheet
948Kb / 1P
   D-SUBMINIATURE Hardware
logo
Ulti-Mate Connector Inc
SD-836820610 ULTI-MATE-SD-836820610 Datasheet
110Kb / 1P
   MICRO-D CIRCUIT CONNECTOR, RECEPTACLE, SIZE 15, STYLE 6, NO HARDWARE, CB6R15S0
8/7/17
SD-836270630 ULTI-MATE-SD-836270630 Datasheet
103Kb / 1P
   MICRO-D CIRCUIT CONNECTOR, CM6R51-3S0-.172, NO HARDWARE, CADMIUM PLATED SHELL
5/6/16
logo
CONEC Elektronische Bau...
160X10259X CONEC-160X10259X Datasheet
76Kb / 1P
   D-SUB Hardware accessories
logo
Tyco Electronics
2-1437012-4 MACOM-2-1437012-4 Datasheet
118Kb / 1P
   D CONNECTOR MOUNTING ACCESSORY HARDWARE
2-1437012-8 MACOM-2-1437012-8 Datasheet
118Kb / 1P
   D CONNECTOR MOUNTING ACCESSORY HARDWARE
609-007-1 MACOM-609-007-1 Datasheet
120Kb / 2P
   D CONNECTOR MOUNTING ACCESSORY HARDWARE
logo
Glenair, Inc.
M83513-06-A GLENAIR-M83513-06-A Datasheet
113Kb / 1P
   Micro-D Connectors
M83513-16-A01CN GLENAIR-M83513-16-A01CN Datasheet
240Kb / 4P
   Micro-D Connectors
M83513-28-A01CN GLENAIR-M83513-28-A01CN Datasheet
515Kb / 4P
   Micro-D Connectors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com