Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M83723-59-208AN Datasheet(PDF) 1 Page - Glenair, Inc.

Part # M83723-59-208AN
Description  Protective Covers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M83723-59-208AN Datasheet(HTML) 1 Page - Glenair, Inc.

  M83723-59-208AN Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
66-11
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
Shell
Size
8
10
12
14
16
18
20
22
24
MIL-DTL-83723
Series III
Bayonet
F Dia
Max
.776 (19.7)
.906 (23.0)
1.078 (27.4)
1.141 (29.0)
1.266 (32.2)
1.375 (34.9)
1.510 (38.4)
1.625 (41.3)
1.760 (44.7)
Gasket
Gasket
Length
F
F
M83723/60-2 Receptacle Cover
M27295 Receptacle Cover (See Note 3)
M83723/59-2 Plug Cover
M27293 Plug Cover (See Note 3)
Length
.757 (19.2)
Max
.618
(15.7)
Max
1. For complete dimensions see applicable Military Specifica-
tion.
2. Metric dimensions (mm) are indicated in parentheses.
3. MS27293 and MS27295 have a black anodize finish. Dash
no.’s 1, 2, and 7 have 3.0” (76.2) wire rope attachment and
other dash no.’s have a 5.0” (127.0) wire rope attachment.
TABLE I
M83723/59-2, M83723/60-2, MS27293
and MS27295 Protective Covers
M83723/59-2 10 A C
Basic Part No.
M83723/59-2 = Plug Cover
M83723/60-2 = Receptacle Cover
Shell Size
Finish
A = Black Anodize
R = Electroless Nickel
W = Cadmium Over Electroless Nickel
Attachment Style
C = 5.0” (127.0) Chain
P = 8.0” (203.2) Chain
R = 5.0” (127.0) Rope
T = 8.0” (203.2) Rope
N = No Attachment
MS27293-1
Basic Part No.
MS27293 = Plug Cover
MS27295 = Receptacle Cover
Dash No.
Superceded Part Number
See Note 3
M27294
M27295
Dash No.
7
1
2
3
4
5
8
6
9
.125 (3.2)
Max Dia.
.125 (3.2)
Max Dia.


Similar Part No. - M83723-59-208AN

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M83723-59-108AC GLENAIR-M83723-59-108AC Datasheet
76Kb / 1P
   Protective Covers
M83723-59-108AN GLENAIR-M83723-59-108AN Datasheet
76Kb / 1P
   Protective Covers
M83723-59-108AP GLENAIR-M83723-59-108AP Datasheet
76Kb / 1P
   Protective Covers
M83723-59-108AR GLENAIR-M83723-59-108AR Datasheet
76Kb / 1P
   Protective Covers
M83723-59-108AT GLENAIR-M83723-59-108AT Datasheet
76Kb / 1P
   Protective Covers
More results

Similar Description - M83723-59-208AN

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
660-006G16S5 GLENAIR-660-006G16S5 Datasheet
56Kb / 2P
   Protective Covers
660-008M20S6 GLENAIR-660-008M20S6 Datasheet
61Kb / 2P
   Protective Covers
660-014G16S5 GLENAIR-660-014G16S5 Datasheet
61Kb / 2P
   Protective Covers
660-047XO23 GLENAIR-660-047XO23 Datasheet
76Kb / 1P
   Protective Covers
660-014G16S5 GLENAIR-660-014G16S5 Datasheet
415Kb / 2P
   Protective Covers
660-049XO21R6 GLENAIR-660-049XO21R6 Datasheet
257Kb / 1P
   Protective Covers
M81511-16-08 GLENAIR-M81511-16-08 Datasheet
72Kb / 1P
   Protective Covers
290-009H10 GLENAIR-290-009H10 Datasheet
34Kb / 1P
   Protective Covers
logo
Crydom Inc.,
KS101 CRYDOM-KS101 Datasheet
632Kb / 5P
   PROTECTIVE COVERS
logo
Glenair, Inc.
M28840-13HAW GLENAIR-M28840-13HAW Datasheet
79Kb / 1P
   Protective Covers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com