Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR65-0002 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # DR65-0002
Description  Linear Driver for PIN Diode Attenuators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

DR65-0002 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  DR65-0002 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. DR65-0002 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. DR65-0002 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. DR65-0002 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Linear Driver for
PIN Diode Attenuators
Rev. V5
DR65-0002
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 50Ω
Parameter
Test Conditions
Units
Min
Typ
Max
Output Drive Current
Load Dependent
mA
10
+VCC Supply Range
V
3.0
5.0
12
+VCC Supply Tolerance
%
5
+VCC Quiescent Current
No Load
mA
1.0
2.0
Linearity
Application Dependent
dB
± 1
± 2.5
Transfer Function
Application Dependent
dB/V
3
7.5
10
Settling Time
50% Ctl to 90%/10% RF
µs
50
Absolute Maximum Ratings
1,2
Parameter
Absolute Maximum
+VCC
+20 V
Input +
± 5 V
REF
± 5 V
Output Current
20 mA
Operating Temperature
-40ºC to +85ºC
Storage Temperature
-65ºC to +125ºC
Package Power Dissipation
150 mW
Lead Temperature
300ºC for 10 seconds
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
2. M/A-COM does not recommend sustained operation near
these survivability limits.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.


Similar Part No. - DR65-0002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DR65-0002 MACOM-DR65-0002 Datasheet
216Kb / 2P
   Linear Driver for PIN Diode Attenuators
DR65-0002 MACOM-DR65-0002 Datasheet
151Kb / 2P
   Linear Driver for PIN Diode Attenuators
DR65-0002-TBG MACOM-DR65-0002-TBG Datasheet
236Kb / 3P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
DR65-0002-TBG MACOM-DR65-0002-TBG Datasheet
216Kb / 2P
   Linear Driver for PIN Diode Attenuators
DR65-0002-TBG MACOM-DR65-0002-TBG Datasheet
253Kb / 3P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
More results

Similar Description - DR65-0002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DR65-0002 MACOM-DR65-0002_1 Datasheet
151Kb / 2P
   Linear Driver for PIN Diode Attenuators
logo
M/A-COM Technology Solu...
MADR-007098-000100 MA-COM-MADR-007098-000100 Datasheet
69Kb / 4P
   Linear Driver for PIN Diode Attenuators
MADR-007098-000100 MA-COM-MADR-007098-000100 Datasheet
69Kb / 4P
   Linear Driver for PIN Diode Attenuators
logo
Tyco Electronics
DR65-0002 MACOM-DR65-0002 Datasheet
216Kb / 2P
   Linear Driver for PIN Diode Attenuators
logo
M/A-COM Technology Solu...
MADR-007098 MA-COM-MADR-007098 Datasheet
621Kb / 5P
   Linear Driver for PIN Diode Attenuators
logo
Tyco Electronics
MADR-007098-000100 MACOM-MADR-007098-000100 Datasheet
178Kb / 3P
   Linear Driver for PIN Diode Attenuators
logo
Anaren Microwave
61526 ANAREN-61526 Datasheet
1Mb / 4P
   Attenuators PIN Diode
61527 ANAREN-61527 Datasheet
1Mb / 4P
   Attenuators PIN Diode
61525 ANAREN-61525 Datasheet
876Kb / 4P
   Attenuators PIN Diode
61528 ANAREN-61528 Datasheet
868Kb / 4P
   Attenuators PIN Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com