Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M85049-24-70 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # M85049-24-70
Description  EMI/RFI Non-Environmental Backshells
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M85049-24-70 Datasheet(HTML) 1 Page - Glenair, Inc.

  M85049-24-70 Datasheet HTML 1Page - Glenair, Inc. M85049-24-70 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
38-8
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
K
J
H
L
Cable
Range
C (Table I,
Page 38-10)
A Thread
(Table I,
Page 38-10)
AS85049/24 and MS3188C
EMI/RFI Non-Environmental Backshells
STYLE 2
M85049/24-21 N
Basic Part No.
Dash No.
Finish and Material
B = Black Cadmium, Stainless Steel
N = Electroless Nickel, Aluminum
S = Passivated Stainless Steel
W = 1,000 Hour Cadmium Olive Drab
Over Electroless Nickel, Aluminum
MS3188C 21 N
Basic Part No.
Dash No.
Finish (Material is Aluminum)
A = Cadmium Olive Drab over Nickel
C = Cadmium Olive Drab
N = Electroless Nickel
Glenair Connector
Designator A
MIL-DTL-5015 Series 3400,
MIL-DTL-26482 Series 2,
AS81703 Series 3,
MIL-DTL-83723 Series I &
III, 40M39569, DEF 5326-3,
EN 2997, EN 3646,
ESC 10, ESC 11, LN 29504,
NFC93422 Series HE302,
PAN 6432-1, PAN 6432-2,
PATT 602
Superceded Part Number
Min
.125
(3.2)
.250
(6.4)
.125
(3.2)
.125
(3.2)
.250
(6.4)
.125
(3.2)
.250
(6.4)
.350
(8.9)
.250
(6.4)
.350
(8.9)
.250
(6.4)
.500 (12.7)
.350
(8.9)
.625 (15.9)
.350
(8.9)
.625 (15.9)
.500 (12.7)
.875 (22.2)
.500 (12.7)
.875 (22.2)
.625 (15.9)
Cable Range
Max
.250
(6.4)
.437 (11.1)
.250
(6.4)
.312
(7.9)
.375
(9.5)
.312
(7.9)
.437 (11.1)
.500 (12.7)
.437 (11.1)
.575 (14.6)
.437 (11.1)
.700 (17.8)
.625 (15.9)
.779 (19.8)
.625 (15.9)
.904 (23.0)
.750 (19.1)
1.029 (26.1)
.750 (19.1)
1.144 (29.1)
.937 (23.8)
Dash
No.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
Shell
Size
03
03
08
10
10
12
12
12
14
14
16
16
18
18
20
20
22
22
24
24
28
J
Max
1.862 (47.3)
1.382 (35.1)
1.262 (32.1)
1.982 (50.3)
1.382 (35.1)
2.002 (50.9)
2.002 (50.9)
1.397 (35.5)
2.072 (52.6)
1.717 (43.6)
2.162 (54.9)
1.807 (45.9)
2.332 (59.2)
1.982 (50.3)
2.332 (59.2)
1.982 (50.3)
2.442 (62.0)
2.087 (53.0)
2.442 (62.0)
2.087 (53.0)
2.612 (66.3)
L
Max
.957 (24.3)
1.145 (29.1)
.957 (24.3)
.957 (24.3)
1.145 (29.1)
.957 (24.3)
1.145 (29.1)
1.332 (33.8)
1.145 (29.1)
1.332 (33.8)
1.145 (29.1)
1.551 (39.4)
1.332 (33.8)
1.770 (45.0)
1.332 (33.8)
1.770 (45.0)
1.551 (39.4)
2.113 (53.7)
1.551 (39.4)
2.113 (53.7)
1.770 (45.0)
M85049/42
Ref
04
04
04
04
06
04
06
10
06
10
06
12
10
16
10
16
12
20
12
20
16
TABLE II
H
Max
.698 (17.7)
1.448 (36.8)
.603 (15.3)
.698 (17.7)
.698 (17.7)
.703 (17.9)
.703 (17.9)
.703 (17.9)
.803 (20.4)
.803 (20.4)
.988 (25.1)
.988 (25.1)
1.078 (27.4)
1.078 (27.4)
1.078 (27.4)
1.079 (27.4)
1.228 (31.2)
1.228 (31.2)
1.228 (31.2)
1.228 (31.2)
1.328 (33.7)
K
Ref.
1.027 (26.1)
1.027 (26.1)
1.027 (26.1)
1.027 (26.1)
1.027 (26.1)
1.027 (26.1)
1.027 (26.1)
1.027 (26.1)
1.027 (26.1)
1.027 (26.1)
1.027 (26.1)
1.059 (26.9)
1.027 (26.1)
1.156 (29.4)
1.027 (26.1)
1.156 (29.4)
1.059 (26.9)
1.375 (34.9)
1.059 (26.9)
1.375 (34.9)
1.156 (33.7)
1. For complete dimensions see appli-
cable Military Specification.
2. Metric dimensions (mm) are indicated
in parentheses.
3. When maximum cable entry is
exceeded, Style 2 will be supplied.
4. Cable range is defined as the accommo-dations range for the wire bundle or cable.
Dimensions shown are not intended for inspection criteria.
Table I Continued on Page 38-9


Similar Part No. - M85049-24-70

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-24-A GLENAIR-M85049-24-A Datasheet
253Kb / 1P
   Mounting Flange, Full Perimeter
M85049-24-A GLENAIR-M85049-24-A Datasheet
225Kb / 1P
   Mounting Flange, 1/4 Perimeter
More results

Similar Description - M85049-24-70

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-1909N01A GLENAIR-M85049-1909N01A Datasheet
76Kb / 1P
   EMI/RFI Non-Environmental Backshells
M85049-23-01 GLENAIR-M85049-23-01 Datasheet
105Kb / 2P
   EMI/RFI Non-Environmental Backshells
M85049-25-01 GLENAIR-M85049-25-01 Datasheet
109Kb / 4P
   EMI/RFI Non-Environmental Backshells
M85049-37-8N01 GLENAIR-M85049-37-8N01 Datasheet
36Kb / 1P
   EMI/RFI Non-Environmental Backshells
M81511-14-057 GLENAIR-M81511-14-057 Datasheet
101Kb / 3P
   RFI Non-Environmental Backshells
M85049-6-01 GLENAIR-M85049-6-01 Datasheet
101Kb / 2P
   EMI/RFI Environmental Backshells
M81511-14-001 GLENAIR-M81511-14-001 Datasheet
95Kb / 2P
   RFI Environmental Backshells
380AD010B08 GLENAIR-380AD010B08 Datasheet
80Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AH019B08 GLENAIR-380AH019B08 Datasheet
82Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AM009B08 GLENAIR-380AM009B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com