Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4PH235-1072T Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MA4PH235-1072T
Description  Packaged PIN Diodes RoHS Compliant
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4PH235-1072T Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MA4PH235-1072T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4PH235-1072T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4PH235-1072T Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4PH235-1072T Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4PH235-1072T Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4PH235-1072T Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4PH235-1072T Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
Packaged PIN Diodes
RoHS Compliant
Rev V.9
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Part Number
Minimum
Reverse
Voltage1
IR <10μA
Volts
Maximum
Capacitance
CT @100V
f = 1 MHz
pF
Maximum
Series
Resistance
RS @100mA
f = 100 MHz
Ω
CW Power
Dissipation
Rating
Watts
Nominal Characteristics
Carrier
Lifetime2
μS
I-Region
Width
mils
MA4P504-30
500
0.40
0.60
10
1.0
2
MADP000015-0000303
500
0.55
0.45
15
2.0
2
MA4P506-30
500
0.90
0.30
15
3.0
2
500V PIN Diodes Specifications (TAMB = +25°C)
Notes:
1. The minimum specified VR (Reverse Voltage ) is sourced and the resultant reverse leakage current, Ir, is measured to be <10μA.
2. Nominal carrier life time specified with diode biased at IF = +10mA , IREV = -6mA
3. To order this part in a package other than 30, use the prefix MA4P505 followed by a dash and the desired package style.
Specifications subject to change without prior notification
.
500V MELF PIN Diode Specifications (TAMB = +25°C)
Part Number
Minimum
Reverse
Voltage1
IR <10μA
Volts
Maximum
Capacitance
CT @100V
f = 1 MHz
pF
Maximum
Series
Resistance
RS @100mA
f = 100 MHz
Ω
CW Power
Dissipation
Rating
Watts
Nominal Characteristics
Carrier
Lifetime2
μS
I-Region
Width
mils
MA4P504-1072T
500
0.5
0.60
10
1.0
2
MA4P505-1072T
500
0.65
0.45
15
2.0
2
MA4P506-1072T
500
1.0
0.30
15
3.0
2
1072 Package
Notes:
1. The minimum specified VR (Reverse Voltage) is sourced and the resultant reverse
leakage current, Ir, is measured to be <10μA.
2. Nominal carrier life time specified with diode biased at IF = +10mA , IREV = -6mA
Package dimensions can be found on the M/A-COM website at http://www.macomtech.com/TechApps/OutlineDrawings.asp
Package Options
Consult the Package Availability Table in the “Ordering Information” section (pg. 7) for part number choices.
31
36
111
258
30
120,255
186
131, 212
Thru
Hole
144


Similar Part No. - MA4PH235-1072T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4PH235 MACOM-MA4PH235 Datasheet
210Kb / 11P
   Surface Mount Plastic PIN Diodes
More results

Similar Description - MA4PH235-1072T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4P7461F-1072T MA-COM-MA4P7461F-1072T Datasheet
125Kb / 5P
   Packaged PIN Diodes RoHs Compliant
PACKAGEDPINDIODES MA-COM-PACKAGEDPINDIODES_15 Datasheet
389Kb / 7P
   Packaged PIN Diodes
ODS-255 MA-COM-ODS-255 Datasheet
67Kb / 1P
   Packaged PIN Diodes
PACKAGEDPINDIODES MA-COM-PACKAGEDPINDIODES Datasheet
389Kb / 7P
   Packaged PIN Diodes
ODS-255 MA-COM-ODS-255_15 Datasheet
67Kb / 1P
   Packaged PIN Diodes
MADP-017015-1314 MA-COM-MADP-017015-1314 Datasheet
158Kb / 4P
   SURMOUNT??15關M PIN Diodes RoHS Compliant
MADP-017025-1314 MA-COM-MADP-017025-1314 Datasheet
171Kb / 4P
   SURMOUNT??25關M PIN Diodes RoHS Compliant
logo
Vishay Siliconix
BPV10 VISHAY-BPV10_08 Datasheet
107Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
Rev. 1.6, 08-Sep-08
TEMD1000 VISHAY-TEMD1000_08 Datasheet
238Kb / 8P
   Silicon PIN Photodiode, RoHS Compliant
Rev. 2.1, 08-Sep-08
logo
M/A-COM Technology Solu...
MA4SPS302 MA-COM-MA4SPS302 Datasheet
107Kb / 4P
   SURMOUNTTM PIN Diode RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com