Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M85049-49-2S12A Datasheet(PDF) 1 Page - Glenair, Inc.

Part # M85049-49-2S12A
Description  Strain Reliefs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M85049-49-2S12A Datasheet(HTML) 1 Page - Glenair, Inc.

  M85049-49-2S12A Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
62-19
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
AS85049/49 and MS27506
Strain Reliefs
1. For complete dimensions see applicable Military Specification.
2. Metric dimensions (mm) are indicated in parentheses.
3. Cable Entry is defined as the accomodation entry for the wire bundle or cable.
Dimensions are not intended for inspection criteria.
A Thread
E
Self-Locking Only
F
Self-Locking
Only
H
Cable
Entry
TABLE I
F Max
Self-Locking
Only
.91 (23.1)
.91 (23.1)
1.01 (25.7)
1.06 (26.9)
1.16 (29.5)
1.41 (35.8)
1.51 (38.4)
1.66 (42.2)
1.76 (44.7)
Min
.098 (2.5)
.153 (3.9)
.190 (4.8)
.260 (6.6)
.283 (7.2)
.325 (8.3)
.343 (8.7)
.381 (9.7)
.418 (10.6)
Max
.234
(5.9)
.234
(5.9)
.328
(8.3)
.457 (11.6)
.634 (16.1)
.614 (15.6)
.698 (17.7)
.823 (20.9)
.853 (21.7)
Cable Entry
H
Max
.85 (21.6)
.90 (22.9)
1.10 (27.9)
1.15 (29.2)
1.30 (33.0)
1.50 (38.1)
1.60 (40.6)
1.70 (43.2)
1.80 (45.7)
M85049/49-2 S 10 W
Basic Part No.
S = Self-Locking
Use Dash for
Non-Self-Locking
Shell Size
Material and Finish Designator
A = Aluminum, Black Anodize (Non-Self-Locking Only)
N = Aluminum, Electroless Nickel
S = 300 Series Steel, Passivated (Self-Locking Only)
W = Aluminum, 1,000 Hr. Cadmium Olive Drab
Over Electroless Nickel
Glenair Connector
Designator F
MIL-DTL-38999 Series I & II,
40M38277, PAN 6433-1, PATT
614, PATT 616,
NFC93422 Series HE308 &
HE309
Dash
No.
8
10
12
14
16
18
20
22
24
Shell Size
Ref.
8/9
10/11
12/13
14/15
16/17
18/19
20/21
22/23
24/25
A Thread
Class 2B
.438 - 28 UNEF
.562 - 24 UNEF
.688 - 24 UNEF
.813 - 20 UNEF
.938 - 20 UNEF
1.063 - 18 UNEF
1.188 - 18 UNEF
1.313 - 18 UNEF
1.438 - 18 UNEF
E Dia Max
Self-Locking
Only
.86 (21.8)
.98 (24.9)
1.16 (29.5)
1.28 (32.5)
1.41 (35.8)
1.52 (38.6)
1.64 (41.7)
1.77 (45.0)
1.89 (48.0)
Note: Screw
orientation shown is
for non-self-locking
configuration. Screws
on self-locking
configurations are on
the same side/face of
the clamp.


Similar Part No. - M85049-49-2S12A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-49-50-1F GLENAIR-M85049-49-50-1F Datasheet
71Kb / 1P
   Rectangular Backshells
M85049-49-50-2F GLENAIR-M85049-49-50-2F Datasheet
71Kb / 1P
   Rectangular Backshells
M85049-49-50-3F GLENAIR-M85049-49-50-3F Datasheet
71Kb / 1P
   Rectangular Backshells
M85049-49-50-4F GLENAIR-M85049-49-50-4F Datasheet
71Kb / 1P
   Rectangular Backshells
M85049-49-50-5F GLENAIR-M85049-49-50-5F Datasheet
71Kb / 1P
   Rectangular Backshells
More results

Similar Description - M85049-49-2S12A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-49-51S8A GLENAIR-M85049-49-51S8A Datasheet
31Kb / 2P
   Strain Reliefs
M85049-49-52S8A GLENAIR-M85049-49-52S8A Datasheet
80Kb / 2P
   Strain Reliefs
M85049-41-3A GLENAIR-M85049-41-3A Datasheet
74Kb / 1P
   Strain Reliefs
M83723-50R-08A GLENAIR-M83723-50R-08A Datasheet
82Kb / 1P
   Strain Reliefs
M85049-15G9N GLENAIR-M85049-15G9N Datasheet
29Kb / 1P
   Strain Reliefs
M85049-42-4DN GLENAIR-M85049-42-4DN Datasheet
75Kb / 1P
   Strain Reliefs
M85049-49-55G03A GLENAIR-M85049-49-55G03A Datasheet
32Kb / 1P
   Strain Reliefs
M85049-56G08A GLENAIR-M85049-56G08A Datasheet
114Kb / 1P
   Strain Reliefs
M85049-1-3B GLENAIR-M85049-1-3B Datasheet
76Kb / 1P
   Strain Reliefs
M85049-2-3C GLENAIR-M85049-2-3C Datasheet
77Kb / 1P
   Strain Reliefs
M85049-47-SN8 GLENAIR-M85049-47-SN8 Datasheet
93Kb / 1P
   Strain Reliefs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com