Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M85049-11-30 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # M85049-11-30
Description  Environmental Backshells
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M85049-11-30 Datasheet(HTML) 1 Page - Glenair, Inc.

  M85049-11-30 Datasheet HTML 1Page - Glenair, Inc. M85049-11-30 Datasheet HTML 2Page - Glenair, Inc. M85049-11-30 Datasheet HTML 3Page - Glenair, Inc. M85049-11-30 Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
37-24
AS85049/11 and MS3437B
Environmental Backshells
C
L
E
A Thread
K
Cable
Range
STYLE 2
E
1. For complete dimensions see applicable
Military Specification.
2. Metric dimensions (mm) are indicated in
parentheses.
3. Cable range is defined as the accommoda-
tions range for the wire bundle or cable.
Dimensions shown are not intended for
inspection criteria.
4. When maximum cable entry is exceeded,
Style 2 will be supplied.
STYLE 1
M85049/11-21 N
Basic Part No.
Dash No. (Table II)
Finish and Material
B = Black Cadmium, Stainless Steel
N = Electroless Nickel, Aluminum
S = Passivated Stainless Steel
W = 1,000 Hour Cadmium Olive Drab Over
Electroless Nickel, Aluminum
MS3437B 21 N
Basic Part No.
Dash No. (Table II)
Finish (Material is Aluminum Only)
A = Cadmium Olive Drab over Nickel
C = Cadmium Olive Drab
N = Electroless Nickel
Glenair Connector
Designator A
MIL-DTL-5015 Series 3400,
MIL-DTL-26482 Series 2,
AS81703 Series 3,
MIL-DTL-83723 Series I &
III, 40M39569, DEF 5326-3,
EN 2997, EN 3646,
ESC 10, ESC 11, LN 29504,
NFC93422 Series HE302,
PAN 6432-1, PAN 6432-2,
PATT 602
Superceded Part Number
Shell
Size
3
8
10
12
14
16
18
20
22
24
28
32
36
40
44
48
61
TABLE I
A Thread
Class 2B
.562 - 24 UNEF
.500 - 20 UNF
.625 - 24 UNEF
.750 - 20 UNEF
.875 - 20 UNEF
1.000 - 20 UNEF
1.062 - 18 UNEF
1.188 - 18 UNEF
1.313 - 18 UNEF
1.438 - 18 UNEF
1.750 - 18 UNS
2.000 - 18 UNS
2.250 - 16 UN
2.500 - 16 UN
2.750 - 16 UN
3.000 - 16 UN
1.500 - 18 UNEF
C Dia
Max
.669 (17.0)
.617 (15.7)
.734 (18.6)
.858 (21.8)
.984 (25.0)
1.112 (28.2)
1.218 (30.9)
1.345 (34.2)
1.468 (37.3)
1.593 (40.5)
1.969 (50.0)
2.219 (56.4)
2.469 (62.7)
2.719 (69.1)
2.969 (75.4)
3.219 (81.8)
1.653 (42.0)


Similar Part No. - M85049-11-30

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M85049-11-118W HARWIN-M85049-11-118W Datasheet
136Kb / 1P
   JACKSCREW DATAMATE 3-ROW CRIMP FEMALE ASSY
More results

Similar Description - M85049-11-30

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M28840-6-16WB GLENAIR-M28840-6-16WB Datasheet
76Kb / 1P
   Environmental Backshells
M28840-816WB GLENAIR-M28840-816WB Datasheet
78Kb / 1P
   Environmental Backshells
M28840-916WB GLENAIR-M28840-916WB Datasheet
80Kb / 1P
   Environmental Backshells
M85049-3A1A GLENAIR-M85049-3A1A Datasheet
78Kb / 1P
   Environmental Backshells
M85049-4A1A GLENAIR-M85049-4A1A Datasheet
80Kb / 2P
   Environmental Backshells
M85049-9-1 GLENAIR-M85049-9-1 Datasheet
85Kb / 2P
   Environmental Backshells
M85049-5A1A GLENAIR-M85049-5A1A Datasheet
80Kb / 2P
   Environmental Backshells
M85049-7-1 GLENAIR-M85049-7-1 Datasheet
85Kb / 2P
   Environmental Backshells
M81511-14-001 GLENAIR-M81511-14-001 Datasheet
95Kb / 2P
   RFI Environmental Backshells
M81511-14-057 GLENAIR-M81511-14-057 Datasheet
101Kb / 3P
   RFI Non-Environmental Backshells
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com