Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8363ACPZ-WP Datasheet(PDF) 8 Page - Analog Devices

Part # AD8363ACPZ-WP
Description  50 Hz to 6 GHz, 50 dB TruPwr??Detector
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8363ACPZ-WP Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8363ACPZ-WP Datasheet HTML 4Page - Analog Devices AD8363ACPZ-WP Datasheet HTML 5Page - Analog Devices AD8363ACPZ-WP Datasheet HTML 6Page - Analog Devices AD8363ACPZ-WP Datasheet HTML 7Page - Analog Devices AD8363ACPZ-WP Datasheet HTML 8Page - Analog Devices AD8363ACPZ-WP Datasheet HTML 9Page - Analog Devices AD8363ACPZ-WP Datasheet HTML 10Page - Analog Devices AD8363ACPZ-WP Datasheet HTML 11Page - Analog Devices AD8363ACPZ-WP Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
AD8363
Rev. 0 | Page 8 of 36
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
TCM2/PWDN
2
CHPF
3
VPOS
4
COMM
11 VREF
12 VTGT
10 VPOS
9COMM
TOP VIEW
(Not to Scale)
AD8363
NOTES
1. NC = NO CONNECT
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
Equivalent
Circuit
1
TCM2/PWDN
This is a dual function pin used for controlling the amount of nonlinear intercept temperature
compensation at voltages <2.5 V and/or for shutting down the device at voltages >4 V. If the
shutdown function is not used, this pin can be connected to the VREF pin through a voltage divider.
See Figure 49
2
CHPF
Connect this pin to VPOS via a capacitor to determine the −3 dB point of the input signal high-pass filter.
Only add a capacitor when operating at frequencies below 10 MHz.
See Figure 60
3, 10
VPOS
Supply for the Device. Connect these pins to a 5 V power supply. Pin 3 and Pin 10 are not
internally connected; therefore, both must connect to the source.
N/A
4, 9,
EPAD
COMM
System Common Connection. Connect these pins via low impedance to system common. The
exposed paddle is also COMM and should have both a good thermal and good electrical
connection to ground.
N/A
5
CLPF
Connection for Loop Filter Integration (Averaging) Capacitor. Connect a ground-referenced
capacitor to this pin. A resistor can be connected in series with this capacitor to improve loop
stability and response time. Minimum CLPF value is 390 pF.
See Figure 51
6
VOUT
Output Pin in Measurement Mode (Error Amplifier Output). In measurement mode, this pin
is connected to VSET. This pin can be used to drive a gain control when the device is used in
controller mode.
See Figure 51
7
VSET
The voltage applied to this pin sets the decibel value of the required RF input voltage that results
in zero current flow in the loop integrating capacitor pin, CLPF. This pin controls the variable gain
amplifier (VGA) gain such that a 50 mV change in VSET reduces the gain by approximately 1 dB.
See Figure 50
8
TEMP
Temperature Sensor Output.
See Figure 45
11
VREF
General-Purpose Reference Voltage Output of 2.3 V.
See Figure 46
12
VTGT
The voltage applied to this pin determines the target power at the input of the RF squaring circuit.
The intercept voltage is proportional to the voltage applied to this pin. The use of a lower target
voltage increases the crest factor capacity; however, this may affect the system loop response.
See Figure 52
13
NC
No Connect.
N/A
14
INHI
This is the RF input pin for frequencies up to and including 2.6 GHz. The RF input signal is
normally ac-coupled to this pin through a coupling capacitor.
See Figure 44
15
INLO
This is the RF input pin for frequencies above 2.6 GHz. The RF input signal is normally ac-coupled
to this pin through a coupling capacitor.
See Figure 44
16
TCM1
This pin is used to adjust the intercept temperature compensation. Connect this pin to VREF
through a voltage divider or to an external dc source.
See Figure 48


Similar Part No. - AD8363ACPZ-WP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8363ACPZ-WP AD-AD8363ACPZ-WP Datasheet
3Mb / 14P
   50 Hz to 6 GHz 50 dB TruPwr Detector
Rev. PrB
AD8363ACPZ-WP AD-AD8363ACPZ-WP Datasheet
1Mb / 29P
   50 Hz to 6 GHz, 50 dB TruPwr Detector
More results

Similar Description - AD8363ACPZ-WP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8363 AD-AD8363 Datasheet
3Mb / 14P
   50 Hz to 6 GHz 50 dB TruPwr Detector
Rev. PrB
AD8363 AD-AD8363_15 Datasheet
1Mb / 29P
   50 Hz to 6 GHz, 50 dB TruPwr Detector
AD8362 AD-AD8362_1 Datasheet
1Mb / 32P
   50 Hz to 3.8 GHz 65 dB TruPwr??Detector
REV. D
AD8362 AD-AD8362 Datasheet
11Kb / 36P
   50 Hz to 2.7 GHz 60 dB TruPwr??Detector
REV. B
AD8362 AD-AD8362_15 Datasheet
896Kb / 32P
   50 Hz to 3.8 GHz 65 dB TruPwr Detector
Rev. E
ADL5501 AD-ADL5501_15 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5501 AD-ADL5501_09 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5902 AD-ADL5902_16 Datasheet
2Mb / 29P
   50 MHz to 9 GHz 65 dB TruPwr Detector
ADL5902 AD-ADL5902 Datasheet
2Mb / 28P
   50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
ADL5501 AD-ADL5501 Datasheet
1Mb / 28P
   50 MHz to 4 GHz TruPwr Detector
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com