Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M83723-35S-24R Datasheet(PDF) 1 Page - Glenair, Inc.

Part # M83723-35S-24R
Description  Non-Environmental Strain Relief Backshells
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M83723-35S-24R Datasheet(HTML) 1 Page - Glenair, Inc.

  M83723-35S-24R Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
36-3
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
M83723/35S 22 A
Basic Part No.
Dash No.
M83723/35S
Non-Environmental Strain Relief Backshells
A Thread
E
F
Cable
Range
B
Dia
E
Max
1.290 (32.8)
1.290 (32.8)
1.290 (32.8)
1.290 (32.8)
1.368 (34.7)
1.587 (40.3)
1.430 (36.3)
1.695 (43.1)
1.695 (43.1)
1.695 (43.1)
1.931 (49.0)
1.931 (49.0)
1.869 (47.5)
1.869 (47.5)
2.875 (73.0)
Dash
No.
08
10
11
13
15
16
17
18
20
22
24
28
32
36
40
TABLE I
F
Max
.843 (21.4)
.843 (21.4)
.906 (23.0)
1.085 (27.6)
1.093 (27.8)
1.275 (32.4)
1.187 (30.1)
1.475 (37.5)
1.500 (38.1)
1.710 (43.4)
1.719 (43.7)
2.040 (51.8)
2.332 (59.2)
2.312 (58.7)
2.950 (74.9)
1. For complete dimensions see applicable Military Specification.
2. Metric dimensions (mm) are indicated in parentheses.
3. Cable range is defined as the accommodation range for the wire bundle or
cable. Dimensions shown are not intended for inspection criteria.
Finish:
A = Black Anodize
R = Electroless Nickel
Shell Size(s)
Ref
8S
10S
10SL
12 & 12S
14 & 14S
16
16S
18
20
22
24
28
32
36
40
Glenair Connector
Designator K
MIL-DTL-83723 Series II
B Dia
Max
.59 (15.0)
.65 (16.5)
.73 (18.5)
.77 (19.6)
.91 (23.1)
1.03 (26.2)
1.03 (26.2)
1.17 (29.7)
1.30 (33.0)
1.42 (36.1)
1.53 (38.9)
1.80 (45.7)
2.04 (51.8)
2.27 (57.7)
2.78 (70.6)
A Thread
Class 2B
.438 - 28 UNEF
.500 - 28 UNEF
.562 - 24 UNEF
.625 - 24 UNEF
.750 - 20 UNEF
.875 - 20 UNEF
.875 - 20 UNEF
1.000 - 20 UNEF
1.125 - 18 UNEF
1.250 - 18 UNEF
1.375 - 18 UNEF
1.625 - 18 UNEF
1.875 - 16 UN
2.125 - 16 UN
2.375 - 16 UN
Min
.125
(3.2)
.125
(3.2)
.170
(4.3)
.170
(4.3)
.235
(6.0)
.295
(7.5)
.295
(7.5)
.325
(8.3)
.380
(9.7)
.380
(9.7)
.500 (12.7)
.500 (12.7)
.705 (17.9)
.725 (18.4)
.911 (23.1)
Max
.235
(6.0)
.235
(6.0)
.287
(7.3)
.297
(7.5)
.422 (10.7)
.547 (13.9)
.547 (13.9)
.610 (15.5)
.735 (18.7)
.735 (18.7)
.922 (23.4)
.922 (23.4)
1.235 (31.4)
1.360 (34.5)
1.630 (41.4)
Cable Range


Similar Part No. - M83723-35S-24R

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M83723-35M-08A GLENAIR-M83723-35M-08A Datasheet
75Kb / 1P
   Non-Environmental Strain Relief Backshells
M83723-35M-08R GLENAIR-M83723-35M-08R Datasheet
75Kb / 1P
   Non-Environmental Strain Relief Backshells
M83723-35M-10A GLENAIR-M83723-35M-10A Datasheet
75Kb / 1P
   Non-Environmental Strain Relief Backshells
M83723-35M-10R GLENAIR-M83723-35M-10R Datasheet
75Kb / 1P
   Non-Environmental Strain Relief Backshells
M83723-35M-11A GLENAIR-M83723-35M-11A Datasheet
75Kb / 1P
   Non-Environmental Strain Relief Backshells
More results

Similar Description - M83723-35S-24R

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M83723-35M-08A GLENAIR-M83723-35M-08A Datasheet
75Kb / 1P
   Non-Environmental Strain Relief Backshells
M85049-2109A01 GLENAIR-M85049-2109A01 Datasheet
76Kb / 1P
   Non-Environmental Strain Relief Backshells
M85049-29-08A01A GLENAIR-M85049-29-08A01A Datasheet
76Kb / 1P
   Non-Environmental Strain Relief Backshells
290-003 GLENAIR-290-003 Datasheet
125Kb / 2P
   Strain-Relief Clamps and Environmental Backshells
290WA003Z1 GLENAIR-290WA003Z1 Datasheet
428Kb / 1P
   Strain Relief Backshells
M85049-48-1F GLENAIR-M85049-48-1F Datasheet
80Kb / 1P
   Rectangular Strain-Relief Backshells
M81511-14-057 GLENAIR-M81511-14-057 Datasheet
101Kb / 3P
   RFI Non-Environmental Backshells
M85049-1909N01A GLENAIR-M85049-1909N01A Datasheet
76Kb / 1P
   EMI/RFI Non-Environmental Backshells
M85049-23-01 GLENAIR-M85049-23-01 Datasheet
105Kb / 2P
   EMI/RFI Non-Environmental Backshells
380GH116B08 GLENAIR-380GH116B08 Datasheet
123Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com