Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M85049-2115A01 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # M85049-2115A01
Description  Non-Environmental Strain Relief Backshells
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M85049-2115A01 Datasheet(HTML) 1 Page - Glenair, Inc.

  M85049-2115A01 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
36-4
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
Max
02
03
04
05
06
07
08
09
10
TABLE I
AS85049/21
Non-Environmental Strain Relief Backshells
C
Length
1. For complete dimensions see applicable Military Specification.
2. Metric dimensions (mm) are indicated in parentheses.
3. Cable range is defined as the accommodation range for the wire
bundle or cable. Dimensions shown are not intended for inspection
criteria.
M85049/21 11 A 02 A
Basic Part No.
Shell Size
Finish
A = Black Anodize
A Thread
Clamp
Size
01
02
03
04
05
06
07
08
09
10
TABLE II
E
Length Code (Omit for
Standard)
Clamp Size
1.312
(33.3)
Max
Cable
Range
Min
.062
(1.6)
.125
(3.2)
.250
(6.4)
.312
(7.9)
.437 (11.1)
.562 (14.3)
.687 (17.4)
.812 (20.6)
.937 (23.8)
1.062 (27.0)
Max
.125
(3.2)
.250
(6.4)
.375
(9.5)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
E
Max
.80 (20.3)
1.00 (25.4)
1.10 (27.9)
1.20 (30.5)
1.25 (31.8)
1.40 (35.6)
1.50 (38.1)
1.65 (41.9)
1.75 (44.5)
1.90 (48.3)
Cable Range
Clamp Size
(Table IV)
Min
01
01
02
02
02
03
03
03
04
Available
Shell Sizes
09 - 25
09 - 25
15 - 25
21 - 25
Length
Code
Std.
A
B
C
TABLE III
Length
1.500 (38.1)
2.500 (63.5)
3.500 (88.9)
4.500 (114.3)
Glenair Connector
Designator H
MIL-DTL-38999
Series III & IV,
EN3645
Shell
Size
9
11
13
15
17
19
21
23
25
A Thread
Class 2B
M12 X 1 - 6H
M15 X 1 - 6H
M18 X 1 - 6H
M22 X 1 - 6H
M25 X 1 - 6H
M28 X 1 - 6H
M31 X 1 - 6H
M34 X 1 - 6H
M37 X 1 - 6H
C Dia
Max
.75 (19.1)
.85 (21.6)
1.00 (25.4)
1.10 (27.9)
1.25 (31.8)
1.40 (35.6)
1.50 (38.1)
1.65 (41.9)
1.75 (44.5)


Similar Part No. - M85049-2115A01

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-2-10C GLENAIR-M85049-2-10C Datasheet
77Kb / 1P
   Strain Reliefs
M85049-2-12C GLENAIR-M85049-2-12C Datasheet
77Kb / 1P
   Strain Reliefs
M85049-2-16C GLENAIR-M85049-2-16C Datasheet
77Kb / 1P
   Strain Reliefs
M85049-2-20C GLENAIR-M85049-2-20C Datasheet
77Kb / 1P
   Strain Reliefs
M85049-2-24C GLENAIR-M85049-2-24C Datasheet
77Kb / 1P
   Strain Reliefs
More results

Similar Description - M85049-2115A01

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M83723-35M-08A GLENAIR-M83723-35M-08A Datasheet
75Kb / 1P
   Non-Environmental Strain Relief Backshells
M83723-35S-08A GLENAIR-M83723-35S-08A Datasheet
25Kb / 1P
   Non-Environmental Strain Relief Backshells
M85049-29-08A01A GLENAIR-M85049-29-08A01A Datasheet
76Kb / 1P
   Non-Environmental Strain Relief Backshells
290-003 GLENAIR-290-003 Datasheet
125Kb / 2P
   Strain-Relief Clamps and Environmental Backshells
290WA003Z1 GLENAIR-290WA003Z1 Datasheet
428Kb / 1P
   Strain Relief Backshells
M85049-48-1F GLENAIR-M85049-48-1F Datasheet
80Kb / 1P
   Rectangular Strain-Relief Backshells
M81511-14-057 GLENAIR-M81511-14-057 Datasheet
101Kb / 3P
   RFI Non-Environmental Backshells
M85049-1909N01A GLENAIR-M85049-1909N01A Datasheet
76Kb / 1P
   EMI/RFI Non-Environmental Backshells
M85049-23-01 GLENAIR-M85049-23-01 Datasheet
105Kb / 2P
   EMI/RFI Non-Environmental Backshells
380GH116B08 GLENAIR-380GH116B08 Datasheet
123Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com