Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5422BREZ-REEL Datasheet(PDF) 4 Page - Analog Devices

Part # AD5422BREZ-REEL
Description  Single Channel, 12-/16-Bit, Serial Input, Current Source and Voltage Output DACs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5422BREZ-REEL Datasheet(HTML) 4 Page - Analog Devices

  AD5422BREZ-REEL Datasheet HTML 1Page - Analog Devices AD5422BREZ-REEL Datasheet HTML 2Page - Analog Devices AD5422BREZ-REEL Datasheet HTML 3Page - Analog Devices AD5422BREZ-REEL Datasheet HTML 4Page - Analog Devices AD5422BREZ-REEL Datasheet HTML 5Page - Analog Devices AD5422BREZ-REEL Datasheet HTML 6Page - Analog Devices AD5422BREZ-REEL Datasheet HTML 7Page - Analog Devices AD5422BREZ-REEL Datasheet HTML 8Page - Analog Devices AD5422BREZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
AD5412/AD5422
Rev. A | Page 4 of 40
SPECIFICATIONS
AVDD = 10.8 V to 26.4 V, AVSS = −26.4 V to −3 V/0 V, AVDD + |AVSS| < 52.8 V, GND = 0 V, REFIN = 5 V external; DVCC = 2.7 V to 5.5 V.
VOUT: RLOAD = 1 kΩ, CL = 200 pF, IOUT: RLOAD = 350 Ω; all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
VOLTAGE OUTPUT
Output Voltage Ranges
0
5
V
0
10
V
−5
+5
V
−10
+10
V
Accuracy
Output unloaded
Resolution
16
Bits
AD5422
12
Bits
AD5412
Total Unadjusted Error (TUE)
B Version
−0.1
+0.1
% FSR
−0.05
±0.01
+0.05
% FSR
TA = 25°C
A Version
−0.3
+0.3
% FSR
−0.1
±0.05
+0.1
% FSR
TA = 25°C
Relative Accuracy (INL)2
−0.008
+0.008
% FSR
AD5422
−0.032
+0.032
% FSR
AD5412
Differential Nonlinearity (DNL)
−1
+1
LSB
Guaranteed monotonic
Bipolar Zero Error
−6
+6
mV
Bipolar output range
−1.5
±0.2
+1.5
mV
TA = 25°C, bipolar output range
Bipolar Zero Error Temperature
Coefficient (TC)3
±3
ppm FSR/°C
Bipolar output range
Zero-Scale Error
−5
+5
mV
−3.5
±0.3
+3.5
mV
TA = 25°C
Zero-Scale Error Temperature
Coefficient (TC)3
±2
ppm FSR/°C
Offset Error
−4
+4
mV
Unipolar output range
−1.5
±0.2
+1.5
mV
TA = 25°C, unipolar output range
Offset Error Temperature
Coefficient (TC)3
±2
ppm FSR/°C
Unipolar output range
Gain Error
−0.07
+0.07
% FSR
−0.05
±0.004
+0.05
% FSR
TA = 25°C
Gain Error Temperature
Coefficient (TC)3
±1
ppm FSR/°C
Full-Scale Error
−0.07
+0.07
% FSR
−0.05
±0.001
+0.05
% FSR
TA = 25°C
Full-Scale Error Temperature
Coefficient (TC)3
±1
ppm FSR/°C
OUTPUT CHARACTERISTICS3
Headroom
0.5
0.8
V
Output unloaded
Output Voltage Drift vs. Time
90
ppm FSR
Drift after 1000 hours, TA = 125°C
Short-Circuit Current
20
mA
Load
1
Capacitive Load Stability
TA = 25°C
RLOAD = ∞
20
nF
RLOAD = 1 kΩ
5
nF
RLOAD = ∞
1
μF
External compensation capacitor of 4 nF
connected
DC Output Impedance
0.3
Ω
Power-On Time
10
μs


Similar Part No. - AD5422BREZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5422BREZ AD-AD5422BREZ Datasheet
326Kb / 37P
   Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrE
AD5422BREZ AD-AD5422BREZ Datasheet
334Kb / 38P
   Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrF
More results

Similar Description - AD5422BREZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5412 AD-AD5412 Datasheet
334Kb / 38P
   Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrF
AD5422 AD-AD5422 Datasheet
326Kb / 37P
   Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrE
AD5370 AD-AD5370 Datasheet
292Kb / 24P
   40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
Rev. PrF
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_12 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5420 AD-AD5420 Datasheet
276Kb / 29P
   Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrD
AD5410 AD-AD5410_08 Datasheet
291Kb / 30P
   Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrE
AD5530 AD-AD5530 Datasheet
407Kb / 16P
   Serial Input, Voltage Output 12-/14-Bit DACs
REV. 0
logo
Maxim Integrated Produc...
MAX541 MAXIM-MAX541 Datasheet
239Kb / 12P
   5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 12/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com