Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5422AREZ-REEL Datasheet(PDF) 9 Page - Analog Devices

Part # AD5422AREZ-REEL
Description  Single Channel, 12-/16-Bit, Serial Input, Current Source and Voltage Output DACs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5422AREZ-REEL Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5422AREZ-REEL Datasheet HTML 5Page - Analog Devices AD5422AREZ-REEL Datasheet HTML 6Page - Analog Devices AD5422AREZ-REEL Datasheet HTML 7Page - Analog Devices AD5422AREZ-REEL Datasheet HTML 8Page - Analog Devices AD5422AREZ-REEL Datasheet HTML 9Page - Analog Devices AD5422AREZ-REEL Datasheet HTML 10Page - Analog Devices AD5422AREZ-REEL Datasheet HTML 11Page - Analog Devices AD5422AREZ-REEL Datasheet HTML 12Page - Analog Devices AD5422AREZ-REEL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
AD5412/AD5422
Rev. A | Page 9 of 40
DB23
SCLK
LATCH
SDIN
24
2
1
DB0
t2
t3
t1
t4
t8
t7
t6
t9
t5
t10
CLEAR
IOUT/VOUT
DB23
SCLK
LATCH
SDIN
24
2
1
DB0
Figure 2. Write Mode Timing Diagram
SDO
DB23
SELECTED REGISTER
NOP CONDITION
UNDEFINED DATA
INPUT WORD SPECIFIES
REGISTER TO BE READ
12
DATA CLOCKED OUT
24
DB0
DB15
DB0
X
X
X
X
89
23
22
t20
t19
t17
t12
t13
t14
t11
t15
t16
t18
FIRST 8 BITS ARE
DB0
DON’T CARE BITS
Figure 3. Readback Mode Timing Diagram
DB23
DB23
SCLK
SDIN
24
2
1
DB0
DB0
SDO
DB23
INPUT WORD FOR DAC N
UNDEFINED
INPUT WORD FOR DAC N – 1
INPUT WORD FOR DAC N
25
48
26
LATCH
DB23
DB0
t20
t28
t27
t26
t29
t22
t23
t21
t24
t25
Figure 4. Daisy-Chain Mode Timing Diagram


Similar Part No. - AD5422AREZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5422AREZ AD-AD5422AREZ Datasheet
334Kb / 38P
   Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrF
More results

Similar Description - AD5422AREZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5412 AD-AD5412 Datasheet
334Kb / 38P
   Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrF
AD5422 AD-AD5422 Datasheet
326Kb / 37P
   Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrE
AD5370 AD-AD5370 Datasheet
292Kb / 24P
   40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
Rev. PrF
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_12 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5420 AD-AD5420 Datasheet
276Kb / 29P
   Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrD
AD5410 AD-AD5410_08 Datasheet
291Kb / 30P
   Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrE
AD5530 AD-AD5530 Datasheet
407Kb / 16P
   Serial Input, Voltage Output 12-/14-Bit DACs
REV. 0
logo
Maxim Integrated Produc...
MAX541 MAXIM-MAX541 Datasheet
239Kb / 12P
   5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 12/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com