Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5750BCPZ-REEL7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5750BCPZ-REEL7
Description  Industrial Current/Voltage Output Driver with Programmable Ranges
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5750BCPZ-REEL7 Datasheet(HTML) 5 Page - Analog Devices

  AD5750BCPZ-REEL7 Datasheet HTML 1Page - Analog Devices AD5750BCPZ-REEL7 Datasheet HTML 2Page - Analog Devices AD5750BCPZ-REEL7 Datasheet HTML 3Page - Analog Devices AD5750BCPZ-REEL7 Datasheet HTML 4Page - Analog Devices AD5750BCPZ-REEL7 Datasheet HTML 5Page - Analog Devices AD5750BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD5750BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD5750BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD5750BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
AD5750/AD5750-1
Rev. A | Page 5 of 36
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
−2.2
±0.3
+2.2
mV
TA = 25°C, 0 V to 5 V range
Offset Error TC3
±2
ppm FSR/°C
All unipolar ranges
Gain Error
−0.05
+0.05
% FSR
All bipolar/unipolar ranges
−0.04
±0.015
+0.04
% FSR
TA = 25°C
Gain Error TC3
±0.5
ppm FSR/°C
Full-Scale Error
−0.05
+0.05
% FSR
All bipolar/unipolar ranges
−0.04
±0.015
+0.04
% FSR
TA = 25°C
Full-Scale Error TC3
±1.5
ppm FSR/°C
VOLTAGE OUTPUT CHARACTERISTICS3
Headroom
1.3
V
Output unloaded
Short-Circuit Current
15
mA
Load
1
Capacitive Load Stability
TA = 25°C
RLOAD = ∞
1
nF
RLOAD = 2 kΩ
1
nF
RLOAD = ∞
2
μF
External compensation capacitor
required; see the Driving Inductive
Loads section
DC Output Impedance
0.12
Ω
0 V to 5 V range, ¼ to ¾ Step
7
μs
Specified with 2 kΩ || 220 pF, ±0.05%
0 V to 5 V range, 40 mV Input Step
4.5
μs
Specified with 2 kΩ || 220 pF, ±0.05%
Slew Rate
2
V/μs
Specified with 2 kΩ || 220 pF
Output Noise
2.5
μV rms
0.1 Hz to 10 Hz bandwidth
45.5
μV rms
100 kHz bandwidth
Output Noise Spectral Density
165
nV/√Hz
Measured at 10 kHz; specified with
2 kΩ || 220 pF
AC PSRR
−65
dB
200 mV, 50 Hz/60 Hz sine wave
superimposed on power supply
voltage
DC PSRR
10
μV/V
Outputs unloaded
CURRENT OUTPUT
Output Current Ranges
0
24
mA
0
20
mA
4
20
mA
−20
+20
mA
−24
+24
mA
Output Current Overranges
0
24.5
mA
See the Detailed Description of
Features section
0
20.4
mA
See the Detailed Description of
Features section
4
20.4
mA
See the Detailed Description of
Features section
ACCURACY, INTERNAL RSET
Total Unadjusted Error (TUE)
B Version2
−0.2
+0.2
% FSR
−0.08
±0.03
+0.08
% FSR
TA = 25°C
A Version2
−0.5
+0.5
% FSR
−0.3
±0.15
+0.3
% FSR
TA = 25°C
Relative Accuracy (INL)
−0.02
±0.01
+0.02
% FSR
Unipolar ranges
−0.03
±0.015
+0.03
% FSR
Bipolar ranges
Offset Error
−16
+16
μA
4 mA to 20 mA, 0 mA to 20 mA, 0 mA
to 24 mA ranges
−10
+5
+10
μA
TA = 25°C
−50
+50
μA
±20 mA, ±24 mA ranges
−26
+8
+26
μA
TA = 25°C


Similar Part No. - AD5750BCPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5750BCPZ-REEL7 AD-AD5750BCPZ-REEL7 Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
More results

Similar Description - AD5750BCPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5748 AD-AD5748_1 Datasheet
821Kb / 32P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. A
AD5748 AD-AD5748 Datasheet
635Kb / 32P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. 0
AD5750 AD-AD5750 Datasheet
256Kb / 25P
   Industrial Current/Voltage Output Driver, Programmable Ranges
Rev. PrC
AD5750 AD-AD5750_12 Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
AD5748 AD-AD5748_14 Datasheet
749Kb / 32P
   Industrial Current/Voltage Output Driver
AD5751 AD-AD5751 Datasheet
269Kb / 22P
   Industrial I/V Output Driver, Single Supply, 60v Compliance, Programmable Ranges
Rev. PrA
AD5749 AD-AD5749 Datasheet
393Kb / 28P
   Industrial Current Out Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
REV. 0
logo
Texas Instruments
XTR300 TI1-XTR300 Datasheet
1Mb / 38P
[Old version datasheet]   Industrial Analog Current/Voltage OUTPUT DRIVER
logo
Burr-Brown (TI)
XTR300 BURR-BROWN-XTR300 Datasheet
621Kb / 27P
   Industrial Analog Current/Voltage OUTPUT DRIVER
logo
Analog Devices
AD5751 AD-AD5751_18 Datasheet
623Kb / 32P
   Industrial I/V Output Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com