Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5750-1 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5750-1
Description  Industrial Current/Voltage Output Driver with Programmable Ranges
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5750-1 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5750-1 Datasheet HTML 6Page - Analog Devices AD5750-1 Datasheet HTML 7Page - Analog Devices AD5750-1 Datasheet HTML 8Page - Analog Devices AD5750-1 Datasheet HTML 9Page - Analog Devices AD5750-1 Datasheet HTML 10Page - Analog Devices AD5750-1 Datasheet HTML 11Page - Analog Devices AD5750-1 Datasheet HTML 12Page - Analog Devices AD5750-1 Datasheet HTML 13Page - Analog Devices AD5750-1 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
AD5750/AD5750-1
Rev. A | Page 10 of 36
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Transient currents of up to 100 mA do not cause SCR latch-up.
Table 4.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Parameter
Rating
AVDD to GND
−0.3 V to +30 V
AVSS to GND
+0.3 V to −28 V
AVDD to AVSS
−0.3 V to +58 V
DVCC to GND
−0.3 V to +7 V
VSENSE+ to GND
AVSS to AVDD
VSENSE− to GND
±5.0 V
Digital Inputs to GND
−0.3 V to DVCC + 0.3 V or 7 V
(whichever is less)
Digital Outputs to GND
−0.3 V to DVCC + 0.3 V or 7 V
(whichever is less)
VREF to GND
−0.3 V to +7 V
VIN to GND
−0.3 V to +7 V
VOUT, IOUT to GND
AVSS to AVDD
Operating Temperature Range,
−40°C to +105°C
Industrial
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJ max)
125°C
32-Lead LFCSP Package
θJA Thermal Impedance
28°C/W
Lead Temperature
JEDEC industry standard
Soldering
J-STD-020
ESD (Human Body Model)
3 kV
ESD CAUTION


Similar Part No. - AD5750-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5750-1 AD-AD5750-1 Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
AD5750-1ACPZ AD-AD5750-1ACPZ Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
AD5750-1ACPZ-REEL AD-AD5750-1ACPZ-REEL Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
AD5750-1ACPZ-REEL7 AD-AD5750-1ACPZ-REEL7 Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
AD5750-1BCPZ AD-AD5750-1BCPZ Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
More results

Similar Description - AD5750-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5748 AD-AD5748_1 Datasheet
821Kb / 32P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. A
AD5748 AD-AD5748 Datasheet
635Kb / 32P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. 0
AD5750 AD-AD5750 Datasheet
256Kb / 25P
   Industrial Current/Voltage Output Driver, Programmable Ranges
Rev. PrC
AD5750 AD-AD5750_12 Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
AD5748 AD-AD5748_14 Datasheet
749Kb / 32P
   Industrial Current/Voltage Output Driver
AD5751 AD-AD5751 Datasheet
269Kb / 22P
   Industrial I/V Output Driver, Single Supply, 60v Compliance, Programmable Ranges
Rev. PrA
AD5749 AD-AD5749 Datasheet
393Kb / 28P
   Industrial Current Out Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
REV. 0
logo
Texas Instruments
XTR300 TI1-XTR300 Datasheet
1Mb / 38P
[Old version datasheet]   Industrial Analog Current/Voltage OUTPUT DRIVER
logo
Burr-Brown (TI)
XTR300 BURR-BROWN-XTR300 Datasheet
621Kb / 27P
   Industrial Analog Current/Voltage OUTPUT DRIVER
logo
Analog Devices
AD5751 AD-AD5751_18 Datasheet
623Kb / 32P
   Industrial I/V Output Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com