Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4E2200E-1068T Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MA4E2200E-1068T
Description  Surface Mount Zero Bias Schottky Detector Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4E2200E-1068T Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MA4E2200E-1068T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4E2200E-1068T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4E2200E-1068T Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4E2200E-1068T Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4E2200E-1068T Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4E2200E-1068T Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4E2200E-1068T Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Surface Mount Zero Bias Schottky Detector Diodes
M/A-COM Products
Rev. V6
MA4E2200 Series
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Maximum Ratings @ +25 °C (Unless Otherwise Defined)
1,2
1. Operation above any one of the above parameters may cause permanent damage.
2. Please refer to Application Note M538 for Surface Mounting Instructions
3. Human Body Model
Parameter
Unit
Maximum Ratings
Operating Temperature
°C
-65 to +125
Storage Temperature
°C
-65 to +150
Junction Temperature
°C
+175
RF Incident Power (CW)
mW
75
Reverse Voltage @ 25 °C
V
1.5 V
Electrostatic Discharge ( ESD ) Classification
3
-
Class 0
Electrical Specifications @ +25 °C
Parameter
Condition
Symbol
Specification
Reverse Voltage Breakdown
IR = 100 μA
Vb
1.5 V min.
Forward Voltage
IF = 0.1 mA
VF
60 – 120 mV max.
Forward Voltage
IF = 1 mA
VF
150 - 220 mV max.
Total Capacitance
VR = 0.15 V
CT
.25 pF typical
Delta Forward Voltage
IF = 1 mA
VF
10 mV max.
Video Resistance
RV
7000
Ω typical


Similar Part No. - MA4E2200E-1068T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4E2200E-1068T MACOM-MA4E2200E-1068T Datasheet
141Kb / 6P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
M/A-COM Technology Solu...
MA4E2200E-1068T MA-COM-MA4E2200E-1068T Datasheet
705Kb / 8P
   Surface Mount Zero Bias Schottky Detector Diodes
More results

Similar Description - MA4E2200E-1068T

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMS-285C BOARDCOM-HSMS-285C Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
Agilent(Hewlett-Packard...
HSMS2855 HP-HSMS2855 Datasheet
108Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
M/A-COM Technology Solu...
MA4E220 MA-COM-MA4E220 Datasheet
705Kb / 8P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
Broadcom Corporation.
HSMS-285L BOARDCOM-HSMS-285L Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
HSMS-2855 BOARDCOM-HSMS-2855 Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
DEMO-HSMS285-0 BOARDCOM-DEMO-HSMS285-0 Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
HSMS-285P BOARDCOM-HSMS-285P Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
HSMS-2850 BOARDCOM-HSMS-2850 Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-285X AVAGO-HSMS-285X Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
Tyco Electronics
MA4E2200 MACOM-MA4E2200 Datasheet
141Kb / 6P
   Surface Mount Zero Bias Schottky Detector Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com