Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4E20541-1141T Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MA4E20541-1141T
Description  Surface Mount Low Barrier Schottky Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4E20541-1141T Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MA4E20541-1141T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4E20541-1141T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4E20541-1141T Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4E20541-1141T Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4E20541-1141T Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4E20541-1141T Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4E20541-1141T Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4E20541-1141T Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MA4E20541-1141T Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Surface Mount Low Barrier Schottky Diode
M/A-COM Products
Rev. V8
MA4E2054 Series
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Circuit Models
SOT-23
SOT-143
SOT-323
SOD-323
LBW = 0.08nH, Lg = 0.36nh, L1 = 0.31nH, M = 0.12nH, C1 = 0.01pF,
Cp1 = 0.05pF, CP2 = 0.10pF, Cp3 = 0.05pF, Cp4 = 0.03pF
.65 nH
.65 nH
.7 nH
.05 pf
.01 pf
.13 pf
.13 pf
.01 pf
.05 pf
.013 pf
.015 pf
1
2
3
.4 7 n H
.0 5 p f
.02 pf
.2 p f
.47 n H
.0 2 p f
.2 p f
1
2
.6 nH
.6 nH
.6 nH
.05 pf
.06 pf
.04 pf
.04 pf
.06 pf
.05 pf
.06 pf
.04 pf
1
2
3
C1
C1
C1
C1
C1
Cp1
C1
C1
Cp2
Cp3
Cp4
1
2
4
3
7
LBW
6
8
5
LBW
Lg
MM
L1
L1
L1


Similar Part No. - MA4E20541-1141T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4E20541-1141T MACOM-MA4E20541-1141T Datasheet
139Kb / 9P
   Surface Mount Low Barrier Schottky Diode
logo
M/A-COM Technology Solu...
MA4E20541-1141T MA-COM-MA4E20541-1141T Datasheet
759Kb / 10P
   Surface Mount Low Barrier Schottky Diode
More results

Similar Description - MA4E20541-1141T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4E2054 MACOM-MA4E2054_1 Datasheet
139Kb / 9P
   Surface Mount Low Barrier Schottky Diode
logo
M/A-COM Technology Solu...
MA4E2054 MA-COM-MA4E2054_15 Datasheet
759Kb / 10P
   Surface Mount Low Barrier Schottky Diode
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com