Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT-113 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # AT-113
Description  3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 2.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AT-113 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  AT-113 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AT-113 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AT-113 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. AT-113 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
3 Volt Voltage Variable Absorptive Attenuator
40 dB, 0.5 - 2.0 GHz
Rev. V6
AT-113
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications
8: T
A = 25°C, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
0.5 - 1.0 GHz
1.0 - 2.0 GHz
dB
dB
2.7
3.0
3.0
3.5
Attenuation
0.5 - 1.0 GHz
1.0 - 2.0 GHz
dB
dB
40
35
Flatness
(Peak to Peak)
0.5 - 1.0 GHz
1.0 - 2.0 GHz
dB
dB
± 0.5
± 1.2
± 0.8
± 1.5
VSWR
Ratio
2:1
Trise, Tfall
10% to 90% RF, 90% to 10% RF
µS
10
Ton, Toff
50% Control to 90% RF, 50% Control to
10% RF
µS
12
Transients
In-band
mV
10
8. The RF ports must be blocked outside of the package from ground or any other voltage.
SOIC-8
Meets JEDEC moisture sensitivity level 1 requirements.
Handling Procedures
Please observe the following precautions to avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static
electricity. Proper ESD control techniques should be used when handling these devices.


Similar Part No. - AT-113

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-113 MACOM-AT-113 Datasheet
50Kb / 3P
   3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 2.0 GHz
logo
Hirose Electric
AT-113 HIROSE-AT-113 Datasheet
64Kb / 3P
   Fixed Attenuators (SMA Type)
logo
Tyco Electronics
AT-113 MACOM-AT-113 Datasheet
180Kb / 4P
   Voltage Variable Absorptive Attenuator, 40dB 0.5 - 2.0 GHz
AT-113TR MACOM-AT-113TR Datasheet
50Kb / 3P
   3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 2.0 GHz
AT-113TR MACOM-AT-113TR Datasheet
180Kb / 4P
   Voltage Variable Absorptive Attenuator, 40dB 0.5 - 2.0 GHz
More results

Similar Description - AT-113

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-113 MACOM-AT-113 Datasheet
50Kb / 3P
   3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAV-008022 MA-COM-MAAV-008022 Datasheet
81Kb / 4P
   3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 2.0 GHz
logo
Tyco Electronics
MAAV-008022 MACOM-MAAV-008022 Datasheet
93Kb / 4P
   3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5-2.0 GHz
logo
M/A-COM Technology Solu...
AT-109 MA-COM-AT-109 Datasheet
83Kb / 3P
   Voltage Variable Absorptive Attenuator 35 dB, 0.5 - 2.0 GHz
logo
Tyco Electronics
MAAVSS0008 MACOM-MAAVSS0008 Datasheet
176Kb / 3P
   Voltage Variable Absorptive Attenuator 30 dB, 0.5-2.0 GHz
logo
M/A-COM Technology Solu...
MAAVSS0008 MA-COM-MAAVSS0008 Datasheet
75Kb / 3P
   Voltage Variable Absorptive Attenuator 30 dB, 0.5 - 2.0 GHz
AT-110 MA-COM-AT-110 Datasheet
105Kb / 3P
   Voltage Variable Absorptive Attenuator 30 dB, 0.5 - 2.0 GHz
AT-110-2 MA-COM-AT-110-2 Datasheet
75Kb / 3P
   Voltage Variable Absorptive Attenuator 30 dB, 0.5 - 2.0 GHz
logo
Tyco Electronics
AT-108 MACOM-AT-108 Datasheet
45Kb / 3P
   Voltage Variable Absorptive Attenuator 40 dB, 0.5-3.0 GHz
logo
M/A-COM Technology Solu...
AT-108 MA-COM-AT-108 Datasheet
120Kb / 4P
   Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 3.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com