Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JS-18B-K-V3 Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # JS-18B-K-V3
Description  POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

JS-18B-K-V3 Datasheet(HTML) 7 Page - Fujitsu Component Limited.

  JS-18B-K-V3 Datasheet HTML 1Page - Fujitsu Component Limited. JS-18B-K-V3 Datasheet HTML 2Page - Fujitsu Component Limited. JS-18B-K-V3 Datasheet HTML 3Page - Fujitsu Component Limited. JS-18B-K-V3 Datasheet HTML 4Page - Fujitsu Component Limited. JS-18B-K-V3 Datasheet HTML 5Page - Fujitsu Component Limited. JS-18B-K-V3 Datasheet HTML 6Page - Fujitsu Component Limited. JS-18B-K-V3 Datasheet HTML 7Page - Fujitsu Component Limited. JS-18B-K-V3 Datasheet HTML 8Page - Fujitsu Component Limited. JS-18B-K-V3 Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
JS SERIES
0.25+0.2
1+0.2
10±0.3
(1.19)
(2.1)
0.8+0.2
0.4+0.2
0.2+0.2
18.9±0.25
29±0.3
5±0.2
Soldering
7.62±0.2
n
DIMENSIONS
l
Dimensions
l
Schematics
(BOTTOM VIEW)
l
PC board mounting
hole layout
(BOTTOM VIEW)
JS-MK type
JS-K type
Unit: mm
JS-MN( )-KT type
COM
5
1
3
4
NO
3 -ø .5
0.1
50.1
2 -ø 1.3
0.1
18.90.1
(2.1)
JS-B-K type


Similar Part No. - JS-18B-K-V3

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
JS-12-K FUJITSU-JS-12-K Datasheet
618Kb / 8P
   POWER RELAY 1 POLE - 8A Medium Load Control
JS-12-K-V3 FUJITSU-JS-12-K-V3 Datasheet
618Kb / 8P
   POWER RELAY 1 POLE - 8A Medium Load Control
JS-12-KT FUJITSU-JS-12-KT Datasheet
618Kb / 8P
   POWER RELAY 1 POLE - 8A Medium Load Control
JS-12-KT-V3 FUJITSU-JS-12-KT-V3 Datasheet
618Kb / 8P
   POWER RELAY 1 POLE - 8A Medium Load Control
JS-12D-K FUJITSU-JS-12D-K Datasheet
618Kb / 8P
   POWER RELAY 1 POLE - 8A Medium Load Control
More results

Similar Description - JS-18B-K-V3

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
JY-12HE-KP FUJITSU-JY-12HE-KP Datasheet
348Kb / 8P
   POWER RELAY 1 POLE-3, 5 A (MEDIUM LOAD CONTROL)
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
   POWER RELAY 1 POLE - 8A Medium Load Control
JS-12-KT FUJITSU-JS-12-KT Datasheet
618Kb / 8P
   POWER RELAY 1 POLE - 8A Medium Load Control
LZ-B12HMSE-KHV-UC FUJITSU-LZ-B12HMSE-KHV-UC Datasheet
424Kb / 10P
   POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
FBR160 FUJITSU-FBR160 Datasheet
327Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A (Medium Load Control)
JV-3S-KT FUJITSU-JV-3S-KT Datasheet
606Kb / 8P
   POWER RELAY 1 POLE - 5A/10A Medium Load Control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com