Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM55-0004RTR Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # AM55-0004RTR
Description  250 mW Linear Power Amplifier and T/R Switch 1.8-2.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM55-0004RTR Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  AM55-0004RTR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM55-0004RTR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM55-0004RTR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. AM55-0004RTR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. AM55-0004RTR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. AM55-0004RTR Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. AM55-0004RTR Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. AM55-0004RTR Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
5
250 mW Linear Power Amplifier and T/R Switch
1.8—2.0 GHz
Rev. V2
AM55-0004
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Power Amplifier Spectral Response
Under Modulation Drive (
≠/4 DQPSK,
a = 0.5, 384 kB/sec, 9-bit PN code)
Transmit/Receive Switch Performance
1. Spectral output is tested under the following conditions:
Modulation scheme is
≠/4 DQPSK with a bit transfer rate of 384
kB/sec and a root Nyquist filter with a = 0.5 per RCR STD-28.
The spectrum analyzer settings are as follows:
Resolution bandwidth: 10 kHz
Video bandwidth: 100 kHz
Sweep time: 5 seconds
2. This chart documents the modulated output power delivered
for a fixed adjacent channel interference (ACI) rejection of 55
Output Power Under Modulation 2
VD (volts)
POUT (dBm)
3
20.5
3.6
21.4
4
22.2
4.8
23.4
6
23.7


Similar Part No. - AM55-0004RTR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM55-0004RTR MACOM-AM55-0004RTR Datasheet
338Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
AM55-0004RTR MACOM-AM55-0004RTR Datasheet
673Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
More results

Similar Description - AM55-0004RTR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM55-0004 MACOM-AM55-0004 Datasheet
338Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
AM55-0004 MACOM-AM55-0004_1 Datasheet
673Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
logo
List of Unclassifed Man...
AM55-0003 ETC2-AM55-0003 Datasheet
447Kb / 8P
   250 mW Power Amplifier with T/R and Diversity Switches 2.4 - 2.5 GHz
logo
NXP Semiconductors
SA2410 PHILIPS-SA2410 Datasheet
47Kb / 6P
   2.45GHz RF power amplifier and T/R switch
1997 Sep 09
logo
Mimix Broadband
CFH2162-P3 MIMIX-CFH2162-P3_09 Datasheet
1Mb / 4P
   1.8 to 2.0 GHz
logo
Tyco Electronics
AM52-0023 MACOM-AM52-0023 Datasheet
198Kb / 6P
   Power Amplifier with T/R Switch for 802.11b
logo
Motorola, Inc
MRFIC1807 MOTOROLA-MRFIC1807 Datasheet
226Kb / 8P
   1.8 GHz POWER AMPLIFIER AND TRANSMIT/RECEIVE SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
Stealth Microwave, Inc.
SM1720-42 STEALTH_MICROWAVE-SM1720-42 Datasheet
137Kb / 3P
   1.7-2.0 GHz 15 Watt Linear Amplifier
logo
Tyco Electronics
MA0S506AJ MACOM-MA0S506AJ_1 Datasheet
176Kb / 3P
   SPDT T/R Switch 5.0 - 6.0 GHz
logo
Ericsson
PTB20216 ERICSSON-PTB20216 Datasheet
391Kb / 2P
   6 Watts, 1.8-2.0 GHz RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com