Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JS-12M-K-V3 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # JS-12M-K-V3
Description  POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

JS-12M-K-V3 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  JS-12M-K-V3 Datasheet HTML 1Page - Fujitsu Component Limited. JS-12M-K-V3 Datasheet HTML 2Page - Fujitsu Component Limited. JS-12M-K-V3 Datasheet HTML 3Page - Fujitsu Component Limited. JS-12M-K-V3 Datasheet HTML 4Page - Fujitsu Component Limited. JS-12M-K-V3 Datasheet HTML 5Page - Fujitsu Component Limited. JS-12M-K-V3 Datasheet HTML 6Page - Fujitsu Component Limited. JS-12M-K-V3 Datasheet HTML 7Page - Fujitsu Component Limited. JS-12M-K-V3 Datasheet HTML 8Page - Fujitsu Component Limited. JS-12M-K-V3 Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
JS SERIES
n
SAFETY STANDARD (VDE 01106)
Type
Compliance
Contact rating
UL
UL 508
E 56140
Flammability: UL 94-V0 (plastics)
Contact material: Nil, E
N
CSA
C22.2 No. 14
LR 35579
8 A 24 VDC (resistive) 100k
8 A, 250 VDC (resistive) 100k
10 A, 30 VDC (resistive)
10 A, 250 VAC (resistive)
1/4 HP, 125 V/ 250 VAC
1/3 HP, 125 VAC
1/2 HP, 250 VAC
Pilot duty: C150, B300
Pilot duty: 0.27A, 250VDC
8 A 24 VDC (resistive) 100k
8 A, 250 VDC (resistive) 100k
10 A, 30 VDC (resistive)
10 A, 250 VAC (resistive)
1/4 HP, 125 V/ 250 VAC
1/3 HP, 125 VAC
1/2 HP, 250 VAC
Pilot duty: A300, B300
C150, R300
VDE
0435, 0631, 0700,
40013847
8 A 250 VAC (cos Ø=1)
8 A 24 VDC (0 ms)
SEMKO
EN 61058-1 + A1: 1993
EN 61095:1993 + A11
Rated Voltage (V): 250
Rated Current (A): 8 (2)
or 8
Also complies with SEV, ÖVE, FIMKO, BSI, CQC, NEMKO, DEMKO
n
INSULATION
Items
Resistive (at 500 VDC)
Min. 1,000 MΩ
Dielectric Strength
Open contacts
1,000 VAC (50/60 Hz) 1 min.
Coil and contacts
5,000 VAC (50/60 Hz) 1 min.
Surge strength (coil and contacts)
10,000 V (1.2 x 50 µs standard wave)
Clearance / crepage
6 mm / 8 mm
Isolation (DIN EN 61810-1 VDE 0435)
Voltage
Pollution
Isolation material group
250 V
3
III a
Isolation category / Reference voltage (VDE 01106) C / 250V


Similar Part No. - JS-12M-K-V3

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
JS-12M-K-V3 FUJITSU-JS-12M-K-V3 Datasheet
618Kb / 8P
   POWER RELAY 1 POLE - 8A Medium Load Control
More results

Similar Description - JS-12M-K-V3

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
JY-12HE-KP FUJITSU-JY-12HE-KP Datasheet
348Kb / 8P
   POWER RELAY 1 POLE-3, 5 A (MEDIUM LOAD CONTROL)
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
   POWER RELAY 1 POLE - 8A Medium Load Control
JS-12-KT FUJITSU-JS-12-KT Datasheet
618Kb / 8P
   POWER RELAY 1 POLE - 8A Medium Load Control
LZ-B12HMSE-KHV-UC FUJITSU-LZ-B12HMSE-KHV-UC Datasheet
424Kb / 10P
   POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
FBR160 FUJITSU-FBR160 Datasheet
327Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A (Medium Load Control)
JV-3S-KT FUJITSU-JV-3S-KT Datasheet
606Kb / 8P
   POWER RELAY 1 POLE - 5A/10A Medium Load Control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com