Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA36 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SMA36
Description  Cascadable Amplifier 10 to 2000 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SMA36 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SMA36 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SMA36 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Cascadable Amplifier
10 to 2000 MHz
Rev. V3
A36 / SMA36
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: Z0 = 50Ω, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
80-2000
100-2000
100-2000
Small Signal Gain (min)
dB
16.5
15.5
14.5
Gain Flatness (max)
dB
±0.3
±0.8
±1.0
Reverse Isolation
dB
29
Noise Figure (max)
dB
5.5
7.0
7.5
Power Output
@ 1 dB comp. (min)
dBm
12.0
11.0
10.5
IP3
dBm
+23
IP2
dBm
+30
Second Order Harmonic IP
dBm
+35
VSWR Input / Output (max)
1.5:1 / 1.5:1
1.9:1 / 1.9:1
2.0:1 / 2.0:1
DC Current @ 15 Volts (max)
mA
63
64
67
Features
• AVAILABLE IN SURFACE MOUNT
• HIGH GAIN-TWO STAGES 16.5 dB (TYP.)
• LOW VSWR <1.5:1 (TYP.)
• MEDIUM OUTPUT LEVEL +12 dBm (TYP.)
Description
The A36 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for consistent performance
and high reliability.
This 2 stage bipolar transistor feedback amplifier design
displays impressive performance over a broadband
frequency range. An active DC biasing network insures
temperature-stable performance.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available
Product Image
Ordering Information
Part Number
Package
A36
TO-8
SMA36
Surface Mount
MAAM-008720-00CA36
SMA Connectorized **
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
125ºC
DC Voltage
+17 V
Continuous Input Power
+10 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
150ºC/W
Transistor Power Dissipation Pd
0.394 W
Junction Temperature Rise
Above Case Tjc
56ºC
* Over temperature performance limits for part number CA36, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Similar Part No. - SMA36

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMA36 LITEON-SMA36 Datasheet
50Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Tyco Electronics
SMA36 MACOM-SMA36 Datasheet
370Kb / 2P
   Cascadable Amplifier 100 to 2000 MHz
logo
MIC GROUP RECTIFIERS
SMA36 MIC-SMA36 Datasheet
65Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
M/A-COM Technology Solu...
SMA36 MA-COM-SMA36 Datasheet
635Kb / 3P
   Cascadable Amplifier
logo
SUNMATE electronic Co.,...
SMA36 SUNMATE-SMA36 Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results

Similar Description - SMA36

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A33 MACOM-A33 Datasheet
365Kb / 2P
   Cascadable Amplifier 10 to 2000 MHz
A35 MACOM-A35_1 Datasheet
379Kb / 2P
   Cascadable Amplifier 10 to 2000 MHz
A38 MACOM-A38_1 Datasheet
381Kb / 2P
   Cascadable Amplifier 10 to 2000 MHz
logo
M/A-COM Technology Solu...
SMA35 MA-COM-SMA35 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 2000 MHz
logo
Tyco Electronics
A35 MACOM-A35 Datasheet
106Kb / 1P
   10 TO 2000 MHz CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
SMA33 MA-COM-SMA33 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 2000 MHz
SMA37 MA-COM-SMA37 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 2000 MHz
logo
Tyco Electronics
A37 MACOM-A37_1 Datasheet
376Kb / 2P
   Cascadable Amplifier 10 to 2000 MHz
A38 MACOM-A38 Datasheet
85Kb / 1P
   10 TO 2000 MHz CASCADABLE AMPLIFIER
A39 MACOM-A39_1 Datasheet
378Kb / 2P
   Cascadable Amplifier 10 to 2000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com