Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT-110-2 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # AT-110-2
Description  Voltage Variable Absorptive Attenuator 30 dB, 0.5 - 2.0 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AT-110-2 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  AT-110-2 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AT-110-2 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AT-110-2 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Voltage Variable Absorptive Attenuator
30 dB, 0.5 - 2.0 GHz
Rev. V1
AT-110-2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications
7: T
A = 25°C, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
0.5 - 1.0 GHz
1.0 - 2.0 GHz
dB
dB
2.8
3.3
3.0
3.6
Attenuation
1.0 GHz
1.0 - 2.0 GHz
dB
dB
37.5
25
Flatness
(Peak to Peak)
0.5 - 1.0 GHz
1.0 - 2.0 GHz
dB
dB
± 0.5
± 1.2
± 0.8
± 1.5
VSWR
Ratio
2:1
Trise, Tfall
10% to 90% RF, 90% to 10% RF
µS
0.2
Ton, Toff
50% Control to 90% RF, 50% Control to 10% RF
µS
0.2
Transients
In-band
mV
70
7. The RF ports must be blocked outside of the package from ground or any other voltage.
SOIC-8


Similar Part No. - AT-110-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-110-2 MACOM-AT-110-2 Datasheet
174Kb / 3P
   Voltage Variable Absorptive Attenuator, 30dB 0.5 - 2.0 GHz
AT-110-2TR MACOM-AT-110-2TR Datasheet
174Kb / 3P
   Voltage Variable Absorptive Attenuator, 30dB 0.5 - 2.0 GHz
More results

Similar Description - AT-110-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAVSS0008 MACOM-MAAVSS0008 Datasheet
176Kb / 3P
   Voltage Variable Absorptive Attenuator 30 dB, 0.5-2.0 GHz
logo
M/A-COM Technology Solu...
MAAVSS0008 MA-COM-MAAVSS0008 Datasheet
75Kb / 3P
   Voltage Variable Absorptive Attenuator 30 dB, 0.5 - 2.0 GHz
AT-110 MA-COM-AT-110 Datasheet
105Kb / 3P
   Voltage Variable Absorptive Attenuator 30 dB, 0.5 - 2.0 GHz
AT-109 MA-COM-AT-109 Datasheet
83Kb / 3P
   Voltage Variable Absorptive Attenuator 35 dB, 0.5 - 2.0 GHz
logo
Tyco Electronics
AT-110 MACOM-AT-110 Datasheet
112Kb / 3P
   Voltage Variable Absorptive Attenuator, 30 dB 0.5 - 2 GHz
AT-113 MACOM-AT-113_1 Datasheet
180Kb / 4P
   Voltage Variable Absorptive Attenuator, 40dB 0.5 - 2.0 GHz
AT-110 MACOM-AT-110_1 Datasheet
173Kb / 3P
   Voltage Variable Absorptive Attenuator, 30dB 0.5 - 2.0 GHz
AT-109 MACOM-AT-109_1 Datasheet
186Kb / 3P
   Voltage Variable Absorptive Attenuator, 35dB 0.5 - 2.0 GHz
AT-110-2 MACOM-AT-110-2 Datasheet
174Kb / 3P
   Voltage Variable Absorptive Attenuator, 30dB 0.5 - 2.0 GHz
AT-113 MACOM-AT-113 Datasheet
50Kb / 3P
   3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 2.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com