Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT-106-PIN Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # AT-106-PIN
Description  Digital Attenuator 50.0 dB, 6-Bit, TTL Driver, DC-2.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AT-106-PIN Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  AT-106-PIN Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AT-106-PIN Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AT-106-PIN Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. AT-106-PIN Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
Digital Attenuator
50.0 dB, 6-Bit, TTL Driver, DC-2.0 GHz
Rev. V10
AT-106-PIN
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Attenuation Accuracy vs. Frequency
RF1 VSWR vs. Frequency
Typical Performance Curves
RF2 VSWR vs. Frequency
-2.00
-1.00
0.00
1.00
2.00
0.0
0.5
1.0
1.5
2.0
Fre que ncy (GHz )
16 d B
32 d B
40 d B
50 d B
1
1.2
1.4
1.6
1.8
2
0.0
0.5
1.0
1.5
2.0
Fre que ncy (GHz )
1 d B
4 dB
8 & 16 dB
32 d B
Ref Lo ss & 2 d B
1
1.2
1.4
1.6
1.8
2
0.0
0.5
1.0
1.5
2.0
Frequency (GHz)
1 d B
2 d B
8 dB
16 dB
R ef Lo ss
& 4 d B
32 d B
Lead-Free, CR-13 Ceramic Package
Reference Application Note M538 for lead-free solder reflow
recommendations.


Similar Part No. - AT-106-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-106-PIN MACOM-AT-106-PIN Datasheet
185Kb / 4P
   Digital Attenuator, 50dB, 6-Bit, TTL Driver DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-106-PIN MA-COM-AT-106-PIN Datasheet
135Kb / 4P
   Digital Attenuator
AT-106-PIN MA-COM-AT-106-PIN Datasheet
638Kb / 5P
   Digital Attenuator
AT-106-PIN MA-COM-AT-106-PIN_15 Datasheet
638Kb / 5P
   Digital Attenuator
More results

Similar Description - AT-106-PIN

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT20-0106 MA-COM-AT20-0106 Datasheet
134Kb / 4P
   Digital Attenuator 50.0 dB, 6-Bit, TTL Driver, DC-2.0 GHz
logo
Tyco Electronics
MAAD-007080-000100 MACOM-MAAD-007080-000100 Datasheet
292Kb / 6P
   Digital Attenuator 50.0 dB, 6-Bit, TTL Driver, DC-2.4 GHz
logo
M/A-COM Technology Solu...
MAAD-007080-000100 MA-COM-MAAD-007080-000100 Datasheet
171Kb / 7P
   Digital Attenuator 50.0 dB, 6-Bit, TTL Driver, DC-2.4 GHz
AT90-1106 MA-COM-AT90-1106 Datasheet
170Kb / 7P
   Digital Attenuator 50.0 dB, 6-Bit, TTL Driver, DC-2.4 GHz
MAAD-007080-000100 MA-COM-MAAD-007080-000100 Datasheet
171Kb / 7P
   Digital Attenuator 50.0 dB, 6-Bit, TTL Driver, DC-2.4 GHz
MAAD-007086-000100 MA-COM-MAAD-007086-000100 Datasheet
143Kb / 6P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT65-0107 MA-COM-AT65-0107 Datasheet
150Kb / 6P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
logo
Tyco Electronics
AT65-0106 MACOM-AT65-0106 Datasheet
271Kb / 5P
   Digital Attenuator, 50 dB, 6-Bit, TTL Driver, DC - 2.0 GHz
AT65-0107 MACOM-AT65-0107 Datasheet
301Kb / 5P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-107-PIN MA-COM-AT-107-PIN Datasheet
135Kb / 4P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com