Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

290-009S18 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 290-009S18
Description  Protective Covers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

290-009S18 Datasheet(HTML) 1 Page - Glenair, Inc.

  290-009S18 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
44
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2003 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
290-009, 290-010 and 290-016
Protective Covers
for Standard 220 Series Connectors
Prior to use, lubricate O-rings with high grade silicone lubricant
(Moly-kote M55 or equivalent).
Metric dimensions (mm) are indicated in parentheses.
RECEPTACLE COVER
PLUG COVER
B Thread
(Class 2B)
A
Attachment
Length ± .250 (6.4)
.55
(14.0)
Max
Base
O-ring
Attachment
Length ± .250 (6.4)
C
Piston
O-ring
B Thread
(Class 2A)
A
220-009
.79 (20.1) Max
220-016
1.13 (28.7) Max
REPLACEMENTO-RING
PART NUMBERS *
PISTON
O-RING
2-014
2-016
2-018
2-020
2-022
2-024
2-026
2-028
SHELL
SIZE
10
12
14
16
18
20
22
24
* Parker O-Ring part numbers.
Compound N674-70 or equivalent.
BASE
O-RING
2-014
2-016
2-018
2-020
2-022
2-024
2-026
2-028
SYMBOL
H
N
S
U
TABLE III
ATTACHMENT
Wire Rope, Teflon Jacket,
With Terminal
Attachment Omitted
#8 Sash Chain, Cres, Passivate
Wire Rope, Polyurethane Jacket,
With Terminal
B THREAD
CLASS 2A/2B
.750 - .1P - .1L
.875 - .1P - .1L
1.000 - .1P - .1L
1.125 - .1P - .1L
1.250 - .1P - .1L
1.375 - .1P - .1L
1.500 - .1P - .1L
1.625 - .1P - .1L
TORQUE
± 5 IN. LBS.
100
120
120
140
140
140
150
150
SHELL
SIZE
10
12
14
16
18
20
22
24
A
MAX
.900 (22.9)
1.025 (26.0)
1.150 (29.2)
1.275 (32.4)
1.525 (38.7)
1.650 (41.9)
1.775 (45.1)
1.900 (48.3)
TABLE I
Series No.
Shell Style
009 = Standard
016 = Scoop Proof
Attachment Symbol
(Table III)
Attachment Length
(Inches)
Dash No. (Table II)
Shell Size (Table I)
290-009 S 18 03-5
C
Basic No.
Attachment Symbol
(Table III)
Shell Size (Table I)
Attachment Length
(Inches)
Dash No. (Table II)
290-010 S 18 03-5
DASH
NO.
01
02
03
04
05
06
TABLE II
C
DIA
.125 (3.2)
.140 (3.6)
.167 (4.2)
.182 (4.6)
.191 (4.9)
.197 (5.0)
PERFORMANCERATING
The protective covers for Series 22 Geo-
Marine connectors provide a hydrostatic
sealing capability of up to 5000 psi when
mated and tightened to the recommended
torque values.


Similar Part No. - 290-009S18

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
290-009 GLENAIR-290-009 Datasheet
78Kb / 1P
   Metal Plug Protective Covers
More results

Similar Description - 290-009S18

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
660-006G16S5 GLENAIR-660-006G16S5 Datasheet
56Kb / 2P
   Protective Covers
660-008M20S6 GLENAIR-660-008M20S6 Datasheet
61Kb / 2P
   Protective Covers
660-014G16S5 GLENAIR-660-014G16S5 Datasheet
61Kb / 2P
   Protective Covers
660-047XO23 GLENAIR-660-047XO23 Datasheet
76Kb / 1P
   Protective Covers
660-014G16S5 GLENAIR-660-014G16S5 Datasheet
415Kb / 2P
   Protective Covers
660-049XO21R6 GLENAIR-660-049XO21R6 Datasheet
257Kb / 1P
   Protective Covers
M81511-16-08 GLENAIR-M81511-16-08 Datasheet
72Kb / 1P
   Protective Covers
M83723-59-208AC GLENAIR-M83723-59-208AC Datasheet
75Kb / 1P
   Protective Covers
logo
Crydom Inc.,
KS101 CRYDOM-KS101 Datasheet
632Kb / 5P
   PROTECTIVE COVERS
logo
Glenair, Inc.
M28840-13HAW GLENAIR-M28840-13HAW Datasheet
79Kb / 1P
   Protective Covers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com