Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

220-01E20 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 220-01E20
Description  Connector Receptacle Assembly In-Line
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

220-01E20 Datasheet(HTML) 1 Page - Glenair, Inc.

  220-01E20 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2003 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
220-01 and 220-11
Connector Receptacle Assembly
In-Line
Master
Key
Master Key
Indicator
A Thread
B Thread
C
220-01: 1.19 (30.2) Max
220-11: 1.44 (36.6) Max
Direction of Pressure
Capability - Class H
Piston O-Ring
Series No.
Shell Style
01 = Standard
11 = Scoop Proof
Class
H = Hermetic
E = Environmental
220-01 H 24-61 P N
Polarization
(N, 1, 2, 3, 4)
P = Pins
S = Sockets (Class
E only)
Insert Arrangement
Shell Size
Prior to use, lubricate
O-rings with high grade
silicone lubricant
(Moly-kote M55 or equivalent).
Metric dimensions (mm) are
indicated in parentheses.
SHELL
SIZE
10
12
14
16
18
20
22
24
C DIA
MAX
.906 (23.0)
1.031 (26.2)
1.156 (29.4)
1.281 (32.5)
1.531 (38.9)
1.656 (42.1)
1.781 (45.2)
1.906 (48.4)
B THREAD
CLASS 2A
.750 - .1P - .1L
.875 - .1P - .1L
1.000 - .1P - .1L
1.125 - .1P - .1L
1.250 - .1P - .1L
1.375 - .1P - .1L
1.500 - .1P - .1L
1.625 - .1P - .1L
A THREAD
CLASS 2A
5/8 -
24 UNEF
3/4 -
20 UNEF
7/8 -
20 UNEF
1 -
20 UNEF
1 1/8 -
16 UN
1 1/4 -
16 UN
1 3/8 -
16 UN
1 1/2 -
16 UN
DIMENSIONS
REPLACEMENT O-RING
PART NUMBERS *
* Parker O-ring part numbers.
Compound N674-70 or equivalent.
SHELL
SIZE
10
12
14
16
18
20
22
24
PISTON
O-RING
2-014
2-016
2-018
2-020
2-022
2-024
2-026
2-028


Similar Part No. - 220-01E20

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
220-01 GLENAIR-220-01 Datasheet
110Kb / 2P
   High-Pressure Environmental/Hermetic
logo
Winchester Electronics ...
220-010-0001G WINCHESTER-220-010-0001G Datasheet
63Kb / 1P
   RDM HIGH POWER P.C PLUG 40 AMP
220-010-0046G WINCHESTER-220-010-0046G Datasheet
39Kb / 1P
   First Mate RDM Plug
220-010-0048G WINCHESTER-220-010-0048G Datasheet
44Kb / 1P
   First Mate Edge Mound Plug
220-010-0064G WINCHESTER-220-010-0064G Datasheet
103Kb / 1P
   RDM Complaint Power Plug
More results

Similar Description - 220-01E20

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITS-3101-A-PHM GLENAIR-ITS-3101-A-PHM Datasheet
201Kb / 2P
   In-Line Cylindrical Receptacle Assembly
ITS-3101-A-M GLENAIR-ITS-3101-A-M Datasheet
153Kb / 2P
   In-Line Cylindrical Receptacle Assembly
ITS-3101-A-N5 GLENAIR-ITS-3101-A-N5 Datasheet
120Kb / 2P
   In-Line Cylindrical Receptacle Assembly
ITS3101RSFK GLENAIR-ITS3101RSFK Datasheet
681Kb / 2P
   In-Line Cylindrical Receptacle Assembly
ITS3101SPFK GLENAIR-ITS3101SPFK Datasheet
676Kb / 2P
   In-Line Cylindrical Receptacle Assembly
ITS-3101-A-ZLF GLENAIR-ITS-3101-A-ZLF Datasheet
304Kb / 2P
   In Line Cylindrical Receptacle Assembly
ITS3101GFK GLENAIR-ITS3101GFK Datasheet
668Kb / 2P
   In-Line Cylindrical Receptacle Assembly
ITS3101GRFK GLENAIR-ITS3101GRFK Datasheet
664Kb / 2P
   In-Line Cylindrical Receptacle Assembly
ITS-3101-A-PHM-EMI67 GLENAIR-ITS-3101-A-PHM-EMI67 Datasheet
143Kb / 2P
   In-Line Cylindrical Receptacle Assembly
ITS-3101-RS GLENAIR-ITS-3101-RS Datasheet
153Kb / 2P
   In-Line Cylindrical Receptacle Assembly
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com