Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M24758-12-04-15 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # M24758-12-04-15
Description  Adapter for Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M24758-12-04-15 Datasheet(HTML) 2 Page - Glenair, Inc.

  M24758-12-04-15 Datasheet HTML 1Page - Glenair, Inc. M24758-12-04-15 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 6/1999 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
69
A
Thread
(Class 2B)
0.438 - 28 UNEF
0.563 - 24 UNEF
0.688 - 24 UNEF
0.813 - 20 UNEF
0.938 - 20 UNEF
1.063 - 18 UNEF
1.188 - 18 UNEF
1.313 - 18 UNEF
1.438 - 18 UNEF
Connector
Shell
Size
08
10
12
14
16
18
20
22
24
TABLE II (A Thread Code and Adapter Dimensions)
E
Dia
±.02
(.5)
.340
(8.6)
.450 (11.4)
.570 (14.5)
.680 (17.3)
.810 (20.6)
.930 (23.6)
1.060 (26.9)
1.180 (30.0)
1.310 (33.3)
A
Thread
Code
07
09
11
13
15
17
19
21
23
D
Dia
±.02
(.5)
.590 (15.0)
.710 (18.0)
.840 (21.3)
.960 (24.4)
1.090 (27.7)
1.210 (30.7)
1.340 (34.0)
1.460 (37.1)
1.590 (40.4)
J
Style 01
±.02
(.5)
.870 (22.1)
.870 (22.1)
.870 (22.1)
.870 (22.1)
.870 (22.1)
1.060 (26.9)
1.180 (30.0)
1.620 (41.1)
1.680 (42.7)
M24758/12 Adapter for
MIL-C-26482 Series I Connectors
C
Thread
(Class 2A)
0.438 - 28 UNEF
0.563 - 24 UNEF
0.688 - 24 UNEF
0.813 - 20 UNEF
0.938 - 20 UNEF
1.250 - 18 UNEF
1.563 - 18 UNEF
1.875 - 16 UN
2.375 - 16 UN
2.875 - 16 UN
3.375 - 16 UN
Conduit
Size
Code
02
03
04
05
06
08
10
12
16
20
24
TABLE I
L
±.02
(.5)
.210
(5.3)
.250
(6.4)
.250
(6.4)
.310
(7.9)
.310
(7.9)
.370
(9.4)
.370
(9.4)
.430 (10.9)
.430 (10.9)
.430 (10.9)
.430 (10.9)
K
Dia
Min.
.250
(6.4)
.370
(9.4)
.500 (12.7)
.620 (15.7)
.750 (19.1)
1.000 (25.4)
1.250 (31.8)
1.500 (38.1)
2.000 (50.8)
2.500 (63.5)
3.000 (76.2)
N
Dia
±.02
(.5)
.687 (17.4)
.812 (20.6)
.937 (23.8)
1.062 (27.0)
1.187 (30.1)
1.500 (38.1)
1.812 (46.0)
2.125 (54.0)
2.625 (66.7)
3.125 (79.4)
3.625 (92.1)


Similar Part No. - M24758-12-04-15

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-12-04 GLENAIR-M24758-12-04 Datasheet
122Kb / 2P
   Adapter
More results

Similar Description - M24758-12-04-15

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-13-02-03 GLENAIR-M24758-13-02-03 Datasheet
132Kb / 2P
   Adapter for Connectors
M24758-13-16-08 GLENAIR-M24758-13-16-08 Datasheet
121Kb / 2P
   Adapter for Connectors
M24758-12-16-01 GLENAIR-M24758-12-16-01 Datasheet
80Kb / 2P
   Adapter for Connectors
M24758-11-16-01 GLENAIR-M24758-11-16-01 Datasheet
78Kb / 2P
   Adapter for Coaxial Connectors
M24758-10-02-01 GLENAIR-M24758-10-02-01 Datasheet
121Kb / 2P
   Adapter for Triaxial Connectors
M24758-11-02-02 GLENAIR-M24758-11-02-02 Datasheet
111Kb / 2P
   Adapter for Coaxial Connectors
M24758-11C02 GLENAIR-M24758-11C02 Datasheet
50Kb / 2P
   Adapter for Coaxial Connectors
logo
DB Lectro Inc
AEC0810SL-P9 DBLECTRO-AEC0810SL-P9 Datasheet
435Kb / 1P
   PG-ADAPTER FOR MS CIRCULAR CONNECTORS
logo
Glenair, Inc.
M24758-20C20 GLENAIR-M24758-20C20 Datasheet
62Kb / 2P
   Adapter for MIL-DTL-38999 Connectors
M24758-21C20 GLENAIR-M24758-21C20 Datasheet
63Kb / 2P
   Adapter for MIL-DTL-22992 Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com