Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

220-13H18 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 220-13H18
Description  Bulkhead Connector Receptacle Assemblies
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

220-13H18 Datasheet(HTML) 1 Page - Glenair, Inc.

  220-13H18 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
12
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2003 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
220-03 H 24-61 P N
Polarization
(N, 1, 2, 3, 4)
P = Pins
Insert Arrangement
Shell Size
Series No.
Shell Style
03 = Standard
13 = Scoop Proof
Class
H = Hermetic
220-03 and 220-13
Bulkhead Connector Receptacle Assemblies
Solder Mount
Prior to use, lubricate
O-rings with high grade
silicone lubricant
(Moly-kote M55 or equivalent).
Metric dimensions (mm) are
indicated in parentheses.
Recommended
Panel Cutout
DIMENSIONS
SHELL
SIZE
10
12
14
16
18
20
22
24
B THREAD
CLASS 2A
.750 - .1P - .1L
.875 - .1P - .1L
1.000 - .1P - .1L
1.125 - .1P - .1L
1.250 - .1P - .1L
1.375 - .1P - .1L
1.500 - .1P - .1L
1.625 - .1P - .1L
C DIA
MAX
.870 (22.1)
.995 (25.3)
1.120 (28.4)
1.245 (31.6)
1.370 (34.8)
1.495 (38.0)
1.620 (41.1)
1.745 (44.3)
D
DIA
1.00 (25.4)
1.13 (28.7)
1.25 (31.8)
1.38 (35.1)
1.50 (38.1)
1.63 (41.4)
1.75 (44.5)
1.88 (47.8)
E DIA
+.010 +(0.3)
-.000
-(0.0)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
1.375 (34.9)
1.500 (38.1)
1.625 (41.3)
1.750 (44.5)
REPLACEMENT O-RING
PART NUMBERS *
* Parker O-ring part numbers.
Compound N674-70 or equivalent.
SHELL
SIZE
10
12
14
16
18
20
22
24
PISTON
O-RING
2-014
2-016
2-018
2-020
2-022
2-024
2-026
2-028
Master
Key
Master Key
Indicator
Piston O-Ring
B Thread
220-03: 1.19 (30.2) Max
220-13: 1.44 (36.6) Max
C
D
.65 (16.5) Max
.06 (1.5)
.06 (1.5)
Direction of Pressure
Capability - Class H
E


Similar Part No. - 220-13H18

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
220-13H1861P1 GLENAIR-220-13H1861P1 Datasheet
317Kb / 1P
   Solder Mount Bulkhead Connector Receptacle
220-13H1861P2 GLENAIR-220-13H1861P2 Datasheet
317Kb / 1P
   Solder Mount Bulkhead Connector Receptacle
220-13H1861P3 GLENAIR-220-13H1861P3 Datasheet
317Kb / 1P
   Solder Mount Bulkhead Connector Receptacle
220-13H1861P4 GLENAIR-220-13H1861P4 Datasheet
317Kb / 1P
   Solder Mount Bulkhead Connector Receptacle
220-13H1861PN GLENAIR-220-13H1861PN Datasheet
317Kb / 1P
   Solder Mount Bulkhead Connector Receptacle
More results

Similar Description - 220-13H18

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
220-00E10 GLENAIR-220-00E10 Datasheet
40Kb / 1P
   Bulkhead Connector Receptacle Assemblies
257-163 GLENAIR-257-163 Datasheet
67Kb / 2P
   Connector Receptacle Assemblies
220-04H10 GLENAIR-220-04H10 Datasheet
80Kb / 1P
   Connector Receptacle Assemblies
logo
Tyco Electronics
408-4571 MACOM-408-4571 Datasheet
87Kb / 3P
   Backplane Receptacle Connector Assemblies
logo
Glenair, Inc.
220-07H10 GLENAIR-220-07H10 Datasheet
424Kb / 1P
   Receptacle Assemblies
logo
Winchester Electronics ...
KN-79-69 WINCHESTER-KN-79-69 Datasheet
62Kb / 1P
   RECEPTACLE, BULKHEAD
1064-2 WINCHESTER-1064-2 Datasheet
280Kb / 1P
   BULKHEAD RECEPTACLE
SD1064-2 WINCHESTER-SD1064-2 Datasheet
99Kb / 1P
   BULKHEAD RECEPTACLE
logo
Glenair, Inc.
220-03H10 GLENAIR-220-03H10_09 Datasheet
317Kb / 1P
   Solder Mount Bulkhead Connector Receptacle
logo
Tyco Electronics
5-103735-3 MACOM-5-103735-3 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com