Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJ44C251B-10HJM Datasheet(PDF) 1 Page - Austin Semiconductor

Part # SMJ44C251B-10HJM
Description  256K X 4 VRAM 256K x 4 DRAM with 512K x 4 SAM
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

SMJ44C251B-10HJM Datasheet(HTML) 1 Page - Austin Semiconductor

  SMJ44C251B-10HJM Datasheet HTML 1Page - Austin Semiconductor SMJ44C251B-10HJM Datasheet HTML 2Page - Austin Semiconductor SMJ44C251B-10HJM Datasheet HTML 3Page - Austin Semiconductor SMJ44C251B-10HJM Datasheet HTML 4Page - Austin Semiconductor SMJ44C251B-10HJM Datasheet HTML 5Page - Austin Semiconductor SMJ44C251B-10HJM Datasheet HTML 6Page - Austin Semiconductor SMJ44C251B-10HJM Datasheet HTML 7Page - Austin Semiconductor SMJ44C251B-10HJM Datasheet HTML 8Page - Austin Semiconductor SMJ44C251B-10HJM Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
VRAM
VRAM
VRAM
VRAM
VRAM
SMJ44C251B
MT42C4256
Austin Semiconductor, Inc.
SMJ44C251B/MT42C4256
Rev. 0.1 12/03
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
1
FEATURES
Class B High-Reliability Processing
DRAM: 262144 Words × 4 Bits
SAM: 512 Words × 4 Bits
Single 5-V Power Supply (±10% Tolerance)
Dual Port Accessibility–Simultaneous and Asynchronous Access
From the DRAM and SAM Ports
Bidirectional-Data-Transfer Function Between the DRAM and the
Serial-Data Register
4 × 4 Block-Write Feature for Fast Area Fill Operations; As Many
as Four Memory Address Locations Written per Cycle From an
On-Chip Color Register
Write-Per-Bit Feature for Selective Write to Each RAM I/O; Two
Write-Per-Bit Modes to Simplify System Design
Enhanced Page-Mode Operation for Faster Access
CAS-Before-RAS (CBR) and Hidden Refresh Modes
All Inputs/Outputs and Clocks Are TTL Compatible
Long Refresh Period: Every 8 ms (Max)
Up to 33-MHz Uninterrupted Serial-Data Streams
3-State Serial I/Os Allow Easy Multiplexing of Video-Data
Streams
512 Selectable Serial-Register Starting
Split Serial-Data Register for Simplified Real-Time Register Reload
OPTIONS
MARKING
• Timing
100ns, 30ns/27ns
-10
120ns, 35ns/35ns
-12
• Package(s)
MT Prefix
SMJ Prefix
Ceramic SOJ
DCJ
---
Ceramic DIP (400 mil)
C
JDM
Ceramic LCC
EC
HMM
Ceramic Flat Pack
F
---
Ceramic ZIP
CZ
SVM
Ceramic LCC
---
HJM
PIN ASSIGNMENT
(Top View)
AVAILABLE AS MILITARY
SPECIFICATIONS
• SMD 5962-89497
• MIL-STD-883
28-Pin DIP (C)
(400 MIL)
256K X 4 VRAM
256K x 4 DRAM
with 512K x 4 SAM
For more products and information
please visit our web site at
www.austinsemiconductor.com
28-Pin SOJ (DCJ)
28-Pin LCC (EC)
28-Pin ZIP (CZ)
DSF
DQ3
SDQ2
Vss
SDQ0
TRG\
DQ1
GND
A8
A5
Vcc
A3
A1
QSF
DQ2
SE\
SDQ3
SC
SDQ1
DQ0
W\
RAS\
A8
A4
A7
A2
A0
CAS\
1
3
5
7
9
11
13
15
17
19
21
23
25
27
2
4
6
8
10
12
14
16
18
20
22
24
26
28
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
SC
SDQ1
SDQ2
TR\/OE\
DQ1
DQ2
ME\/WE\
NC
RAS\
A8
A6
A5
A4
Vcc
Vss
SDQ4
SDQ3
SE\
DQ4
DQ3
DSF
CAS\
QSF
A0
A1
A2
A3
A7
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
SC
SDQ1
SDQ2
TR\/OE\
DQ1
DQ2
ME\/WE\
NC
RAS\
A8
A6
A5
A4
Vcc
Vss
SDQ4
SDQ3
SE\
DQ4
DQ3
DSF
CAS\
QSF
A0
A1
A2
A3
A7
28-Pin FP (F)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
SC
SDQ1
SDQ2
TR\/OE\
DQ1
DQ2
ME\/WE\
NC
RAS\
A8
A6
A5
A4
Vcc
Vss
SDQ4
SDQ3
SE\
DQ4
DQ3
DSF
CAS\
QSF
A0
A1
A2
A3
A7
PIN NAME
(SMJ)
PIN NAME
(MT)
DESCRIPTION
A0 - A8
A0 - A8
Address Inputs
CAS\
CAS\
Column Enable
DQ0 - DQ3
DQ1 - DQ4
DRAM Data In-Out/Write-Mask Bit
SE\
SE\
Serial Enable
RAS\
RAS\
Row Enable
SC
SC
Serial Data Clock
SDQ0 - SDQ3 SDQ1 - SDQ4 Serial Data In-Out
TRG\
TR\ /OE\
Transfer Register/Q Output Enable
W\
ME\ /WE\
Write-Mask Select/Write Enable
DSF
DSF
Special Function Select
QSF
QSF
Split-Register Activity Status
Vcc
Vcc
5V Supply
Vss
Vss
Ground
GND
NC
Ground (Important: Not Connected to
internal Vss, Pin should be left open or
tied to ground.


Similar Part No. - SMJ44C251B-10HJM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ44C251B TI-SMJ44C251B Datasheet
930Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
More results

Similar Description - SMJ44C251B-10HJM

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS4C4256883C AUSTIN-AS4C4256883C Datasheet
7Mb / 11P
   256K x 4 DRAM
logo
Hynix Semiconductor
HY534256A HYNIX-HY534256A Datasheet
755Kb / 15P
   256K x 4-bit CMOS DRAM
logo
Cypress Semiconductor
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY7C106B CYPRESS-CY7C106B Datasheet
161Kb / 10P
   256K x 4 Static RAM
logo
ATMEL Corporation
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
   4-Megabit 256K x 16 or 512K x 8 OTP EPROM
logo
Cypress Semiconductor
CY7C106BN CYPRESS-CY7C106BN_06 Datasheet
349Kb / 8P
   256K x 4 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com