Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2023-6127-06 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # 2023-6127-06
Description  Air Dielectric Directional Couplers Low Loss, Octave Bandwidth
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

2023-6127-06 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  2023-6127-06 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 2023-6127-06 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air Dielectric Directional Couplers Low Loss,
Octave Bandwidth
Rev. V2
2023 Series
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Air Dielectric for Low Loss
• Frequency Range: 1.0 to 18 GHz
• Octave Bandwidths
• Meets MIL-E-5400 Environments
Description
These
directional
couplers
feature
compact
packaging and four-port construction.
This is
combination permits flexibility in system designs.
They are intended for test and measurement
setups as well as for system use.
Temperature
range
is
–54
o
to
+110
oC.
These
units
incorporate three miniature, low VSWR SMA jack
connectors.
Isolated port is terminated with 1/2
watt, 50 ohm load.
Outline Drawing
Case Style
A
Inch
(mm)
B
Inch
(mm)
C
Inch
(mm)
D
Inch
(mm)
E
Inch
(mm)
Weight
oz
Weight
g
1
2.55 (64.8)
2.39 (60.8) 1.97 (50.1) 1.16 (29.4) 0.50 (12.7)
1.90
54
2
1.69 (42.7)
1.52 (38.7) 1.11 (28.2) 1.16 (29.4) 0.50 (12.7)
1.10
31
3
1.41 (35.6)
1.24 (31.5) 0.82 (20.8) 1.16 (29.4) 0.50 (12.7)
1.07
31
4
1.19 (30.0)
1.02 (26.0) 0.60 (15.2) 1.16 (29.4) 0.50 (12.7)
0.98
28
5
1.08 (27.4)
0.92 (23.4) 0.50 (12.7) 1.28 (32.6) 0.63 (15.9)
1.01
30
F
Inch
(mm)
G
Inch
(mm)
H
Inch (mm)
0.38 (9.7)
0.91 (23.2) 0.093 (2.36)
0.38 (9.7)
0.91 (23.2) 0.093 (2.36)
0.38 (9.7)
0.91 (23.2) 0.093 (2.36)
0.38 (9.7)
0.91 (23.2) 0.093 (2.36)
0.38 (9.7)
0.97 (24.6) 0.093 (2.36)
Mechanical Specifications


Similar Part No. - 2023-6127-06

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2023-6127-06 MACOM-2023-6127-06 Datasheet
83Kb / 2P
   Air Dielectric Directional Couplers Low Loss, Octave Bandwidth
More results

Similar Description - 2023-6127-06

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2023 MACOM-2023 Datasheet
83Kb / 2P
   Air Dielectric Directional Couplers Low Loss, Octave Bandwidth
logo
M/A-COM Technology Solu...
2020-6605-10 MA-COM-2020-6605-10 Datasheet
365Kb / 3P
   Directional Couplers Mini Octave Bandwidth
2020 MA-COM-2020_15 Datasheet
370Kb / 3P
   Directional Couplers Mini, Octave Bandwidth
2020SERIES MA-COM-2020SERIES Datasheet
55Kb / 2P
   Directional Couplers Mini, Octave Bandwidth
2020 MA-COM-2020 Datasheet
52Kb / 2P
   Directional Couplers Mini, Octave Bandwidth
logo
Tyco Electronics
2025 MACOM-2025 Datasheet
155Kb / 1P
   Directional Couplers Multi-Octave
logo
M/A-COM Technology Solu...
2025SERIES MA-COM-2025SERIES Datasheet
48Kb / 1P
   Directional Couplers, Multi-Octave
2025 MA-COM-2025 Datasheet
48Kb / 1P
   Directional Couplers, Multi-Octave
2025 MA-COM-2025_15 Datasheet
375Kb / 2P
   Directional Couplers, Multi-Octave
logo
Tyco Electronics
2020 MACOM-2020 Datasheet
128Kb / 2P
   Directional Couplers Mini, Octave Brandwidth
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com