Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M24758-16-10-04 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # M24758-16-10-04
Description  Adapter for Miscellaneous Fittings
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M24758-16-10-04 Datasheet(HTML) 2 Page - Glenair, Inc.

  M24758-16-10-04 Datasheet HTML 1Page - Glenair, Inc. M24758-16-10-04 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 6/1999 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
77
A
Thread
(Class 2A)
1.125 - 14 N
1.288 - 14N
0.750 - 14 NPSM
1.000 - 11 1/2 NPSM
1.250 - 11 1/2 NPSM
1.250 - 11 1/2 NPSM
2.025 - 11 1/2 N
2.250 - 11 1/2 N
2.500 - 8 NPSM
3.000 - 8 NPSM
1.500 - 11 1/2 NPSM
2.000 - 11 1/2 NPSM
A
Thread
Code
01
03
04
06
07
09
10
13
16
19
20
21
TABLE II (A Thread Code and Adapter Dimensions)
H
Dim.
±.02
(.5)
1.250 (31.8)
1.250 (31.8)
1.250 (31.8)
1.250 (31.8)
1.250 (31.8)
1.250 (31.8)
1.560 (39.6)
1.690 (42.9)
2.000 (50.8)
2.060 (52.3)
1.250 (31.8)
1.250 (31.8)
D
Dia
±.005 (.4)
.500 (12.7)
.750 (19.1)
.750 (19.1)
1.000 (25.4)
1.000 (25.4)
1.180 (30.0)
1.250 (31.8)
1.500 (38.1)
2.000 (50.8)
2.500 (63.5)
1.500 (38.1)
2.000 (50.8)
p
Dim.
Min.
1.250 (31.8)
1.430 (36.3)
1.370 (34.8)
1.680 (42.7)
1.810 (46.0)
1.810 (46.0)
2.180 (55.4)
2.500 (63.5)
3.000 (76.2)
3.620 (91.9)
2.500 (63.5)
3.000 (76.2)
C
Thread
(Class 2A)
0.438 - 28 UNEF
0.563 - 24 UNEF
0.688 - 24 UNEF
0.813 - 20 UNEF
0.938 - 20 UNEF
1.250 - 18 UNEF
1.563 - 18 UNEF
1.875 - 16 UN
2.375 - 16 UN
2.875 - 16 UN
3.375 - 16 UN
Conduit
Size
Code
02
03
04
05
06
08
10
12
16
20
24
TABLE I
L
±.02
(.5)
.210
(5.3)
.250
(6.4)
.250
(6.4)
.310
(7.9)
.310
(7.9)
.370
(9.4)
.370
(9.4)
.430 (10.9)
.430 (10.9)
.430 (10.9)
.430 (10.9)
K
Dia
Min.
.250
(6.4)
.370
(9.4)
.500 (12.7)
.620 (15.7)
.750 (19.1)
1.000 (25.4)
1.250 (31.8)
1.500 (38.1)
2.000 (50.8)
2.500 (63.5)
3.000 (76.2)
M24758/16 Adapter for
Miscellaneous Fittings


Similar Part No. - M24758-16-10-04

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-16-10 GLENAIR-M24758-16-10 Datasheet
122Kb / 2P
   Adapter
More results

Similar Description - M24758-16-10-04

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
M24758-16C04 GLENAIR-M24758-16C04 Datasheet
51Kb / 2P
   Adapter for Miscellaneous Fittings
M24758-29B01 GLENAIR-M24758-29B01 Datasheet
190Kb / 2P
   Adapter for Miscellaneous Termination
logo
List of Unclassifed Man...
A632-3 ETC2-A632-3 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE ACCESSORIES
A180-6 ETC2-A180-6 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE ACCESSORIES
logo
Fair-Rite Products Corp...
2643175451 FAIR-RITE-2643175451 Datasheet
606Kb / 2P
   Miscellaneous Suppression Cores
logo
Schneider Electric
VRKP4YYYYY00011 SCHNEIDER-VRKP4YYYYY00011 Datasheet
108Kb / 2P
   Miscellaneous fastener for the telescopic axis
Apr 20, 2022
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Fair-Rite Products Corp...
2643165151 FAIR-RITE-2643165151 Datasheet
608Kb / 2P
   Miscellaneous Suppression Cores
logo
List of Unclassifed Man...
S44238 ETC2-S44238 Datasheet
58Kb / 2P
   Miscellaneous Communications Products
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com