Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3649A Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # E3649A
Description  Programmable DC Power Supplies
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

E3649A Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  E3649A Datasheet HTML 1Page - Agilent(Hewlett-Packard) E3649A Datasheet HTML 2Page - Agilent(Hewlett-Packard) E3649A Datasheet HTML 3Page - Agilent(Hewlett-Packard) E3649A Datasheet HTML 4Page - Agilent(Hewlett-Packard) E3649A Datasheet HTML 5Page - Agilent(Hewlett-Packard) E3649A Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Agilent E3640A – E3649A Programmable DC Power Supply Specifications
Model Number
E3640A
E3641A
E3642A
E3643A
E3644A
E3645A
Maximum Power
30 W
50 W
80 W
# of Outputs
11
1
1
1
1
DC Output Rating
(@ 0 ºC to 40 ºC)
0 to 8 V/3 A or
0 to 20 V/1.5 A
0 to 35 V/0.8 A or
0 to 60 V/0.5 A
0 to 8 V/5 A or
0 to 20 V/2.5 A
0 to 35 V/1.4 A or
0 to 60 V/0.8 A
0 to 8 V/8 A or
0 to 20 V/4 A
0 to 35 V/2.2 A or
0 to 60 V/1.3 A
Net Weight
5.3 kg
5.2 kg
6.3 kg
6.2 kg
6.6 kg
6.7 kg
Dimensions (without bumper)
212.6 mm W x 88.5 mm H x 348.3 mm D
Model Number
E3646A
E3647A
E3648A
E3649A
Maximum Power
60 W
100 W
# of Outputs
22
2
2
DC Output Rating
(@ 0 ºC to 40 ºC)
Two
0 to 8 V/3 A or
0 to 20 V/1.5 A
Two
0 to 35 V/0.8 A or
0 to 60 V/0.5 A
Two
0 to 8 V/5 A or
0 to 20 V/2.5 A
Two
0 to 35 V/1.4 A or
0 to 60 V/0.8 A
Net Weight
8.2 kg
8.0 kg
9.2 kg
9.1 kg
Dimensions (without bumper)
212.8 mm W x 133.0 mm H x 348.3 mm D
Load and Line Regulation ± (% of output + offset)
Voltage
< 0.01% + 3 mV
Current
< 0.01% + 250 μA
Ripple and Noise (20 Hz to 20 MHz)
Normal Mode Voltage
< 5 mVpp/0.5 mVrms for 8 V/20 V models
< 8 mVpp/1 mVrms for 35 V/60 V models
Normal Mode Current
< 4 mArms
Common Mode Current
< 1.5 μArms
Accuracy1 12 Months (@ 25 ºC ± 5 ºC), ± (% output + offset)
Programming
Voltage
< 0.05% + 10 mV (< 0.1% + 25 mV for output 2 of E3646/47/48/49 A)
Current
< 0.2% + 10 mA
Readback (over GPIB and with respect to actual output)
Voltage
< 0.05% + 5 mV (< 0.1% + 25 mV for output 2 of E3646/47/48/49 A)
Current
< 0.15% + 5 mA (< 0.15% + 10 mA for output 2 of E3646/47/48/49 A)
Meter2 (over front panel with respect to actual output)
Voltage
< 0.05% + 2 counts (<0.1% + 4 counts for output 2)
Current
< 0.15% + 5 mA (<0.15% + 10 mA for output 2)
Resolution
Program
< 5 mV/1 mA
Readback
< 2 mV/1 mA
Meter
10 mV/1 mA
Transient Response
Less than 50 μsec for output to recover to within 15 mV following a change in output current from full load to half
load or vice versa.
Settling Time3
< 90 msec
OVP
Accuracy,
± (% output + offset)
Activation Time4
< 0.5% + 0.5 V
< 1.5 msec, OVP
¥3 V/< 10 msec, OVP < 3 V
1 Accuracy specifications are valid after a 1-hour warm-up with no load and calibration at 25 ºC.
2 Meter accuracy specification is at minimum 10 mV decimal limited by front panel resolution.
3 Maximum time required for the output voltage to change from 1% to 99% or vice versa following the receipt of VOLTage or APPLy command via direct
GPIB or RS-232 interface.
4 Average time for output to start and drop after an OVP condition occurred.


Similar Part No. - E3649A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E3649A KEYSIGHT-E3649A Datasheet
808Kb / 6P
   Programmable DC Power Supplies
More results

Similar Description - E3649A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E36103A KEYSIGHT-E36103A Datasheet
2Mb / 8P
   Programmable DC Power Supplies
E3646A KEYSIGHT-E3646A Datasheet
808Kb / 6P
   Programmable DC Power Supplies
logo
B&K Precision Corporati...
9120A BK-9120A Datasheet
800Kb / 3P
   Programmable DC Power Supplies
logo
Keysight Technologies
E3633A KEYSIGHT-E3633A Datasheet
997Kb / 5P
   Programmable DC Power Supplies
E3632A KEYSIGHT-E3632A Datasheet
997Kb / 5P
   Programmable DC Power Supplies
E3645A KEYSIGHT-E3645A Datasheet
808Kb / 6P
   Programmable DC Power Supplies
logo
List of Unclassifed Man...
1785A ETC2-1785A Datasheet
109Kb / 1P
   Programmable DC Power Supplies
logo
Keysight Technologies
E36105A KEYSIGHT-E36105A Datasheet
2Mb / 8P
   Programmable DC Power Supplies
E36106A KEYSIGHT-E36106A Datasheet
2Mb / 8P
   Programmable DC Power Supplies
E3642A KEYSIGHT-E3642A Datasheet
808Kb / 6P
   Programmable DC Power Supplies
E3647A KEYSIGHT-E3647A Datasheet
808Kb / 6P
   Programmable DC Power Supplies
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com