Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E4991A-001 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # E4991A-001
Description  RF Impedance/Material Analyzer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

E4991A-001 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button E4991A-001 Datasheet HTML 7Page - Agilent(Hewlett-Packard) E4991A-001 Datasheet HTML 8Page - Agilent(Hewlett-Packard) E4991A-001 Datasheet HTML 9Page - Agilent(Hewlett-Packard) E4991A-001 Datasheet HTML 10Page - Agilent(Hewlett-Packard) E4991A-001 Datasheet HTML 11Page - Agilent(Hewlett-Packard) E4991A-001 Datasheet HTML 12Page - Agilent(Hewlett-Packard) E4991A-001 Datasheet HTML 13Page - Agilent(Hewlett-Packard) E4991A-001 Datasheet HTML 14Page - Agilent(Hewlett-Packard) E4991A-001 Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
11
General Characteristics
Environment conditions
Operating condition
Temperature: 5 °C to 40 °C
Humidity:
(at wet bulb temperature ≤ 29 °C, without condensation)
Flexible disk drive non-operating condition:
15% to 90% RH
Flexible disk drive operating condition:
20% to 80% RH
Altitude: 0 m to 2,000 m (0 feet to 6,561 feet)
Vibration: 0.5 G maximum, 5 Hz to 500 Hz
Warm-up time: 30 minutes
Non-operating storage condition
Temperature: –20 °C to +60 °C
Humidity:
(at wet bulb temperature ≤ 45 °C, without condensation)
15% to 90% RH
Altitude: 0 m to 4,572 m (0 feet to 15,000 feet)
Vibration: 1 G maximum, 5 Hz to 500 Hz
External trigger input connector
Level:
LOW threshold voltage: 0.5 V
HIGH threshold voltage: 2.1 V
Input level range: 0 V to +5 V
Pulse width (Tp):
≥ 2 µsec (typical). See Figure 6 for definition of Tp.
Polarity: Positive or negative (selective)
Connector type: BNC, female
Figure 6. Definition of pulse width (Tp)
Postive trigger signal
Tp
Tp
5V
OV
5V
OV
Negative trigger signal
Tp
Tp


Similar Part No. - E4991A-001

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E4991B KEYSIGHT-E4991B Datasheet
7Mb / 42P
   Impedance Analyzer
E4991B-002 KEYSIGHT-E4991B-002 Datasheet
7Mb / 42P
   Impedance Analyzer
E4991B-007 KEYSIGHT-E4991B-007 Datasheet
7Mb / 42P
   Impedance Analyzer
E4991B-010 KEYSIGHT-E4991B-010 Datasheet
7Mb / 42P
   Impedance Analyzer
More results

Similar Description - E4991A-001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLM-160808-R22K ETC-FLM-160808-R22K Datasheet
16Kb / 1P
   HP 4291B RF impedance/material analyzer
logo
Keysight Technologies
E4990A KEYSIGHT-E4990A Datasheet
4Mb / 30P
   Impedance Analyzer
E4990A-001 KEYSIGHT-E4990A-001 Datasheet
4Mb / 30P
   Impedance Analyzer
E4991B-002 KEYSIGHT-E4991B-002 Datasheet
7Mb / 42P
   Impedance Analyzer
E4991B-007 KEYSIGHT-E4991B-007 Datasheet
7Mb / 42P
   Impedance Analyzer
E4991B KEYSIGHT-E4991B Datasheet
7Mb / 42P
   Impedance Analyzer
E4991B-010 KEYSIGHT-E4991B-010 Datasheet
7Mb / 42P
   Impedance Analyzer
logo
Agilent(Hewlett-Packard...
4294A HP-4294A Datasheet
1,002Kb / 32P
   Precision Impedance Analyzer
4395A HP-4395A Datasheet
417Kb / 20P
   Network/Spectrum/Impedance Analyzer
logo
Analog Devices
AD5934 AD-AD5934_17 Datasheet
579Kb / 31P
   Impedance Converter, Network Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com