Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMX55161A-70HKCI Datasheet(PDF) 6 Page - Austin Semiconductor

Part # SMX55161A-70HKCI
Description  262144 x 16 BIT VRAM MULTIPORT VIDEO RAM
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

SMX55161A-70HKCI Datasheet(HTML) 6 Page - Austin Semiconductor

Back Button SMX55161A-70HKCI Datasheet HTML 2Page - Austin Semiconductor SMX55161A-70HKCI Datasheet HTML 3Page - Austin Semiconductor SMX55161A-70HKCI Datasheet HTML 4Page - Austin Semiconductor SMX55161A-70HKCI Datasheet HTML 5Page - Austin Semiconductor SMX55161A-70HKCI Datasheet HTML 6Page - Austin Semiconductor SMX55161A-70HKCI Datasheet HTML 7Page - Austin Semiconductor SMX55161A-70HKCI Datasheet HTML 8Page - Austin Semiconductor SMX55161A-70HKCI Datasheet HTML 9Page - Austin Semiconductor SMX55161A-70HKCI Datasheet HTML 10Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
VRAM
SM55161A
Production
Austin Semiconductor, Inc.
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
6
SMJ55161A
Rev. 1.6
03/05
TABLE 2: PIN DESCRIPTIONS VS. OPERATIONAL MODE
PIN
DRAM
TRANSFER
SAM
A0-A8
Row, column address
Row address, Tap point
CASL\,
CASU\
Column-address strobe, DQ output enable
Tap-address strobe
DQ
DRAM data I/O, write mask
Block-write enable
Write-mask-register load enable
Color-register load enable
CBR (option reset)
RAS\
Row-address strobe
Row-address strobe
SC
Serial clock
SQ
Serial-data output
TRG\
DQ output enable
Transfer enable
WE\
Write enable, write-pre-bit enable
QSF
Special-function output
Serial-register status
NC/GND
Either make no external connection or tie to
system GND (VSS)
VCC
1
5V supply
VSS
1
Ground
SQ output enable,
QSF output enable
DSF
Split-register-transfer enable
SE\
NOTES: 1. For proper device operation, all VCC pins must be connected to a 5-V supply, and all VSS pins must be tied to ground.
address (A0–A8)
Eighteen address bits are required to decode each one of
the 262 144 storage cell locations. Nine row-address bits are set
up on pins A0–A8 and latched onto the chip on the falling edge
of RAS\. Nine column-address bits are set up on pins A0–A8
and latched onto the chip on the first falling edge of CASx\. All
addresses must be stable on or before the falling edge of RAS\
and the first falling edge of CASx\.
During the full-register-transfer read operation, the states
of A0–A8 are latched on the falling edge of RAS\ to select one
of the 512 rows where the transfer occurs. At the first falling
edge of CASx\, the column-address bits A0–A8 are latched.
The most significant column-address bit (A8) selects which
half of the row is transferred to the SAM. The appropriate 8-bit
column address (A0–A8) selects one of 512 tap points (starting
positions) for the serial-data output.
During the split-register-transfer read operation, an
internal counter selects which half of the register is used. If the
high half of the SAM is currently in use, the low half of the
SAM is loaded with the low half of the DRAM half row and vice
versa. Column address (A8) selects the DRAM half row. The
remaining eight address bits (A0–A7) are used to select one of
256 possible starting locations within the SAM.
row-address strobe (RAS\)
RAS\ is similar to a chip enable so that all DRAM cycles
and transfer cycles are initiated by the falling edge of RAS\.
RAS\ is a control input that latches the states of the row
address, WE\, TRG\, CASL\, CASU\, and DSF onto the chip to
invoke DRAM and transfer-read/write functions of the
SMJ55161A.
column-address strobe (CASL, CASU)
CASL\ and CASU\ are control inputs that latch the states
of the column address and DSF to control DRAM and transfer
functions of the SMJ55161A. CASx\ also acts as output enable
for the DRAM output pins DQ0–DQ15. In DRAM operation,
CASL\ enables data to be written to or read from the lower byte
(DQ0–DQ7), and CASU\ enables data to be written to or from
the upper byte (DQ8–DQ15). In transfer operations, address
bits A0–A8 are latched at the first falling edge of CASx\ as the
start position (tap) for the serial-data output (SQ0–SQ15).


Similar Part No. - SMX55161A-70HKCI

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMX5000XLRT3U TRIPPLITE-SMX5000XLRT3U Datasheet
508Kb / 5P
   SmartPro 230V 5kVA 3.75kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 3U Rack-Tower, USB, DB9 Serial
logo
List of Unclassifed Man...
SMX500RT1U ETC2-SMX500RT1U Datasheet
490Kb / 5P
   SmartPro .5kVA Line Interactive UPS, SNMPWEBCARD option, 1U Rack/Tower, USB
logo
Tripp Lite. All Rights ...
SMX500RT1U TRIPPLITE-SMX500RT1U_15 Datasheet
490Kb / 5P
   SmartPro 230V 500VA 300W Line-Interactive UPS,SNMP, Webcard, 1U Rack-Tower, USB, DB9 Serial
More results

Similar Description - SMX55161A-70HKCI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS55165 TI-TMS55165 Datasheet
1Mb / 70P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ55166 TI-SMJ55166 Datasheet
1Mb / 62P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ55161 TI-SMJ55161 Datasheet
1Mb / 64P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ44C251 TI-SMJ44C251 Datasheet
950Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
SMJ44C251B TI-SMJ44C251B Datasheet
930Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
TMS55160 TI-TMS55160 Datasheet
1Mb / 67P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAMS
logo
Elpida Memory
HM5316123B ELPIDA-HM5316123B Datasheet
521Kb / 50P
   131,072-word x 16-bit Multiport CMOS Video RAM
logo
Hitachi Semiconductor
HM53461 HITACHI-HM53461 Datasheet
781Kb / 13P
   65,536-WORD x 4-BIT MULTIPORT CMOS VIDEO RAM
logo
NEC
UPD41256 NEC-UPD41256 Datasheet
722Kb / 17P
   262144 X 1-BIT DYNAMIC NMOS RAM
logo
Samsung semiconductor
KM4216C256 SAMSUNG-KM4216C256 Datasheet
2Mb / 41P
   256K X 16 BIT CMOS VIDEO RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com