Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8563EC Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # 8563EC
Description  Spectrum Analyzers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

8563EC Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button 8563EC Datasheet HTML 2Page - Agilent(Hewlett-Packard) 8563EC Datasheet HTML 3Page - Agilent(Hewlett-Packard) 8563EC Datasheet HTML 4Page - Agilent(Hewlett-Packard) 8563EC Datasheet HTML 5Page - Agilent(Hewlett-Packard) 8563EC Datasheet HTML 6Page - Agilent(Hewlett-Packard) 8563EC Datasheet HTML 7Page - Agilent(Hewlett-Packard) 8563EC Datasheet HTML 8Page - Agilent(Hewlett-Packard) 8563EC Datasheet HTML 9Page - Agilent(Hewlett-Packard) 8563EC Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Amplitude Specifications, continued
Spurious responses
General spurious responses
(Mixer level –40 dBm)
< (–75 + 20 x logN)1 dBc
Second harmonic distortion
Input signal
Mixer level
Distortion
SHI
20 MHz to 1.45 GHz
–40 dBm
≤ –79 dBc 2
+39 dBm 2
1.45 GHz to 2 GHz
–10 dBm 3
≤ –85 dBc 3
+75 dBm 3
2 GHz to 13.25 GHz
8562E, 8563E
–10 dBm
≤ –100 dBc
+90 dBm
8564E, 8565E
–10 dBm
≤ –90 dBc
+80 dBm
13.25 GHz to 25 GHz
–10 dBm
≤ –90 dBc
+80 dBm
Third order intermodulation distortion
(Two –30 dBm signals, ≥ 1 kHz apart)
Mixer level
Distortion
TOI
20 MHz to 2.9 GHz
–30 dBm each
≤ –82 dBc 4
+11 dBm
2.9 GHz to 6.46 GHz
–30 dBm each
≤ –90 dBc
+15 dBm
6.46 GHz to 26.8 GHz
–30 dBm each
≤ –75 dBc
+7.5 dBm
26.8 GHz to 50 GHz
–30 dBm each
≤ –85 dBc (nominal)
+12.5 dBm (nominal)
Image responses
Mixer level
10 MHz to 26.8 GHz
–10 dBm
–80 dBc
26.8 GHz to 50 GHz
–30 dBm
–60 dBc
Multiple and out-of-band responses
Mixer level
10 MHz to 26.8 GHz
–10 dBm
–80 dBc
26.8 GHz to 50 GHz
–30 dBm
–55 dBc
Residual responses
≤ –90 dBm, for the range from 200 kHz to 6.46 GHz, no input signal, 0 dB input attenuation
Display range
Viewing area
Color display, approximately 9.6 cm (v) x 13 cm (h)
Scale calibration
10 x 10 divisions
Log scale
10, 5, 2, 1 dB per division
Linear scale
10% of reference level per division
Scale fidelity
Incremental
Maximum
Log range
0 to –90 dB
0 to –90 dB
RBW ≥ 300 Hz
±0.1 dB/dB
±0.85 dB
RBW ≤ 100 Hz
±0.2 dB/2 dB
±0.85 dB5
Linear range
±3% of reference level
Reference level range
Log, adjustable in 0.1 dB steps
30 Hz to 31.15 GHz
–120 to +30 dBm
31.15 GHz to 50 GHz
–115 to +30 dBm
Linear, adjustable in 1% steps
30 Hz to 31.15 GHz
2.2 mV to 7.07 V
31.15 GHz to 50 GHz
3.98 mV to 7.07 V
6
1. Excluding display-related sidebands at multiples of 60 Hz
2. Agilent 8561EC: distortion –72 dBc, SHI +32dBm
3. Agilent 8561EC: mixer level –20 dBm, distortion –72 dBc, SHI +52 dBm
4. Agilent 8561EC –78 dB distortion with two –30 dBm signals, 9 dBm TOI
5. Maximum for 0 to –100 dB is ±1.5 dB


Similar Part No. - 8563EC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8563 PHOENIX-8563 Datasheet
322Kb / 23P
   AXL E S3 DI8 DO4 2A M12 6P
logo
TriQuint Semiconductor
856302 TRIQUINT-856302 Datasheet
480Kb / 5P
   881.5 MHz SAW Filter
logo
TE Connectivity Ltd
856313-9 TEC-856313-9 Datasheet
4Mb / 4P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
logo
TriQuint Semiconductor
856314 TRIQUINT-856314 Datasheet
614Kb / 5P
   140 MHz SAW Filter
856314 TRIQUINT-856314 Datasheet
655Kb / 6P
   140 MHz SAW Filter
More results

Similar Description - 8563EC

ManufacturerPart #DatasheetDescription
logo
B&K Precision Corporati...
2680 BK-2680 Datasheet
3Mb / 6P
   Spectrum Analyzers
2650A BK-2650A Datasheet
536Kb / 8P
   Handheld Spectrum Analyzers
logo
TEKTRONIX, INC.
RSA5000 TEKTRONIX-RSA5000 Datasheet
2Mb / 54P
   Spectrum Analyzers Datasheet
logo
Agilent(Hewlett-Packard...
E4443A HP-E4443A Datasheet
255Kb / 25P
   Agilent PSA Series Spectrum Analyzers
logo
Amphenol Corporation
AAS-BR-165B AMPHENOL-AAS-BR-165B Datasheet
226Kb / 4P
   Chemical analyzers
logo
Keysight Technologies
5989-6014EN KEYSIGHT-5989-6014EN Datasheet
1Mb / 17P
   Network Analyzers
logo
List of Unclassifed Man...
TLA5000 ETC-TLA5000 Datasheet
186Kb / 4P
   LOGIC ANALYZERS
logo
Agilent(Hewlett-Packard...
E7400A HP-E7400A Datasheet
191Kb / 8P
   EMC Analyzers
logo
Keysight Technologies
16860A KEYSIGHT-16860A Datasheet
2Mb / 22P
   Portable Logic Analyzers
N9926A KEYSIGHT-N9926A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com