Part Name
         Description
87075C-012

 75-Ohm Multiport Test Sets ( 20 Page)


HP
100% 
Zoom Out Zoom In
 
 17 page
background image
17
Data hard copy
Hard copy prints can be made using PCL and PCL5
printers (such as HP DeskJet or LaserJet series
printers), or Epson-compatible graphics printers.
Single color and multicolor formats are supported.
Hard copy plots can be automatically produced
with HP-GL-compatible plotters such as the Agilent
7475A, or with printers that support HP-GL. The
analyzer provides Centronics (parallel), RS-232C,
GPIB, and LAN interfaces.
Automation
Controlling via GPIB
Interface: The GPIB interface operates to IEEE
488.2 and SCPI standard-interface commands.
Control: The analyzer can either be the system
controller, or pass bus control to another active
controller.
Data transfer formats:
• ASCII
• 32- or 64-bit IEEE 754 floating-point format
• Mass-memory-transfer commands allow file
transfer between external controller and
analyzer.
Control via LAN
The built-in LAN interface and firmware support
data transfer and control via direct connection to a
10 Base-T (Ethertwist) network. A variety of stan-
dard protocols are supported, including TCP/IP,
sockets, ftp, http, telnet, bootp, and NFS. The LAN
interface is standard.
SCPI: The analyzer can be controlled by sending
Standard Commands for Programmable Instru-
ments (SCPI) within a telnet session or via a socket
connection and TCP/IP (the default socket port is
5025). The analyzer’s socket applications program-
ming interface (API) is compatible with Berkeley
sockets, Winsock, and other standard socket APIs.
Socket programming can be done in a variety of
environments including C programs, Agilent VEE,
SICL/LAN, or a Java™ applet. A standard web
browser and the analyzer’s built-in web page can
be used to remotely enter SCPI commands via a
Java applet.
FTP: Instrument state and data files can be trans-
ferred via ftp (file-transfer protocol). An internal,
dynamic-data disk provides direct access to instru-
ment states, screen dumps, trace data, and operat-
ing parameters.
HTTP: The instrument’s built-in web page can be
accessed with any standard web browser using
http (hypertext transfer protocol) and the network
analyzer’s IP address. The built-in web page can be
used to control the network analyzer, view screen
images, download documentation, and link to other
sites for firmware upgrades and VXIplug&play
drivers. Some word processor and spreadsheet pro-
grams, such as Microsoft® Word 97 and Excel 97,
provide methods to directly import graphics and
data via a LAN connection using http and the net-
work analyzer’s IP address.
SICL/LAN: The analyzer’s support for SICL (standard
instrument control library) over the LAN provides
control of the network analyzer using a variety of
computing platforms, I/O interfaces, and operating
systems. With SICL/LAN, the analyzer is controlled
remotely over the LAN with the same methods used
for a local analyzer connected directly to the com-
puter via a GPIB interface. SICL/LAN protocol
also allows the use of Agiltent’s free VXIplug&play
driver to communicate with the multiport test
system over a LAN. SICL/LAN can be used with
Windows® 95/98/NT, or HP-UX.
NFS: The analyzer’s built-in NFS (network file sys-
tem) client provides access to remote files and
directories using the LAN. With NFS, remote files
and directories (stored remotely on a computer)
behave like local files and directories (stored locally
within the analyzer). Test data taken by the net-
work analyzer can be saved directly to a remote
PC or UNIX® directory, eliminating the need for a
remotely initiated ftp session. For Windows-based
applications, third-party NFS-server software must
be installed on the PC. NFS is fully supported in
most versions of UNIX.
Bootp: Bootstrap protocol (bootp) allows a network
analyzer to automatically configure itself at power-
on with the necessary information to operate on
the network. After a bootp request is sent by the
analyzer, the host server downloads an IP and gate-
way address, and a subnet mask. In addition, the
analyzer can request an IBASIC file, which auto-
matically executes after the transfer is complete.
For Windows-based applications, third-party
bootp-server software must be installed on the PC.
Bootp is fully supported in most versions of UNIX.
System features (continued)



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl