Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FO1003PT7-0 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # FO1003PT7-0
Description  Fiber Optic Cable Sets Inside-the-Box Receptacle/Pigtail Assembly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

FO1003PT7-0 Datasheet(HTML) 1 Page - Glenair, Inc.

  FO1003PT7-0 Datasheet HTML 1Page - Glenair, Inc. FO1003PT7-0 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B-40
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
Glenair ASAP Fiber Optic Cable Sets
Inside-the-Box Receptacle/Pigtail Assembly
D38999 Series III to ST, FC, SC, LC & SMA
Glenair Terminated and Optically Tested Receptacle/
Pigtail Assemblies Are Ready When You Are
Inside-the-Box
The packaging and layout of a fiber optic interconnect assembly can vary widely depending
on the application environment. Fiber optics deployed in military avionics, for example, may take
the form of a Mil-Spec receptacle and simplex pigtail connector assembly when fiber is used to
interconnect the optical transmitter/receiver inside an equipment enclosure to the outside world.
When fiber leads are used within equipment enclosures or other protected environments, the in-
terconnect assembly generally looks something like the assembly featured here: A wall mount or
jam nut mount receptacle connector (“A”) with simplex fiber leads ("B"). The receptacle connector
is used to penetrate the enclosure and mate to the external environmental plug connector. The
simplex leads within the protected enclosure commonly route to the transceiver optical device,
and are terminated to common commercial connectors such as ST, FC, SC, LC (or other) connec-
tors at the "B" end. Glenair ASAP Receptacle/Pigtail Fiber Optic Assemblies are ideal for applica-
tions of this type, and are available with accelerated lead-times. The turnkey assembly includes
fiber optic wiring, MIL-DTL-38999 Style Connector, MIL-PRF-29504 Termini, Mil-Spec Dust-Caps
and customer specified marking and labeling.
Jam-Nut and Wall Mount D38999 Series III Style
Fiber Optic Receptacle Connectors in Aluminum,
Composite or Stainless Steel
ST, FC, SC, LC and SMA to D38999 Series III
Configurations
Single and Multimode Fiber Media
Military Standard Dust Caps
MIL-PRF-29504 Approved Termini
Multichannel Capability: From 2 to 37 Channels
Custom Lengths Available
PRODUCT FEATURES


Similar Part No. - FO1003PT7-0

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
FO1000P05P05 GLENAIR-FO1000P05P05 Datasheet
319Kb / 2P
   ASAP Fiber Optic Cable Sets Rugged Overmolded Polyurethane
FO1000P05P06 GLENAIR-FO1000P05P06 Datasheet
319Kb / 2P
   ASAP Fiber Optic Cable Sets Rugged Overmolded Polyurethane
FO1000P05P08 GLENAIR-FO1000P05P08 Datasheet
319Kb / 2P
   ASAP Fiber Optic Cable Sets Rugged Overmolded Polyurethane
FO1000P05PH7 GLENAIR-FO1000P05PH7 Datasheet
319Kb / 2P
   ASAP Fiber Optic Cable Sets Rugged Overmolded Polyurethane
FO1000P05PS7 GLENAIR-FO1000P05PS7 Datasheet
319Kb / 2P
   ASAP Fiber Optic Cable Sets Rugged Overmolded Polyurethane
More results

Similar Description - FO1003PT7-0

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
FO1005P-06-0 GLENAIR-FO1005P-06-0 Datasheet
326Kb / 2P
   Fiber Optic Cable Sets Inside-the-Box Receptacle/Pigtail Assembly
FO1004P-06-0 GLENAIR-FO1004P-06-0 Datasheet
433Kb / 2P
   Fiber Optic Cable Sets Inside-the-Box Receptacle/Pigtail Assembly
FO1002P05P05 GLENAIR-FO1002P05P05 Datasheet
312Kb / 2P
   Fiber Optic Cable Sets Field Repairable Banding Backshell Assembly
FO1001P05P05 GLENAIR-FO1001P05P05 Datasheet
305Kb / 2P
   Fiber Optic Cable Sets Plastic and Metal-Core Conduit Assembly
FO1000P05P05 GLENAIR-FO1000P05P05 Datasheet
319Kb / 2P
   ASAP Fiber Optic Cable Sets Rugged Overmolded Polyurethane
FA02454 GLENAIR-FA02454 Datasheet
100Kb / 1P
   Fiber Optic Jumper Cable Assembly
FA03286 GLENAIR-FA03286 Datasheet
98Kb / 1P
   Fiber Optic Jumper Cable Assembly
FA03216 GLENAIR-FA03216 Datasheet
103Kb / 1P
   Fiber Optic LC Test Cable Assembly
logo
Molex Electronics Ltd.
88526-2602 MOLEX11-88526-2602 Datasheet
31Kb / 1P
   ST-to-Pigtail, Multimode, 62.5/125m, Simplex, 0.90mm, Standard Fiber Optic Cable Assembly, 3.0m
88526-2603 MOLEX11-88526-2603 Datasheet
31Kb / 1P
   ST-to-Pigtail, Multimode, 62.5/125m, Simplex, 0.90mm, Standard Fiber Optic Cable Assembly, 5.0m
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com