Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT5C1001 Datasheet(PDF) 1 Page - Austin Semiconductor

Part # MT5C1001
Description  1M x 1 SRAM SRAM MEMORY ARRAY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

MT5C1001 Datasheet(HTML) 1 Page - Austin Semiconductor

  MT5C1001_05 Datasheet HTML 1Page - Austin Semiconductor MT5C1001_05 Datasheet HTML 2Page - Austin Semiconductor MT5C1001_05 Datasheet HTML 3Page - Austin Semiconductor MT5C1001_05 Datasheet HTML 4Page - Austin Semiconductor MT5C1001_05 Datasheet HTML 5Page - Austin Semiconductor MT5C1001_05 Datasheet HTML 6Page - Austin Semiconductor MT5C1001_05 Datasheet HTML 7Page - Austin Semiconductor MT5C1001_05 Datasheet HTML 8Page - Austin Semiconductor MT5C1001_05 Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
MT5C1001
Limited Availability
MT5C1001
Rev. 2.1 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
1
Austin Semiconductor, Inc.
FEATURES
• High Speed: 20, 25, 35, and 45
• Battery Backup: 2V data retention
• Low power standby
• Single +5V (+10%) Power Supply
• Easy memory expansion with CE\ and OE\ options.
• All inputs and outputs are TTL compatible
• Three-state output
OPTIONS
MARKING
• Timing
20ns access
-20
25ns access
-25
35ns access
-35
45ns access
-45
55ns access
-55*
70ns access
-70*
• Package(s)
Ceramic DIP (400 mil)
C
No. 109
Ceramic LCC
EC
No. 207
Ceramic Flatpack
F
No. 303
Ceramic SOJ
DCJ
No. 501
• Operating Temperature Ranges
Industrial (-40oC to +85oC)
IT
Military (-55oC to +125oC)
XT
• 2V data retention/low power
L
*Electrical characteristics identical to those provided for the
45ns access devices.
PIN ASSIGNMENT
(Top View)
AVAILABLE AS MILITARY
SPECIFICATIONS
• SMD 5962-92316
• MIL-STD-883
28-Pin DIP (C)
(400 MIL)
32-Pin LCC (EC)
32-Pin SOJ (DCJ)
32-Pin Flat Pack (F)
GENERAL DESCRIPTION
The MT5C1001 employs low power, high-performance
silicon-gate CMOS technology. Static design eliminates the
need for external clocks or timing strobes while CMOS circuitry
reduces power consumption and provides for greater
reliability.
For flexibility in high-speed memory applications, ASI
offers chip enable (CE\) and output enable (OE\) capability.
These enhancements can place the outputs in High-Z for addi-
tional flexibility in system design. Writing to these devices is
accomplished when write enable (WE|) and CE\ inputs are both
LOW. Reading is accomplished when WE\ remains HIGH while
CE\ and OE\ go LOW. The devices offer a reduced power
standby mode when disabled. This allows system designs to
achieve low standby power requirements.
The “L” version provides an approximate 50 percent
reduction in CMOS standby current (I
SBC2
) over the standard
version.
All devices operation from a single +5V power supply
and all inputs and outputs are fully TTL compatible.
1M x 1 SRAM
SRAM MEMORY ARRAY
For more products and information
please visit our web site at
www.austinsemiconductor.com
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A10
A11
A12
A13
A14
A15
NC
A16
A17
A18
A19
Q
WE\
Vss
Vcc
A9
A8
A7
A6
A5
A4
NC
A3
A2
A1
A0
D
CE\
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A10
A11
A12
NC
A13
A14
A15
NC
A16
A17
A18
A19
NC
Q
WE\
Vss
Vcc
NC
A9
A8
A7
A6
A5
A4
A3
NC
A2
NC
A1
A0
D
CE\
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A10
A11
A12
NC
A13
A14
A15
NC
A16
A17
A18
A19
NC
Q
WE\
Vss
Vcc
NC
A9
A8
A7
A6
A5
A4
A3
NC
A2
NC
A1
A0
D
CE\


Similar Part No. - MT5C1001_05

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
MT5C1001C AUSTIN-MT5C1001C Datasheet
166Kb / 13P
   SRAM
MT5C1001C-20L AUSTIN-MT5C1001C-20L Datasheet
166Kb / 13P
   SRAM
MT5C1001C-IT AUSTIN-MT5C1001C-IT Datasheet
166Kb / 13P
   SRAM
MT5C1001DCJ AUSTIN-MT5C1001DCJ Datasheet
166Kb / 13P
   SRAM
MT5C1001DCJ-70 AUSTIN-MT5C1001DCJ-70 Datasheet
166Kb / 13P
   SRAM
More results

Similar Description - MT5C1001_05

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
MT5C6401 AUSTIN-MT5C6401 Datasheet
132Kb / 10P
   64K x 1 SRAM SRAM MEMORY ARRAY
MT5C1005 AUSTIN-MT5C1005 Datasheet
182Kb / 13P
   256K x 4 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_05 Datasheet
204Kb / 14P
   512K x 32 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_03 Datasheet
187Kb / 13P
   512K x 32 SRAM SRAM MEMORY ARRAY
AS8S128K32 AUSTIN-AS8S128K32 Datasheet
244Kb / 11P
   128K x 32 SRAM SRAM MEMORY ARRAY
AS5C4008 AUSTIN-AS5C4008_05 Datasheet
117Kb / 17P
   512K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568 AUSTIN-AS5C2568 Datasheet
145Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
AS5C4008 AUSTIN-AS5C4008 Datasheet
333Kb / 17P
   512K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568DJ AUSTIN-AS5C2568DJ Datasheet
267Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
MT5C1005 AUSTIN-MT5C1005_05 Datasheet
103Kb / 13P
   256K x 4 SRAM SRAM MEMORY ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com