Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1419F-IT Datasheet(PDF) 7 Page - Austin Semiconductor

Part # AS1419F-IT
Description  14 Bit, 800ksps Sampling A/D Converter with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS1419F-IT Datasheet(HTML) 7 Page - Austin Semiconductor

Back Button AS1419F-IT Datasheet HTML 3Page - Austin Semiconductor AS1419F-IT Datasheet HTML 4Page - Austin Semiconductor AS1419F-IT Datasheet HTML 5Page - Austin Semiconductor AS1419F-IT Datasheet HTML 6Page - Austin Semiconductor AS1419F-IT Datasheet HTML 7Page - Austin Semiconductor AS1419F-IT Datasheet HTML 8Page - Austin Semiconductor AS1419F-IT Datasheet HTML 9Page - Austin Semiconductor AS1419F-IT Datasheet HTML 10Page - Austin Semiconductor AS1419F-IT Datasheet HTML 11Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADC
ADC
ADC
ADC
ADC
AS1419
AS1419A
AS1419 & AS1419A
Rev. 1.5 08/09
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
7
Austin Semiconductor, Inc.
TYPICAL PERFORMANCE CHARACTERISTICS (cont.)
TEST CIRCUITS
Load Circuit for Access timings
Load Circuits for Output Float Delay
PIN FUNCTIONS
+AIN (Pin 1): ±2.5V Positive Analog Input.
–AIN (Pin 2): ±2.5V Negative Analog Input.
VREF (Pin 3): 2.5V Reference Output. Bypass to AGND with
1µF.
REFCOMP (Pin 4): 4.06V Reference Output. Bypass to AGND
with 10
μF tantalum in parallel with 0.1µF or 10µF ceramic.
AGND (Pin 5): Analog Ground.
D13 to D6 (Pins 6 to 13): Three-State Data Outputs. The
output format is 2’s complement.
DGND (Pin 14): Digital Ground for Internal Logic. Tie toAGND.
D5 to D0 (Pins 15 to 20): Three-State Data Outputs. The
output format is 2’s complement.
SHDN\ (Pin 21): Power Shutdown Input. Low selects
shutdown. Shutdown mode selected by CS\. CS\ = 0 for nap
mode and CS\ = 1 for sleep mode.
RD\ (Pin 22): Read Input. This enables the output drivers when
CS\ is low.
CONVST\ (Pin 23): Conversion Start Signal. This active low
signal starts a conversion on its falling edge.
CS\ (Pin 24): Chip Select. The input must be low for the ADC to
recognize CONVST\ and RD\ inputs. CS\ also sets the
shutdown mode when SHDN\ goes low. CS\ and SHDN\ low
select the quick wake-up nap mode. CS\ high and SHDN\ low
select sleep mode.
BUSY\ (Pin 25): The BUSY\ output shows the converter
status. It is low when a conversion is in progress. Data valid on
the rising edge of BUSY\.
V
SS
(Pin 26): – 5V Negative Supply. Bypass to AGND with
10µF tantalum in parallel with 0.1µF or 10µF ceramic.
DV
DD
(Pin 27): 5V Positive Supply. Short to Pin 28.
AV
DD
(Pin 28): 5V Positive Supply. Bypass to AGND with 10µF
tantalum in parallel with 0.1µF or 10µF ceramic.


Similar Part No. - AS1419F-IT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS1431 ETC-AS1431 Datasheet
81Kb / 8P
   Precision Adjustable Shunt Reference
AS1431DR4D13 ETC-AS1431DR4D13 Datasheet
81Kb / 8P
   Precision Adjustable Shunt Reference
AS1431DR4D7 ETC-AS1431DR4D7 Datasheet
81Kb / 8P
   Precision Adjustable Shunt Reference
AS1431DR4DA ETC-AS1431DR4DA Datasheet
81Kb / 8P
   Precision Adjustable Shunt Reference
AS1431DR4DB ETC-AS1431DR4DB Datasheet
81Kb / 8P
   Precision Adjustable Shunt Reference
More results

Similar Description - AS1419F-IT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1419 LINER-LTC1419 Datasheet
401Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1419 LINER-LTC1419_1 Datasheet
263Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1419 LINER-LTC1419_15 Datasheet
269Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1409 LINER-LTC1409 Datasheet
408Kb / 20P
   12-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1409 LINER-LTC1409_15 Datasheet
353Kb / 20P
   12-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1279 LINER-LTC1279 Datasheet
327Kb / 16P
   12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1410 LINER-LTC1410 Datasheet
148Kb / 16P
   12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
LTC1278 LINER-LTC1278_15 Datasheet
289Kb / 16P
   12-Bit, 500ksps Sampling A/D Converter with Shutdown
LTC1279 LINER-LTC1279_15 Datasheet
285Kb / 16P
   12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1278 LINER-LTC1278 Datasheet
329Kb / 16P
   12-Bit, 500ksps Sampling A/D Converter with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com