Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS29LV016J Datasheet(PDF) 11 Page - Austin Semiconductor

Part # AS29LV016J
Description  16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS29LV016J Datasheet(HTML) 11 Page - Austin Semiconductor

Back Button AS29LV016J Datasheet HTML 7Page - Austin Semiconductor AS29LV016J Datasheet HTML 8Page - Austin Semiconductor AS29LV016J Datasheet HTML 9Page - Austin Semiconductor AS29LV016J Datasheet HTML 10Page - Austin Semiconductor AS29LV016J Datasheet HTML 11Page - Austin Semiconductor AS29LV016J Datasheet HTML 12Page - Austin Semiconductor AS29LV016J Datasheet HTML 13Page - Austin Semiconductor AS29LV016J Datasheet HTML 14Page - Austin Semiconductor AS29LV016J Datasheet HTML 15Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
CO
CO
CO
CO
COTS PEM
TS PEM
TS PEM
TS PEM
TS PEM
BOO
BOO
BOO
BOO
BOOT SECT
T SECT
T SECT
T SECT
T SECTOR FLASH
OR FLASH
OR FLASH
OR FLASH
OR FLASH
AS29LV016J
AS29LV016J
Rev. 0.0 02/09
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
11
Austin Semiconductor, Inc.
AUTOSELECT MODE
The autoselect mode provides manufacturer and device
identification, and sector protection verification, through
identifier codes output on DQ7–DQ0. This mode is
primarily intended for programming equipment to
automatically match a device to be programmed with its
corresponding programming algorithm. However, the
autoselect codes can also be accessed in-system
through the command register.
When using programming equipment, the autoselect mode
requires V
ID (11.5 V to 12.5 V) on address pin A9. Address
pins A6, A1, and A0 must be as shown in Table 4 below.
In addition, when verifying sector protection, the sector
address must appear on the appropriate highest order
address bits (see Table 2 on page 9 and Table 3 on
page 10). Table 4, immediately below, shows the
remaining address bits that are don’t care. When all
necessary bits have been set as required, the
programming equipment may then read the corresponding
identifier code on DQ7-DQ0.
To access the autoselect codes in-system, the host
system can issue the autoselect command via the
command register, as shown in Table 9 on page 21. This
method does not require VID. See Command Definitions
on page 17 for details on using the autoselect mode.
SECTOR PROTECTION / UNPROTECTION
The hardware sector group protection feature disables
both program and erase operations in any sector group
(see Table 2 on page 9 to Table 4 on page 11). The
hardware sector group unprotection feature re-enables both
program and erase operations in previously protected
sector groups. Sector group protection/unprotection can
be implemented via two methods.
Sector protection/unprotection requires VID on the
RESET# pin only, and can be implemented either
insystem or via programming equipment. Figure 2 on page
13 shows the algorithms and Figure 22 on page 36 shows
the timing diagram. This method uses standard
microprocessor bus cycle timing. For sector group
unprotect, all unprotected sector groups must first be
protected prior to the first sector group unprotect write
cycle.
The device is shipped with all sector groups unprotected.
ASI offers the option of programming and protecting sector
groups at its factory prior to shipping the device through
ASI Programming Service. Contact an ASI representative
for details.
It is possible to determine whether a sector group is
protected or unprotected. See
Autoselect Mode above
for details.
Table 4: AS29LV016J Autoselect Codes (High Voltage Method)
Description
Mode
CE#
OE#
WE#
A19 to
A10
A9
A8 to
A7
A6
A5 to
A4
A3 to
A2
A1
A0
DQ8 to
DQ15
DQ7 to DQ0
LL
H
X
VID
XLXL
L
L
X
01h
Word
L
L
H
22h
C4h
Byte
L
L
H
X
C4h
Word
L
L
H
22h
49h
Byte
L
L
H
X
49h
X
01h (protected)
X
00h (unprotected)
L= Logic Low = V IL , H=Logic High=V IH , SA = Sector Address, X=Don't Care
Note: The autoselect codes may also be accessed in-system via command sequences. See Table 9 on page 21.
X
X
Sector Protection Verification
L
L
Manufacturer ID: Spansion
Device ID: S29AL016J
(Top Boot Block)
Device ID: S29AL016DJ
(Bottom Boot Block)
XX
LL
HSA
VID
L
H
VID
VID
X
X
L
L
X
XL
LL
H
H
L


Similar Part No. - AS29LV016J

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS29LV016 AUSTIN-AS29LV016 Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016BRG-100/ET AUSTIN-AS29LV016BRG-100/ET Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016BRG-100/XT AUSTIN-AS29LV016BRG-100/XT Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016BRG-70/ET AUSTIN-AS29LV016BRG-70/ET Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016BRG-90/ET AUSTIN-AS29LV016BRG-90/ET Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
More results

Similar Description - AS29LV016J

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS29LV016 AUSTIN-AS29LV016 Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
logo
AMIC Technology
A29L160 AMICC-A29L160_07 Datasheet
531Kb / 42P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L160 AMICC-A29L160 Datasheet
556Kb / 45P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L161B AMICC-A29L161B Datasheet
476Kb / 41P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
A29L160A AMICC-A29L160A Datasheet
572Kb / 42P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
A29L160C AMICC-A29L160C Datasheet
471Kb / 41P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
A29160B AMICC-A29160B Datasheet
508Kb / 43P
   2M X 8 Bit / 1M X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
logo
SPANSION
S29AL016M SPANSION-S29AL016M Datasheet
1Mb / 59P
   16 MEGABIT (2M X 8 BIT / I M X 16 BIT) 3.0 VOLT ONLY BOOT SECTOR FLASH MEMORY
logo
AMIC Technology
A29L800C AMICC-A29L800C Datasheet
444Kb / 37P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only,Boot Sector Flash Memory
A29L800 AMICC-A29L800 Datasheet
396Kb / 41P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com