Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS27C256-25ECAI Datasheet(PDF) 11 Page - Austin Semiconductor

Part # AS27C256-25ECAI
Description  256K UVEPROM UV Erasable Programmable Read-Only Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS27C256-25ECAI Datasheet(HTML) 11 Page - Austin Semiconductor

Back Button AS27C256-25ECAI Datasheet HTML 5Page - Austin Semiconductor AS27C256-25ECAI Datasheet HTML 6Page - Austin Semiconductor AS27C256-25ECAI Datasheet HTML 7Page - Austin Semiconductor AS27C256-25ECAI Datasheet HTML 8Page - Austin Semiconductor AS27C256-25ECAI Datasheet HTML 9Page - Austin Semiconductor AS27C256-25ECAI Datasheet HTML 10Page - Austin Semiconductor AS27C256-25ECAI Datasheet HTML 11Page - Austin Semiconductor AS27C256-25ECAI Datasheet HTML 12Page - Austin Semiconductor AS27C256-25ECAI Datasheet HTML 13Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
UVEPROM
UVEPROM
UVEPROM
UVEPROM
UVEPROM
AS27C256
AS27C256
Rev. 2.0 7/06
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
11
Austin Semiconductor, Inc.
ASI Case #208 (Package Designator ECA)
MECHANICAL DEFINITIONS*
*All measurements are in inches.
b1
Detail A
E1
L1
b
D1
L
See Detail A
e
E
D
A
MIN
MAX
A
0.060
0.120
b
0.022
0.028
b1
0.006
0.022
D
0.442
0.458
D1
E
0.540
0.560
E1
e
L
0.045
0.055
L1
0.075
0.095
0.050 BSC
SYMBOL
SMD SPECIFICATIONS
0.300 BSC
0.400 BSC


Similar Part No. - AS27C256-25ECAI

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS27C010A AUSTIN-AS27C010A Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
logo
Micross Components
AS27C010A MICROSS-AS27C010A Datasheet
281Kb / 11P
   Industry standard 32-pin ceramic dual-in-line package
logo
Austin Semiconductor
AS27C010A-12ECAM AUSTIN-AS27C010A-12ECAM Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
AS27C010A-15ECAM AUSTIN-AS27C010A-15ECAM Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
AS27C010A-20ECAM AUSTIN-AS27C010A-20ECAM Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
More results

Similar Description - AS27C256-25ECAI

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
SMJ27C010A AUSTIN-SMJ27C010A_05 Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
SMJ27C512 AUSTIN-SMJ27C512 Datasheet
127Kb / 11P
   UV Erasable Programmable Read-Only Memory
SMJ27C040 AUSTIN-SMJ27C040 Datasheet
115Kb / 11P
   UV Erasable Programmable Read-Only Memory
logo
Texas Instruments
TMS27C128-1JL TI1-TMS27C128-1JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128-25JL TI1-TMS27C128-25JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128 TI-TMS27C128 Datasheet
139Kb / 14P
[Old version datasheet]   131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS87C257 TI-TMS87C257 Datasheet
333Kb / 9P
[Old version datasheet]   Erasable programmable read-only memory
logo
Fujitsu Component Limit...
MBM2764 FUJITSU-MBM2764 Datasheet
568Kb / 12P
   UV ERASABLE 65536-BIT READ ONLY MEMORY
logo
Texas Instruments
TMS27PC128NL TI-TMS27PC128NL Datasheet
137Kb / 14P
[Old version datasheet]   TMS27C128 131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
logo
Fujitsu Component Limit...
MB8518H FUJITSU-MB8518H Datasheet
390Kb / 11P
   UV ERASABLE 8192-BIT READ ONLY MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com