Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS27C256-25ECAM Datasheet(PDF) 4 Page - Austin Semiconductor

Part # AS27C256-25ECAM
Description  256K UVEPROM UV Erasable Programmable Read-Only Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS27C256-25ECAM Datasheet(HTML) 4 Page - Austin Semiconductor

  AS27C256-25ECAM Datasheet HTML 1Page - Austin Semiconductor AS27C256-25ECAM Datasheet HTML 2Page - Austin Semiconductor AS27C256-25ECAM Datasheet HTML 3Page - Austin Semiconductor AS27C256-25ECAM Datasheet HTML 4Page - Austin Semiconductor AS27C256-25ECAM Datasheet HTML 5Page - Austin Semiconductor AS27C256-25ECAM Datasheet HTML 6Page - Austin Semiconductor AS27C256-25ECAM Datasheet HTML 7Page - Austin Semiconductor AS27C256-25ECAM Datasheet HTML 8Page - Austin Semiconductor AS27C256-25ECAM Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
UVEPROM
UVEPROM
UVEPROM
UVEPROM
UVEPROM
AS27C256
AS27C256
Rev. 2.0 7/06
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
4
Austin Semiconductor, Inc.
READ/OUTPUT DISABLE
When the outputs of two or more AS27C256 are connected in
parallel on the same bus, the output of any particular device in
the circuit can be read with no interference from the
compet-
ing outputs of the other devices. To read the output of the
selected AS27C256, a low-level signal is applied to E\ and G\.
All other devices in the circuit should have their
outputs
disabled by applying a high-level signal to one of these pins.
Output data is accessed at pins DQ0 through DQ7.
LATCHUP IMMUNITY
Latchup immunity on the AS27C256 is a minimum of 250mA on
all inputs and outputs. This feature provides latchup
im-
munity beyond any potential transients at the printed
cir-
cuit board level when the EPROM is interfaced to industry
standard TTL or MOS logic devices. Input/output layout
approach controls latchup without compromising performance
or packing density.
POWER DOWN
Active I
CC
supply current can be reduced from 25mA (AS27C256-
12 through AS27C256-25) to 1mA (TTL-level inputs) or 300µA
(CMOS-level inputs) by applying a high TTL/CMOS signal to
the E\ pin. In this mode all outputs are in the high-impedance
state.
ERASURE
Before programming, the AS27C256 is erased by exposing the
chip through the transparent lid to a high-intensity ultraviolet
light (wavelength 2537 Å). EPROM erasure before program-
ming is necessary to ensure that all bits are in the logic-high
state. Logic-lows are programmed into the desired locations. A
programmed logic-low can be erased only by ultraviolet light.
The recommended minimum exposure dose (UV intensity x ex-
posure time) is 15W•s/cm2. A typical 12mW/cm2, filterless UV
lamp erases the device in 21 minutes. The lamp should be
located about 2.5cm above the chip during erasure. After era-
sure, all bits are in the high state. It should be noted that normal
ambient light contains the correct wavelength for erasure; there-
fore, when using the AS27C256, the window should be covered
with an opaque label.
FLASHRITE PULSE PROGRAMMING
The AS27C256 EPROM is programmed by using the AMD
FLASHRITE Pulse programming algorithm as illustrated by the
flowchart in Figure 1. This algorithm programs the device in a
nominal time of 4 seconds. Actual programming time varies as
a function of the programmer used.
Data is presented in parallel (eight bits) on pins DQ0 to DQ7.
Once addresses and data are stable, E\ is pulsed.
The FLASHRITE Pulse programming algorithm uses initial
pulses of 100 microseconds (µs) followed by a byte-verifica-
tion step to determine when the addressed byte has been suc-
cessfully programmed. Up to 25 100µs pulses per byte are
provided before a failure is recognized.
The programming mode is achieved when V
PP
= 12.75V,
V
CC
= 6.25V, G\ = V
IH
, and E\ = V
IL
. More than one device can be
programmed when the devices are connected in parallel. Loca-
tions can be programmed in any order. When the AMD
FLASHRITE Pulse programming routine is completed, all bits
are verified with V
CC
= V
PP
= 5V.
PROGRAM INHIBIT
Programming can be inhibited by maintaining a high-level
input on E\.
PROGRAM VERIFY
Programmed bits can be verified with V
PP
= 12.75V when G\ =
V
IL
, and E\ = V
IH
.
SIGNATURE MODE
The signature mode provides access to a binary code
iden-
tifying the manufacturer and device type. This mode is acti-
vated when A9 is forced to 12V ±0.5V. Two identifier bytes are
accessed by A0 (terminal 10); i.e., A0=V
IL
accesses the manu-
facturer code, which is output on DQ0-DQ7; A0=V
IH
accesses
the device code, which is also output on DQ0-DQ7. All other
addresses must be held at VIL. Each byte contains odd parity
on bit DQ7. The manufacturer code for these
devices is 01h
and the device code is 10h.


Similar Part No. - AS27C256-25ECAM

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS27C010A AUSTIN-AS27C010A Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
logo
Micross Components
AS27C010A MICROSS-AS27C010A Datasheet
281Kb / 11P
   Industry standard 32-pin ceramic dual-in-line package
logo
Austin Semiconductor
AS27C010A-12ECAM AUSTIN-AS27C010A-12ECAM Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
AS27C010A-15ECAM AUSTIN-AS27C010A-15ECAM Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
AS27C010A-20ECAM AUSTIN-AS27C010A-20ECAM Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
More results

Similar Description - AS27C256-25ECAM

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
SMJ27C010A AUSTIN-SMJ27C010A_05 Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
SMJ27C512 AUSTIN-SMJ27C512 Datasheet
127Kb / 11P
   UV Erasable Programmable Read-Only Memory
SMJ27C040 AUSTIN-SMJ27C040 Datasheet
115Kb / 11P
   UV Erasable Programmable Read-Only Memory
logo
Texas Instruments
TMS27C128-1JL TI1-TMS27C128-1JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128-25JL TI1-TMS27C128-25JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128 TI-TMS27C128 Datasheet
139Kb / 14P
[Old version datasheet]   131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS87C257 TI-TMS87C257 Datasheet
333Kb / 9P
[Old version datasheet]   Erasable programmable read-only memory
logo
Fujitsu Component Limit...
MBM2764 FUJITSU-MBM2764 Datasheet
568Kb / 12P
   UV ERASABLE 65536-BIT READ ONLY MEMORY
logo
Texas Instruments
TMS27PC128NL TI-TMS27PC128NL Datasheet
137Kb / 14P
[Old version datasheet]   TMS27C128 131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
logo
Fujitsu Component Limit...
MB8518H FUJITSU-MB8518H Datasheet
390Kb / 11P
   UV ERASABLE 8192-BIT READ ONLY MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com