Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS27C256-90JM Datasheet(PDF) 6 Page - Austin Semiconductor

Part # AS27C256-90JM
Description  256K UVEPROM UV Erasable Programmable Read-Only Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS27C256-90JM Datasheet(HTML) 6 Page - Austin Semiconductor

Back Button AS27C256-90JM Datasheet HTML 2Page - Austin Semiconductor AS27C256-90JM Datasheet HTML 3Page - Austin Semiconductor AS27C256-90JM Datasheet HTML 4Page - Austin Semiconductor AS27C256-90JM Datasheet HTML 5Page - Austin Semiconductor AS27C256-90JM Datasheet HTML 6Page - Austin Semiconductor AS27C256-90JM Datasheet HTML 7Page - Austin Semiconductor AS27C256-90JM Datasheet HTML 8Page - Austin Semiconductor AS27C256-90JM Datasheet HTML 9Page - Austin Semiconductor AS27C256-90JM Datasheet HTML 10Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
UVEPROM
UVEPROM
UVEPROM
UVEPROM
UVEPROM
AS27C256
AS27C256
Rev. 2.0 7/06
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
6
Austin Semiconductor, Inc.
*Stresses greater than those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the
operation section of this specification is not implied.
Expo-
sure to absolute maximum rating conditions for extended peri-
ods may affect reliability.
** All voltage values are with respect to GND.
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage Range, V
CC
**...........................-0.6V to +7.0V
Supply Voltage Range, V
pp
**...............................-0.6V to +13.5V
Input Voltage Range, All inputs except A9
**..-0.6V to +6.0V
A9.....-0.6V to +13.5V
Output Voltage Range**...............................-0.6V to V
CC
+.6V
Minimum Operating Free-air Temperature, T
A
..............-55°C
Maximum Operating Case Temperature, T
C
...................125°C
Storage Temperature Range, T
stg
.....................-65°C to 150°C
RECOMMENDED OPERATING CONDITIONS
NOTES:
1. V
CC must be applied before or at the same time as VPP and removed after or at the same time as VPP.
The deivce must not be inserted into or
removed from the board when V
PP or VCC is applied.
2. V
PP can be connected to VCC directly (except in the program mode).
V
CC supply current in this case would be ICC2 + IPP1.
ELECTRICAL CHARACTERISTICS OVER RECOMMENDED RANGES OF SUPPLY VOLTAGE
AND OPERATING FREE-AIR TEMPERATURE
NOTES:
1. Typical values are at T
A
=25°C and nominal voltages.
2. This parameter has been characterized at 25°C and is not tested.
TEST CONDITIONS
MIN
TYP
1
MAX
UNIT
VOH
IOH = -400µA
2.4
V
VOL
IOL = 2.1mA
0.4
V
II
VI = 0V to 5.5V
±1
µA
IO
VO = 0V to VCC
±5
µA
IPP1
VPP = VCC = 5.5V
100
µA
IPP2
VPP = 13V
30
50
mA
TTL-Input Level
VCC = 5.5V, E\=VIH
1mA
CMOS-Input Level
VCC = 5.5V, E\=VCC
300
µA
ICC2
VCC supply current (active)
'27C256-12
'27C256-15
'27C256-17
'27C256-20,-25
E\=VIL, VCC=5.5V
tcycle = minimum, outputs
open
15
25
mA
PARAMETER
ICC1
VCC supply current (standby)
High-level output voltage
Low-level output voltage
Input current (leakage)
VPP supply current
Output current (leakage)
VPP supply current (during program pulse)
2
MIN
TYP
MAX
4.5
5
5.5
6
6.25
6.5
VCC-0.6
12.5
12.75
13
TTL inputs
2.2
VCC+.6
CMOS inputs
VCC-0.2
VCC+.6
TTL inputs
-0.5
0.8
CMOS inputs
-0.5
0.2
VID
11.5
12
12.5
TA
-55
TC
+125
VCC
Read Mode
1
FLASHRITE Pulse programming algorithm
Supply Voltage
Read Mode
2
FLASHRITE Pulse programming algorithm
VPP
High-level input voltage
VIH
Supply Voltage
VIL
Low-level input voltage
Operating free-air temperature
Operating case temperature
Voltage level on A9 for signature mode


Similar Part No. - AS27C256-90JM

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS27C010A AUSTIN-AS27C010A Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
logo
Micross Components
AS27C010A MICROSS-AS27C010A Datasheet
281Kb / 11P
   Industry standard 32-pin ceramic dual-in-line package
logo
Austin Semiconductor
AS27C010A-12ECAM AUSTIN-AS27C010A-12ECAM Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
AS27C010A-15ECAM AUSTIN-AS27C010A-15ECAM Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
AS27C010A-20ECAM AUSTIN-AS27C010A-20ECAM Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
More results

Similar Description - AS27C256-90JM

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
SMJ27C010A AUSTIN-SMJ27C010A_05 Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
SMJ27C512 AUSTIN-SMJ27C512 Datasheet
127Kb / 11P
   UV Erasable Programmable Read-Only Memory
SMJ27C040 AUSTIN-SMJ27C040 Datasheet
115Kb / 11P
   UV Erasable Programmable Read-Only Memory
logo
Texas Instruments
TMS27C128-1JL TI1-TMS27C128-1JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128-25JL TI1-TMS27C128-25JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128 TI-TMS27C128 Datasheet
139Kb / 14P
[Old version datasheet]   131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS87C257 TI-TMS87C257 Datasheet
333Kb / 9P
[Old version datasheet]   Erasable programmable read-only memory
logo
Fujitsu Component Limit...
MBM2764 FUJITSU-MBM2764 Datasheet
568Kb / 12P
   UV ERASABLE 65536-BIT READ ONLY MEMORY
logo
Texas Instruments
TMS27PC128NL TI-TMS27PC128NL Datasheet
137Kb / 14P
[Old version datasheet]   TMS27C128 131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
logo
Fujitsu Component Limit...
MB8518H FUJITSU-MB8518H Datasheet
390Kb / 11P
   UV ERASABLE 8192-BIT READ ONLY MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com