Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS27C010A-20ECAM Datasheet(PDF) 5 Page - Austin Semiconductor

Part # AS27C010A-20ECAM
Description  1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS27C010A-20ECAM Datasheet(HTML) 5 Page - Austin Semiconductor

  AS27C010A-20ECAM Datasheet HTML 1Page - Austin Semiconductor AS27C010A-20ECAM Datasheet HTML 2Page - Austin Semiconductor AS27C010A-20ECAM Datasheet HTML 3Page - Austin Semiconductor AS27C010A-20ECAM Datasheet HTML 4Page - Austin Semiconductor AS27C010A-20ECAM Datasheet HTML 5Page - Austin Semiconductor AS27C010A-20ECAM Datasheet HTML 6Page - Austin Semiconductor AS27C010A-20ECAM Datasheet HTML 7Page - Austin Semiconductor AS27C010A-20ECAM Datasheet HTML 8Page - Austin Semiconductor AS27C010A-20ECAM Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
UVEPROM
UVEPROM
UVEPROM
UVEPROM
UVEPROM
SMJ27C010A
AS27C010A
SMJ27C010A
AS27C010A
Rev. 2.1 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
5
Austin Semiconductor, Inc.
*Stresses greater than those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the
operation section of this specification is not implied.
Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
** All voltage values are with respect to GND.
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage Range, V
CC
**...........................-0.6V to +7.0V
Supply Voltage Range, V
pp
**.........................-0.6V to +14.0V
Input Voltage Range, All inputs except A9
**..-0.6V to V
CC
+1
A9.....-0.6V to +13.5V
Output Voltage Range,
with respect to V
SS
**..................................-0.6V to V
CC
+1
Operating Free-air Temperature Range, T
A
....-55°C to 125°C
Storage Temperature Range, T
stg
.....................-65°C to 150°C
RECOMMENDED OPERATING CONDITIONS
NOTES:
1. V
CC
must be applied before or at the same time as V
PP
and removed after or at the same time as V
PP
. The deivce must not be inserted into or removed from
the board when V
PP
or V
CC
is applied.
2. During programming, V
PP
must be maintained at 13V ± 0.25V.
ELECTRICAL CHARACTERISTICS OVER RECOMMENDED RANGES OF SUPPLY VOLTAGE
AND OPERATING FREE-AIR TEMPERATURE
NOTES:
1. Minimum cycle time = maximum access time.
MIN
NOM
MAX
UNIT
4.5
5
5.5
V
6.25
6.5
6.75
V
VCC-0.6
VCC
VCC+0.6
V
12.75
13
13.25
V
TTL
2
VCC+0.5
V
CMOS
VCC-0.2
VCC+0.5
V
TTL
-0.5
0.8
V
CMOS
-0.5
GND+0.2
V
TA
-55
125
°C
VIL
Low-level DC input voltage
Operating free-air temperature
Read Mode
2
SNAP! Pulse programming algorithm
VPP
High-level DC input voltage
VIH
Supply Voltage
VCC
Read Mode
1
SNAP! Pulse programming algorithm
Supply Voltage
TEST CONDITIONS
MIN
MAX
UNIT
IOH = -20µA
VCC-0.2
IOH = -2.5mA
3.5
IOL = 2.1mA
0.4
IOL = 20µA
0.1
II
VI = 0V to 5.5V
±1
µA
IO
VO = 0V to VCC
±1
µA
IPP1
VPP = VCC = 5.5V
10
µA
IPP2
VPP = 13V
50
mA
TTL-Input Level
VCC = 5.5V, E\=VIH
500
CMOS-Input Level
VCC = 5.5V, E\=VCC±0.2V
100
ICC2
E\=VIL, VCC=5.5V
tcycle = minimum cycle time,
outputs open
1
30
mA
µA
High-level DC output voltage
Low-level DC output voltage
V
V
VCC supply current (active) (output open)
PARAMETER
ICC1
VCC supply current (standby)
Input current (leakage)
VPP supply current
Output current (leakage)
VPP supply current (during program pulse)
VOL
VOH


Similar Part No. - AS27C010A-20ECAM

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS27C010A MICROSS-AS27C010A Datasheet
281Kb / 11P
   Industry standard 32-pin ceramic dual-in-line package
More results

Similar Description - AS27C010A-20ECAM

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS27C256 AUSTIN-AS27C256 Datasheet
292Kb / 13P
   256K UVEPROM UV Erasable Programmable Read-Only Memory
SMJ27C512 AUSTIN-SMJ27C512 Datasheet
127Kb / 11P
   UV Erasable Programmable Read-Only Memory
SMJ27C040 AUSTIN-SMJ27C040 Datasheet
115Kb / 11P
   UV Erasable Programmable Read-Only Memory
logo
Texas Instruments
TMS27C128-1JL TI1-TMS27C128-1JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128-25JL TI1-TMS27C128-25JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128 TI-TMS27C128 Datasheet
139Kb / 14P
[Old version datasheet]   131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS87C257 TI-TMS87C257 Datasheet
333Kb / 9P
[Old version datasheet]   Erasable programmable read-only memory
logo
Fujitsu Component Limit...
MBM2764 FUJITSU-MBM2764 Datasheet
568Kb / 12P
   UV ERASABLE 65536-BIT READ ONLY MEMORY
logo
Texas Instruments
TMS27PC128NL TI-TMS27PC128NL Datasheet
137Kb / 14P
[Old version datasheet]   TMS27C128 131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
logo
Fujitsu Component Limit...
MB8518H FUJITSU-MB8518H Datasheet
390Kb / 11P
   UV ERASABLE 8192-BIT READ ONLY MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com