Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS28C010 Datasheet(PDF) 11 Page - Austin Semiconductor

Part # AS28C010
Description  128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS28C010 Datasheet(HTML) 11 Page - Austin Semiconductor

Back Button AS28C010 Datasheet HTML 6Page - Austin Semiconductor AS28C010 Datasheet HTML 7Page - Austin Semiconductor AS28C010 Datasheet HTML 8Page - Austin Semiconductor AS28C010 Datasheet HTML 9Page - Austin Semiconductor AS28C010 Datasheet HTML 10Page - Austin Semiconductor AS28C010 Datasheet HTML 11Page - Austin Semiconductor AS28C010 Datasheet HTML 12Page - Austin Semiconductor AS28C010 Datasheet HTML 13Page - Austin Semiconductor AS28C010 Datasheet HTML 14Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
EEPROM
EEPROM
EEPROM
EEPROM
EEPROM
AS28C010
AS28C010
Rev. 1.5 5/06
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
11
Austin Semiconductor, Inc.
*All measurements are in inches.
ASI Case #306 (Package Designator F)
SMD 5962-38267, Case Outline M
MECHANICAL DEFINITIONS*
MIN
MAX
A
0.097
0.123
A1
0.090
0.110
b
0.015
0.019
c
0.003
0.007
D
0.810
0.830
D2
0.745
0.755
E
0.425
0.445
E1
0.330
0.356
e
0.045
0.055
H
1.000
1.100
L
0.290
0.310
Q
0.026
0.037
SYMBOL
SMD SPECIFICATIONS
NOTE: All drawings are per the SMD. ASI's package dimensional limits may differ, but they will be within the SMD limits.
D
E
L
e
b
Top View
H
c
E1
A
Q
D2
A1


Similar Part No. - AS28C010

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS28C010 MICROSS-AS28C010 Datasheet
307Kb / 15P
   Hardware Data Protection
More results

Similar Description - AS28C010

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64 Datasheet
310Kb / 16P
   5 Volt, Byte Alterable EEPROM
X28HC64 INTERSIL-X28HC64_06 Datasheet
257Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28HC64 INTERSIL-X28HC64_09 Datasheet
363Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28HC64 RENESAS-X28HC64 Datasheet
784Kb / 18P
   64k, 8k x 8-Bit 5 Volt, Byte Alterable EEPROM
logo
Austin Semiconductor
AS58C1001 AUSTIN-AS58C1001_02 Datasheet
294Kb / 22P
   128K x 8 EEPROM EEPROM Memory
AS58C1001 AUSTIN-AS58C1001_08 Datasheet
351Kb / 21P
   128K x 8 EEPROM EEPROM Memory
logo
Intersil Corporation
X28C010 INTERSIL-X28C010_07 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com