Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJ27C010A Datasheet(PDF) 4 Page - Austin Semiconductor

Part # SMJ27C010A
Description  1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

SMJ27C010A Datasheet(HTML) 4 Page - Austin Semiconductor

  SMJ27C010A Datasheet HTML 1Page - Austin Semiconductor SMJ27C010A Datasheet HTML 2Page - Austin Semiconductor SMJ27C010A Datasheet HTML 3Page - Austin Semiconductor SMJ27C010A Datasheet HTML 4Page - Austin Semiconductor SMJ27C010A Datasheet HTML 5Page - Austin Semiconductor SMJ27C010A Datasheet HTML 6Page - Austin Semiconductor SMJ27C010A Datasheet HTML 7Page - Austin Semiconductor SMJ27C010A Datasheet HTML 8Page - Austin Semiconductor SMJ27C010A Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
UVEPROM
UVEPROM
UVEPROM
UVEPROM
UVEPROM
SMJ27C010A
AS27C010A
SMJ27C010A
AS27C010A
Rev. 2.1 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
4
Austin Semiconductor, Inc.
FIGURE 1. SNAP! PULSE PROGRAMMING FLOW CHART
START
Address = First Location
Increment Address
X = 0
Last
Address?
VCC = VPP = 5V ± 0.5V
Compare
All Bytes
to Original
Data
Device Passed
Increment
Address
Address = First Location
VCC = 6.5V ± 0.25V, VPP = 13V ± 0.25V
Program One Pulse = tW = 100µs
Last
Address?
X = X+1
X = 10?
Program One Pulse = tW = 100µs
No
Fail
No
Yes
Verify
One
Byte
No
Pass
Device Failed
Yes
Yes
Pass
Fail
Program
Mode
Interactive
Mode
Final
Verification


Similar Part No. - SMJ27C010A

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
SMJ27C010A AUSTIN-SMJ27C010A Datasheet
142Kb / 11P
   UVEPROM
logo
Micross Components
SMJ27C010A MICROSS-SMJ27C010A Datasheet
281Kb / 11P
   Industry standard 32-pin ceramic dual-in-line package
logo
Austin Semiconductor
SMJ27C010A-12 AUSTIN-SMJ27C010A-12 Datasheet
142Kb / 11P
   UVEPROM
SMJ27C010A-15 AUSTIN-SMJ27C010A-15 Datasheet
142Kb / 11P
   UVEPROM
SMJ27C010A-20 AUSTIN-SMJ27C010A-20 Datasheet
142Kb / 11P
   UVEPROM
More results

Similar Description - SMJ27C010A

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS27C256 AUSTIN-AS27C256 Datasheet
292Kb / 13P
   256K UVEPROM UV Erasable Programmable Read-Only Memory
SMJ27C512 AUSTIN-SMJ27C512 Datasheet
127Kb / 11P
   UV Erasable Programmable Read-Only Memory
SMJ27C040 AUSTIN-SMJ27C040 Datasheet
115Kb / 11P
   UV Erasable Programmable Read-Only Memory
logo
Texas Instruments
TMS27C128-1JL TI1-TMS27C128-1JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128-25JL TI1-TMS27C128-25JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128 TI-TMS27C128 Datasheet
139Kb / 14P
[Old version datasheet]   131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS87C257 TI-TMS87C257 Datasheet
333Kb / 9P
[Old version datasheet]   Erasable programmable read-only memory
logo
Fujitsu Component Limit...
MBM2764 FUJITSU-MBM2764 Datasheet
568Kb / 12P
   UV ERASABLE 65536-BIT READ ONLY MEMORY
logo
Texas Instruments
TMS27PC128NL TI-TMS27PC128NL Datasheet
137Kb / 14P
[Old version datasheet]   TMS27C128 131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
logo
Fujitsu Component Limit...
MB8518H FUJITSU-MB8518H Datasheet
390Kb / 11P
   UV ERASABLE 8192-BIT READ ONLY MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com