Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS8nvC512K32QC-45XT Datasheet(PDF) 9 Page - Austin Semiconductor

Part # AS8nvC512K32QC-45XT
Description  512K x 32 Module nvSRAM 5.0V High Speed SRAM with Non-Volatile Storage
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8nvC512K32QC-45XT Datasheet(HTML) 9 Page - Austin Semiconductor

Back Button AS8nvC512K32QC-45XT Datasheet HTML 5Page - Austin Semiconductor AS8nvC512K32QC-45XT Datasheet HTML 6Page - Austin Semiconductor AS8nvC512K32QC-45XT Datasheet HTML 7Page - Austin Semiconductor AS8nvC512K32QC-45XT Datasheet HTML 8Page - Austin Semiconductor AS8nvC512K32QC-45XT Datasheet HTML 9Page - Austin Semiconductor AS8nvC512K32QC-45XT Datasheet HTML 10Page - Austin Semiconductor AS8nvC512K32QC-45XT Datasheet HTML 11Page - Austin Semiconductor AS8nvC512K32QC-45XT Datasheet HTML 12Page - Austin Semiconductor AS8nvC512K32QC-45XT Datasheet HTML 13Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AUSTIN SEMICONDUCTOR, INC.
nvSRAM
nvSRAM
nvSRAM
nvSRAM
nvSRAM
AS8nvC512K32
AS8nvC512K32
Rev. 0.0 08/09
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
9
Austin Semiconductor, Inc.
ADVANCE INFORMATION
AC Switching Characteristics
Switching Waveforms
SRAM Read Cycle #1: Address Controlled 13, 14, 17
Address
Data Output
Address Valid
Previous Data Valid
Output Data Valid
t
RC
t
AA
t
OHA
Notes
13.WE\ must be HIGH during SRAM read cycles.
14. Device is continuously selected with CE\, OE\ LOW.
15.Measured ±200 mV from steady state output voltage.
16. If WE\ is LOW when CE\ goes LOW, the outputs remain in the high impedance state.
17. HSB\ must remain HIGH during read and write cycles.
Austin Semi
Parameters
Alt
Parameters
Min
Max
Min
Max
Min
Max
tACE
tACS
Chip Enable Access Time
20
25
45
ns
tRC
13
tRC
Read Cycle Time
20
25
45
ns
tAA
14
tAA
Address Access Time
20
25
45
ns
tDOE
tOE
Output Enable to Data Valid
10
12
20
ns
tOHA
14
tOH
Output Hold After Address Change
2
2
2
ns
tLZCE
12, 15
tLZ
Chip Enable to Output Active
2
2
2
ns
tHZCE
12, 15
tHZ
Chip Disable to Output Active
8
10
15
ns
tLZOE
12, 15
tOLZ
Output Enable to Output Active
0
0
0
ns
tHZOE
12, 15
tOHZ
Output Disable to Output Inactive
8
10
15
ns
tPU
12
tPA
Chip Enable to Power Active
0
0
0
ns
tPD
12
tPS
Chip Disable to Power Standby
20
25
45
ns
tDBE
Byte Enable to Data Valid
10
12
20
ns
tLZBE
12
Byte Enable to Output Active
0
0
0
ns
tHZBE
12
Byte Disable to Output Inactive
8
10
15
ns
tWC
tWC
Write Cycle Time
20
25
45
ns
tPWE
tWP
Write Pulse Width
15
20
30
ns
tSCE
tCW
Chip Enable to End of Write
15
20
30
ns
tSD
tDW
Data Setup to End of Write
8
10
15
ns
tHD
tDH
Data Hold After End of Write
0
0
0
ns
tAW
tAW
Address Setup to End of Write
15
20
30
ns
tSA
tAS
Address Setup to End of Write
0
0
0
ns
tHA
tWR
Address Hold After End of Write
0
0
0
ns
tHZWE
12, 15, 16
tWZ
Write Enable to Output Disable
8
10
15
ns
tLZWE
12, 15
tOW
Output Active after End of Write
2
2
2
ns
tBW
Byte Enable to End of Write
15
20
30
ns
SRAM Read Cycle
SRAM Write Cycle
Parameters
Description
20 ns
25 ns
45 ns
Unit


Similar Part No. - AS8nvC512K32QC-45XT

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8NVLC512K32 AUSTIN-AS8NVLC512K32 Datasheet
374Kb / 17P
   512K x 32 Module nvSRAM 3.3V High Speed SRAM with Non-Volatile Storage
AS8nvLC512K32Q-20XT AUSTIN-AS8nvLC512K32Q-20XT Datasheet
374Kb / 17P
   512K x 32 Module nvSRAM 3.3V High Speed SRAM with Non-Volatile Storage
AS8nvLC512K32Q-25XT AUSTIN-AS8nvLC512K32Q-25XT Datasheet
374Kb / 17P
   512K x 32 Module nvSRAM 3.3V High Speed SRAM with Non-Volatile Storage
AS8nvLC512K32Q-45XT AUSTIN-AS8nvLC512K32Q-45XT Datasheet
374Kb / 17P
   512K x 32 Module nvSRAM 3.3V High Speed SRAM with Non-Volatile Storage
AS8nvLC512K32QC-20XT AUSTIN-AS8nvLC512K32QC-20XT Datasheet
374Kb / 17P
   512K x 32 Module nvSRAM 3.3V High Speed SRAM with Non-Volatile Storage
More results

Similar Description - AS8nvC512K32QC-45XT

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8NVLC512K32 AUSTIN-AS8NVLC512K32 Datasheet
374Kb / 17P
   512K x 32 Module nvSRAM 3.3V High Speed SRAM with Non-Volatile Storage
logo
Hanbit Electronics Co.,...
HMN5128D HANBIT-HMN5128D Datasheet
174Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
HMN5128DV HANBIT-HMN5128DV Datasheet
182Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 3.3V
logo
DLG Hanbit co.,Ltd.
HMN5128D DLGHANBIT-HMN5128D Datasheet
581Kb / 7P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
logo
Lyontek Inc.
LY61L51332A LYONTEK-LY61L51332A_17 Datasheet
781Kb / 13P
   512K X 32 BIT HIGH SPEED CMOS SRAM
logo
DLG Hanbit co.,Ltd.
HMN5128DV DLGHANBIT-HMN5128DV Datasheet
564Kb / 6P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 3.3V
logo
Hanbit Electronics Co.,...
HMN5128JV HANBIT-HMN5128JV Datasheet
166Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),34Pin-JLCC, 3.3V
logo
Alliance Semiconductor ...
AS7C4096A ALSC-AS7C4096A Datasheet
324Kb / 10P
   5.0V 512K x 8 CMOS SRAM
logo
List of Unclassifed Man...
EDI8M4512C ETC1-EDI8M4512C Datasheet
67Kb / 1P
   512K X 4 SRAM CMOS HIGH SPEED MODULE
3DS16-325 ETC-3DS16-325 Datasheet
72Kb / 3P
   512K x 32 Bit High-Speed CMOS Static RAM-5.0V Operating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com